Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV7161SPA2 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # HV7161SPA2
Description  CMOS Image Sensor with Image Signal Processing
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HV7161SPA2 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button HV7161SPA2 Datasheet HTML 36Page - List of Unclassifed Manufacturers HV7161SPA2 Datasheet HTML 37Page - List of Unclassifed Manufacturers HV7161SPA2 Datasheet HTML 38Page - List of Unclassifed Manufacturers HV7161SPA2 Datasheet HTML 39Page - List of Unclassifed Manufacturers HV7161SPA2 Datasheet HTML 40Page - List of Unclassifed Manufacturers HV7161SPA2 Datasheet HTML 41Page - List of Unclassifed Manufacturers HV7161SPA2 Datasheet HTML 42Page - List of Unclassifed Manufacturers HV7161SPA2 Datasheet HTML 43Page - List of Unclassifed Manufacturers HV7161SPA2 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 72 page
background image
HV7161SPA2
CMOS Image Sensor
Confidential
With Image Signal Processing
This document has a general product description and is subject to change without notice.
MagnaChip Semiconductor Ltd. does not assume any responsibility for use of circuits described
and no patent licenses are implied.
- 40 -
2005 MagnaChip Semiconductor Ltd.
Saturation value range is from 0.0x to 1.99x
< Contrast & Saturation parameter >
* Parameter is multiplied by 128.
Number
Contrast &
Saturation (hex)
Number
Contrast &
Saturation (hex)
0.1
0D
1.1
8D
0.2
1A
1.2
9A
0.3
26
1.3
A6
0.4
33
1.4
B3
0.5
40
1.5
C0
0.6
4D
1.6
CD
0.7
5A
1.7
DA
0.8
66
1.8
E6
0.9
73
1.9
F3
1.0
80
1.99
FF
Edge Weight Control value [EGWTCON : 5dh : 00h]
7
6
5
4
3
2
1
0
Reserved
Edge Weight
0
0
0
0
0
0
0
0
Edge weight control value range is from 0.5x to 8.0x.
Edge Enhancement Vth Low [EDTHLO : 5eh : 10h]
7
6
5
4
3
2
1
0
Edge Enhancement Vth Low
0
0
0
1
0
0
0
0
Suppression Pre Amp Gain Min [SUPGMIN : 60h : 24h]
7
6
5
4
3
2
1
0
Suppression Pre Amp Gain Min
0
0
1
0
0
1
0
0
Saturation Pre Amp Gain Min [SATGMIN : 61h : 24h]
7
6
5
4
3
2
1
0


Similar Part No. - HV7161SPA2

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV7100 SUTEX-HV7100 Datasheet
282Kb / 7P
   24V/48V Fan Driver/Controller With High-Side Drive
HV7100NG-G SUTEX-HV7100NG-G Datasheet
807Kb / 8P
   24/48V Fan Driver/Controller With High-Side Drive
HV7100NG-GM903 SUTEX-HV7100NG-GM903 Datasheet
807Kb / 8P
   24/48V Fan Driver/Controller With High-Side Drive
HV7100 SUTEX-HV7100_13 Datasheet
807Kb / 8P
   24/48V Fan Driver/Controller With High-Side Drive
logo
Hynix Semiconductor
HV7121B HYNIX-HV7121B Datasheet
446Kb / 30P
   CMOS IMAGE SENSOR With 8-bit ADC
More results

Similar Description - HV7161SPA2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HV7131GP ETC-HV7131GP Datasheet
2Mb / 61P
   CMOS Image Sensor with Image Signal Processing
logo
Hynix Semiconductor
HV7151SP HYNIX-HV7151SP Datasheet
863Kb / 89P
   CMOS Image Sensor with Image Signal Processing
logo
List of Unclassifed Man...
HV7131RP ETC-HV7131RP Datasheet
1Mb / 79P
   CMOS Image Sensor with Image Signal Processing
logo
Sanyo Semicon Device
LC99062-W50 SANYO-LC99062-W50 Datasheet
184Kb / 7P
   Image Sensor Signal Processing LSI?
logo
Samsung semiconductor
S5C7322X SAMSUNG-S5C7322X Datasheet
8Mb / 35P
   CMOS IMAGE SENSOR(CIS) IMAGE SIGNAL PROCESSOR
logo
Hynix Semiconductor
H1A424M167 HYNIX-H1A424M167 Datasheet
374Kb / 47P
   Image Signal Processor for Hyundai CMOS Image Sensor
logo
STMicroelectronics
IMSA110 STMICROELECTRONICS-IMSA110 Datasheet
354Kb / 26P
   IMAGE AND SIGNAL PROCESSING SUB.SYSTEM
logo
List of Unclassifed Man...
PS50276 ETC2-PS50276 Datasheet
65Kb / 1P
   CMOS Image Sensor
logo
ON Semiconductor
KAC-12040 ONSEMI-KAC-12040_16 Datasheet
820Kb / 41P
   CMOS Image Sensor
March, 2016 ??Rev. 5
KAC-06040 ONSEMI-KAC-06040_16 Datasheet
877Kb / 43P
   CMOS Image Sensor
March, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com