Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HV7161SPA2 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. HV7161SPA2
Description  CMOS Image Sensor with Image Signal Processing
Download  72 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

HV7161SPA2 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
HV7161SPA2
CMOS Image Sensor
Confidential
With Image Signal Processing
This document has a general product description and is subject to change without notice.
MagnaChip Semiconductor Ltd. does not assume any responsibility for use of circuits described
and no patent licenses are implied.
- 4 -
2005 MagnaChip Semiconductor Ltd.
General Description
1.3Mega pixel CIS is a highly integrated single chip CMOS color image sensor implemented by
proprietary MagnaChip 0.18um CMOS sensor process realizing high sensitivity and wide dynamic
range. Total active pixel array is 1.3Mega size. Each active pixel composed of 4 transistors has a
micro-lens to enhance sensitivity, and converts photon energy to analog pixel voltage. On-chip
11bit Analog to Digital Converter (ADC) digitizes analog pixel voltage, and on-chip Correlated
Double Sampling (CDS) scheme reduces Fixed Pattern Noise (FPN) dramatically. General image
processing functions are implemented to diversify its applications, and various output formats are
supported for the sensor to easily interface with different video codec chips. The integration of
sensor function and image processing functions make 1.3Mega pixel CIS especially very suitable
for mobile imaging systems such as digital still camera, PC input camera and IMT-2000 phone’s
video part that requires very low power and system compactness.
Features
Optical format
1/3.7 inch
Total pixel array
1298 x 982
Active window pixel array
1280 x 960
Optical black array
Upper: 2-line, Lower: 2-line
Pixel size
3.2
µm x 3.2µm
Color filter array
RGB mosaic
Micro-lens for high sensitivity and on-chip 11 bit ADC
Correlated double sampling (CDS) for reduction of Fixed Pattern Noise (FPN)
Auto Black Level Compensation (ABLC) for reduction of the dark signal
Gamma correction by programmable piecewise linear approximation
Optimized color interpolation, false color suppression, and edge enhancement
Adaptive random noise filter
Color correction by programmable 3x3 matrix operation
Color space conversion from RGB to YCbCr or YUV
Sub-sampling modes : 1/4(VGA), 1/16(QVGA), 4CIF, CIF, and QCIF
Various output formats: CCIR-601, CCIR-656 Compatible
YCbCr 4:2:2, YCbCr 4:4:4, RGB 4:4:4, RGB5:6:5
8bit and 11bit Bayer raw
8bit/16bit Data Bus Mode
Support fixed-frame rate mode and single shot mode
Automatic Exposure control(AE) and Automatic White Balance control(AWB)
Special image functions: hue, saturation, brightness, contrast, negative, sepia, gray, and mono.
Focus value generation from image information for supporting auto focus function
Hard and soft power save mode
Typical supply voltage: Internal 1.8V and 2.5V to 2.8V, and I/O 2.5V to 2.8V
Operation Temperature : -10 ~ +50 degrees Celsius
Package Types: CLCC 48 PIN, COB(Chip-on-Board), COF(Chip-on-Flex)
Internal wide-range PLL
Frame Rate: 15fps at MCLK 21MHz and PLL 2x mode, or fixed frame rate supported.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HV7151SPCMOS Image Sensor with Image Signal Processing 1 2 3 4 5 MoreHynix Semiconductor
HV7131GPCMOS Image Sensor with Image Signal Processing 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HV7131RPCMOS Image Sensor with Image Signal Processing 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HB7141DCMOS IMAGE SENSOR With 8-bit ADC 1 2 3 4 5 MoreHynix Semiconductor
LZ0P38001/4-type Built-in Lens Color CMOS Image Sensor with 110 k Pixels 1 2 3 4 5 MoreSharp Electrionic Components
ICM202BCIF/QCIF CMOS image sensor with digital YUV output 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LC99062-W50Image Sensor Signal Processing LSI  1 2 3 4 5 MoreSanyo Semicon Device
LZ34B101/4-type Color CMOS Image Sensor with 350 k Pixels 1 2 Sharp Electrionic Components
ICM515NBColor CMOS Image Sensor With 574x483 Pixel NTSC Composite Video Output 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ICM205BVGA/QVGA CMOS image sensor with digital YUV output 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn