Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HV7161SPA2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. HV7161SPA2
Description  CMOS Image Sensor with Image Signal Processing
Download  72 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

HV7161SPA2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 2 / 72 page
background image
HV7161SPA2
CMOS Image Sensor
Confidential
With Image Signal Processing
This document has a general product description and is subject to change without notice.
MagnaChip Semiconductor Ltd. does not assume any responsibility for use of circuits described
and no patent licenses are implied.
- 2 -
2005 MagnaChip Semiconductor Ltd.
Revision History
Revision
Script Date
Comments
V0.0
2003/11/19/Wed.
1.3Mega Pixel CIS Preliminary is released
V0.1
2004/03/19/Fri.
Some descriptions are corrected
V0.2
2004/04/01/Wed.
Some PLL registers are changed.
Some descriptions are simplified.
V0.3
2004/04/06/Tue.
Pin diagram is corrected and some analog registers are removed.
V0.4
2004/04/23/Fri.
Frame timing and integration time are corrected.
V0.5
2004/06/03/Thu.
Window mode and image size are corrected.
V0.6
2004/07/20/Tue.
Fixed frame rate
V0.7
2004/08/06/Fri.
PCTRB, Anti-Banding Mode
V2.0
2004/08/12/Thu.
1st full revision
Device ID, Focus value, window mode, and image size
V2.1
2004/08/27/Fri.
CLCC Package Drawing added
AWB Red/Blue Gain Maximum/Minimum Value
V2.2
2004/09/17/Fri.
Typical application, pin description, and pin function
V2.3
2004/09/20/Mon.
Some register bits corrected and video mode setting modified.
V2.4
2004/10/25/Tue.
Bayer 11bit enable(OUTFMT[31h])
V2.5
2004/12/23/Thu.
* Output data according to video mode (page 54)
* Pin diagram(symbol VDD:P and VDD:PH),
* AC/DC characteristics (symbol and typical voltage condition),
and electro-optical characteristics (description) changed.
QCIF
mode removed.
* All 2.5V power supplies are changed to '2.5V to 2.8V'.
V2.6
2005/01/04/Tue.
DC Operating Conditions, Electro-Optical Characteristics and
Condition
V3.0
2005/01/20/Thu.
2nd full revision
Noise filter, Focal value generator, Contrast, Digital controlled
analog gain calibration, and QCIF
Copyright by MagnaChip Semiconductor Ltd., all right reserved 2005
Disclaimer
This document has general product descriptions and is subject to change without any notice.
MagnaChip Semiconductor Ltd., assumes no responsibility on using of circuit described. Also, no
patent licenses are implied.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HV7151SPCMOS Image Sensor with Image Signal Processing 1 2 3 4 5 MoreHynix Semiconductor
HV7131GPCMOS Image Sensor with Image Signal Processing 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HV7131RPCMOS Image Sensor with Image Signal Processing 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HB7141DCMOS IMAGE SENSOR With 8-bit ADC 1 2 3 4 5 MoreHynix Semiconductor
LZ0P38001/4-type Built-in Lens Color CMOS Image Sensor with 110 k Pixels 1 2 3 4 5 MoreSharp Electrionic Components
ICM202BCIF/QCIF CMOS image sensor with digital YUV output 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LC99062-W50Image Sensor Signal Processing LSI  1 2 3 4 5 MoreSanyo Semicon Device
LZ34B101/4-type Color CMOS Image Sensor with 350 k Pixels 1 2 Sharp Electrionic Components
ICM515NBColor CMOS Image Sensor With 574x483 Pixel NTSC Composite Video Output 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ICM205BVGA/QVGA CMOS image sensor with digital YUV output 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn