Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2536DN-T1-E4 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG2536DN-T1-E4
Description  0.35 OHM Low-Voltage Dual SPDT Analog Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2536DN-T1-E4 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG2536DN-T1-E4 Datasheet HTML 1Page - Vishay Siliconix DG2536DN-T1-E4 Datasheet HTML 2Page - Vishay Siliconix DG2536DN-T1-E4 Datasheet HTML 3Page - Vishay Siliconix DG2536DN-T1-E4 Datasheet HTML 4Page - Vishay Siliconix DG2536DN-T1-E4 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DG2535/DG2536
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 72939
S-41967—Rev. B, 01-Nov-04
ABSOLUTE MAXIMUM RATINGS
Reference to GND
V+
-0.3 to +6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
IN, COM, NC, NOa
-0.3 to (V+ + 0.3 V)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Current (NO, NC, COM)
"300 mA
. . . . . . . . . . . . . . . . . . . . . . .
Peak Current
"500 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(Pulsed at 1 ms, 10% duty cycle)
Storage Temperature (D Suffix)
-65 to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . .
ESD per Method 3015.7
>2 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (Packages)b
MSOP-10c
320 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DFN-10d
1191 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes:
a.
Signals on NC, NO, or COM or IN exceeding V+ will be clamped by inter-
nal diodes. Limit forward diode current to maximum current ratings.
b.
All leads welded or soldered to PC Board.
c.
Derate 4.0 mW/_C above 70_C
d.
Derate 14.9 mW/_C above 70_C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
SPECIFICATIONS (V+ = 3 V)
Test Conditions
Otherwise Unless Specified
Limits
−40 to 85_C
Parameter
Symbol
V+ = 3 V, "10%, VIN = 0.5 or 1.4 Ve
Tempa
Minb
Typc
Maxb
Unit
Analog Switch
Analog Signal Ranged
VNO, VNC,
VCOM
Full
0
V+
V
On-Resistance
rON
V
2 7 V V
0 6/1 5 V
Room
Full
0.35
0.5
0.6
rON Flatnessd
rON
Flatness
V+ = 2.7 V, VCOM = 0.6/1.5 V
INO, INC = 100 mA
Room
0.09
0.2
W
On-Resistance
Match Between Channelsd
DrDS(on)
Room
0.05
Switch Off Leakage Current
INO(off),
INC(off)
V+ = 3.3 V, VNO, VNC = 0.3 V/3 V
Room
Full
−1
−10
1
10
Switch Off Leakage Current
ICOM(off)
V+ = 3.3 V, VNO, VNC = 0.3 V/3 V
VCOM = 3 V/0.3 V
Room
Full
−1
−10
1
10
nA
Channel-On Leakage Current
ICOM(on)
V+ = 3.3 V, VNO, VNC = VCOM = 0.3 V/3 V
Room
Full
−1
−10
1
10
Digital Control
Input High Voltaged
VINH
Full
1.4
V
Input Low Voltage
VINL
Full
0.5
V
Input Capacitance
Cin
Full
10
pF
Input Current
IINL or IINH
VIN = 0 or V+
Full
1
1
mA
Dynamic Characteristics
Turn-On Time
tON
VNO or VNC = 2 0 V RL = 50 W CL = 35 pF
Room
Full
52
82
90
Turn-Off Time
tOFF
VNO or VNC = 2.0 V, RL = 50 W, CL = 35 pF
Room
Full
43
73
78
ns
Break-Before-Make Time
td
VNO or VNC = 2.0 V, RL = 50 W, CL = 35 pF
Full
1
6
Charge Injectiond
QINJ
CL = 1 nF, VGEN = 1.5 V, RGEN = 0 W
Room
21
pC
Off-Isolationd
OIRR
RL = 50 W CL = 5 pF f = 100 KHz
Room
−69
dB
Crosstalkd
XTALK
RL = 50 W, CL = 5 pF, f = 100 KHz
Room
−69
dB
NO NC Off Capacitanced
CNO(off)
Room
145
NO, NC Off Capacitanced
CNC(off)
VIN = 0 or V+ f = 1 MHz
Room
145
pF
Channel On Capacitanced
CNO(on)
VIN = 0 or V+, f = 1 MHz
Room
406
pF
Channel-On Capacitanced
CNC(on)
Room
406
Power Supply
Power Supply Current
I+
VIN = 0 or V+
Full
1.0
mA
Notes:
a.
Room = 25°C, Full = as determined by the operating suffix.
b.
Typical values are for design aid only, not guaranteed nor subject to production testing.
c.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
d.
Guarantee by design, nor subjected to production test.
e.
VIN = input voltage to perform proper function.


Similar Part No. - DG2536DN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2536DN-T1-E4 VISHAY-DG2536DN-T1-E4 Datasheet
108Kb / 7P
   0.35-Ω Low-Voltage Dual SPDT Analog Switch
Rev. E, 14-May-07
More results

Similar Description - DG2536DN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ6236 AOSMD-AOZ6236 Datasheet
503Kb / 11P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
AOZ6237 AOSMD-AOZ6237 Datasheet
608Kb / 12P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
logo
Fairchild Semiconductor
FSA2267 FAIRCHILD-FSA2267 Datasheet
1Mb / 15P
   0.35 ohm Low Voltage Dual-SPDT Analog Switch
logo
Alpha & Omega Semicondu...
AOZ6238 AOSMD-AOZ6238 Datasheet
528Kb / 12P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
logo
Protek Devices
PA2535 PROTEC-PA2535_15 Datasheet
138Kb / 9P
   0.35 OHM DUAL SPDT ANALOG SWITCH
logo
Fairchild Semiconductor
FSA2267 FAIRCHILD-FSA2267_12 Datasheet
668Kb / 14P
   0.35??Low-Voltage Dual-SPDT Analog Switch
logo
Vishay Siliconix
DG2535 VISHAY-DG2535_08 Datasheet
108Kb / 7P
   0.35-Ω Low-Voltage Dual SPDT Analog Switch
Rev. E, 14-May-07
logo
Fairchild Semiconductor
FSA2267_0703 FAIRCHILD-FSA2267_0703 Datasheet
1Mb / 16P
   0.35廓 Low-Voltage Dual-SPDT Analog Switch
logo
ON Semiconductor
NLAS5223B ONSEMI-NLAS5223B_11 Datasheet
165Kb / 11P
   Ultra-Low 0.35 Dual SPDT Analog Switch
October, 2011 ??Rev. 8
NLAS5223B ONSEMI-NLAS5223B_15 Datasheet
117Kb / 11P
   Ultra-Low 0.35 Dual SPDT Analog Switch
August, 2015 ??Rev. 9
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com