Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1392AV18-167BZC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1392AV18-167BZC
Description  18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1392AV18-167BZC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1392AV18-167BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1392AV18-167BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1392AV18-167BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1392AV18-167BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1392AV18-167BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1392AV18-167BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1392AV18-167BZC Datasheet HTML 11Page - Cypress Semiconductor CY7C1392AV18-167BZC Datasheet HTML 12Page - Cypress Semiconductor CY7C1392AV18-167BZC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
PRELIMINARY
CY7C1392AV18
CY7C1393AV18
CY7C1394AV18
Document #: 38-05503 Rev. *A
Page 9 of 21
Maximum Ratings
(Above which the useful life may be impaired.)
Storage Temperature .................................–65°C to +150°C
Ambient Temperature with Power Applied ..–55°C to +125°C
Supply Voltage on VDD Relative to GND........ –0.5V to +2.9V
DC Voltage Applied to Outputs
in High-Z State .................................... –0.5V to VDDQ + 0.5V
DC Input Voltage[9].............................. –0.5V to VDDQ + 0.5V
Current into Outputs (LOW)......................................... 20 mA
Static Discharge Voltage (MIL-STD-883, M 3015)... > 2001V
Latch-up Current.................................................... > 200 mA
Operating Range
Range
Ambient
Temperature
VDD[10]
VDDQ[10]
Com’l
0°C to +70°C
1.8
± 0.1V
1.4V to VDD
Electrical Characteristics Over the Operating Range[11]
DC Electrical Characteristics
Parameter
Description
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Power Supply Voltage
1.7
1.8
1.9
V
VDDQ
I/O Supply Voltage
1.4
1.5
VDD
V
VOH
Output HIGH Voltage
Note 12
VDDQ/2 –
0.12
VDDQ/2 +
0.12
V
VOL
Output LOW Voltage
Note 13
VDDQ/2 –
0.12
VDDQ/2 +
0.12
V
VOH(LOW)
Output HIGH Voltage
IOH = −0.1 mA, Nominal Impedance VDDQ – 0.2
VDDQ
V
VOL(LOW)
Output LOW Voltage
IOL = 0.1 mA, Nominal Impedance
VSS
0.2
V
VIH
Input HIGH Voltage[9]
VREF + 0.1
VDDQ + 0.3
V
VIL
Input LOW Voltage[9, 14]
–0.3
VREF – 0.1
V
VIN
Clock Input Voltage
–0.3
VDDQ + 0.3
V
IX
Input Load Current
GND
≤ VI ≤ VDDQ
–5
5
µA
IOZ
Output Leakage Current
GND
≤ VI ≤ VDDQ, Output Disabled
–5
5
µA
VREF
Input Reference Voltage[15] Typical Value = 0.75V
0.68
0.75
0.95
V
IDD
VDD Operating Supply
VDD= Max.,IOUT= 0 mA,
f = fMAX = 1/tCYC
167 MHz
700
mA
200 MHz
750
mA
250 MHz
800
mA
ISB1
Automatic
Power-down
Current
Max. VDD, Both Ports
Deselected, VIN ≥ VIH or
VIN ≤ VIL,f = fMAX =
1/tCYC, Inputs Static
167 MHz
450
mA
200 MHz
470
mA
250 MHz
490
mA
AC Input Requirements
Parameter
Description
Test Conditions
Min.
Typ.
Max.
Unit
VIH
Input High (Logic 1) Voltage
VREF + 0.2
V
VIL
Input Low (Logic 0) Voltage
VREF – 0.2
V
Thermal Resistance[16]
Parameter
Description
Test Conditions
165 FBGA Package
Unit
ΘJA
Thermal Resistance (Junction to Ambient) Test conditions follow standard test
methods and procedures for measuring
thermal impedance, per EIA / JESD51.
16.7
°C/W
ΘJC
Thermal Resistance (Junction to Case)
2.5
°C/W
Notes:
9. Overshoot: VIH(AC) < VDD+0.85V (Pulse width less than tTCYC/2); Undershoot VIL(AC) > –1.5V (Pulse width less than tTCYC/2).
10. Power-up: Assumes a linear ramp from 0V to VDD(Min.) within 200 ms. During this time VIH < VDD and VDDQ < VDD.
11. All voltage referenced to ground.
12. Outputs are impedance controlled. IOH = –(VDDQ/2)/(RQ/5) for values of 175Ω < RQ < 350Ω.
13. Outputs are impedance controlled. IOL=(VDDQ/2)/(RQ/5) for values of 175Ω < RQ < 350Ω.
14. This spec is for all inputs except C and C Clock. For C and C Clock, VIL(Max.) = VREF – 0.2V.
15. VREF (Min.) = 0.68V or 0.46VDDQ, whichever is larger, VREF (Max.) = 0.95V or 0.54VDDQ, whichever is smaller.
16. Tested initially and after any design or process change that may affect these parameters.


Similar Part No. - CY7C1392AV18-167BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1392BV18 CYPRESS-CY7C1392BV18 Datasheet
483Kb / 27P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392BV18-167BZC CYPRESS-CY7C1392BV18-167BZC Datasheet
483Kb / 27P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392BV18-167BZI CYPRESS-CY7C1392BV18-167BZI Datasheet
483Kb / 27P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392BV18-167BZXC CYPRESS-CY7C1392BV18-167BZXC Datasheet
483Kb / 27P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392BV18-167BZXI CYPRESS-CY7C1392BV18-167BZXI Datasheet
483Kb / 27P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1392AV18-167BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1392JV18 CYPRESS-CY7C1392JV18 Datasheet
1Mb / 26P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392BV18 CYPRESS-CY7C1392BV18 Datasheet
483Kb / 27P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392CV18 CYPRESS-CY7C1392CV18 Datasheet
695Kb / 30P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392KV18 CYPRESS-CY7C1392KV18_12 Datasheet
787Kb / 30P
   18-Mbit DDR II SIO SRAM Two-Word Burst Architecture
CY7C1392KV18 CYPRESS-CY7C1392KV18 Datasheet
854Kb / 31P
   18-Mbit DDR II SIO SRAM Two-Word Burst Architecture
CY7C1522AV18 CYPRESS-CY7C1522AV18_07 Datasheet
686Kb / 30P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1522V18 CYPRESS-CY7C1522V18 Datasheet
446Kb / 28P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422JV18 CYPRESS-CY7C1422JV18 Datasheet
678Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422AV18 CYPRESS-CY7C1422AV18 Datasheet
466Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1522AV18 CYPRESS-CY7C1522AV18 Datasheet
1Mb / 28P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com