Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P468N Datasheet(PDF) 6 Page - ELAN Microelectronics Corp

Part # EM78P468N
Description  8-BIT Microcontroller
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P468N Datasheet(HTML) 6 Page - ELAN Microelectronics Corp

Back Button EM78P468N Datasheet HTML 2Page - ELAN Microelectronics Corp EM78P468N Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P468N Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P468N Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P468N Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P468N Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P468N Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P468N Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P468N Datasheet HTML 10Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 82 page
background image
EM78P468N
8-BIT Microcontroller
2
Product Specification (V1.2) 03.15.2005
(This specification is subject to change without further notice)
Four sets of 8 bits auto reload down-count timer can be used as interrupt sources
Counter 1: independent down-count timer
Counter 2, High Pulse Width Timer (HPWT), and Low Pulse Width Timer
(LPWT) shared with IR function.
Programmable free running on chip watchdog timer (WDT). This function can
operate on Normal, Green and Idle mode.
Operation modes:
Normal mode: The CPU operated on frequency of main oscillator (Fm)
Green mode: The CPU operated on frequency sub-oscillator (Fs) and main
oscillator (Fm) stop.
Idle mode: CPU idle, LCD display remains working
Sleep mode: whole chip stop working.
Input port wake up function (PORT6, PORT8). Working on Idle and leep mode.
Eight interrupt sources, three external and five internal.
Internal interrupt source : TCC; Counter 1,2; High/Low pulse width timer.
External interrupt source : INT0, INT1 and Pin change wake-up (Port 6 and
Port 8)
Packages:
Dice form : 59 pin
QFP-64 pin : EM78P468NQ (Body 14mm*20mm)
LQFP-64 pin : EM78P468NAQ (Body 7mm*7mm)
LQFP-44 pin : EM78P468NBQ (Body 10mm*10mm)
QFP-44 pin : EM78P468NCQ (Body 10mm*10mm)
2.2 LCD Circuit
Common driver pins: 4
Segment driver pins: 32
LCD Bias: 1/3, 1/2 bias
LCD Duty: 1/4, 1/3, 1/2 duty
2.3 Applications
Remote control for air conditioner
Health care
Home appliances


Similar Part No. - EM78P468N

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P468N EMC-EM78P468N Datasheet
870Kb / 82P
   8-Bit Microcontroller
EM78P468N EMC-EM78P468N Datasheet
851Kb / 68P
   8-Bit Microcontroller
EM78P468NAQ EMC-EM78P468NAQ Datasheet
718Kb / 83P
   8-BIT Microcontroller
EM78P468NAQ EMC-EM78P468NAQ Datasheet
924Kb / 82P
   8-Bit Microcontroller
EM78P468NAQ EMC-EM78P468NAQ Datasheet
870Kb / 82P
   8-Bit Microcontroller
More results

Similar Description - EM78P468N

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com