Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F3L200R12W2H3_B11 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # F3L200R12W2H3_B11
Description  EasyPACK Modul mit aktiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

F3L200R12W2H3_B11 Datasheet(HTML) 2 Page - Infineon Technologies AG

  F3L200R12W2H3_B11 Datasheet HTML 1Page - Infineon Technologies AG F3L200R12W2H3_B11 Datasheet HTML 2Page - Infineon Technologies AG F3L200R12W2H3_B11 Datasheet HTML 3Page - Infineon Technologies AG F3L200R12W2H3_B11 Datasheet HTML 4Page - Infineon Technologies AG F3L200R12W2H3_B11 Datasheet HTML 5Page - Infineon Technologies AG F3L200R12W2H3_B11 Datasheet HTML 6Page - Infineon Technologies AG F3L200R12W2H3_B11 Datasheet HTML 7Page - Infineon Technologies AG F3L200R12W2H3_B11 Datasheet HTML 8Page - Infineon Technologies AG F3L200R12W2H3_B11 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
TechnischeInformation/TechnicalInformation
F3L200R12W2H3_B11
IGBT-Modul
IGBT-Module
preparedby:CM
approvedby:AKDA
dateofpublication:2016-04-04
revision:V3.1
IGBT,T1/T4/IGBT,T1/T4
HöchstzulässigeWerte/MaximumRatedValues
Kollektor-Emitter-Sperrspannung
Collector-emittervoltage
Tvj = 25°C
VCES

1200
 V
ImplementierterKollektor-Strom
Implementedcollectorcurrent
ICN

200
 A
Kollektor-Dauergleichstrom
ContinuousDCcollectorcurrent
TC = 100°C, Tvj max = 175°C
IC nom

100
 A
PeriodischerKollektor-Spitzenstrom
Repetitivepeakcollectorcurrent
tP = 1 ms
ICRM

400
 A
Gesamt-Verlustleistung
Totalpowerdissipation
TC = 25°C, Tvj max = 175°C
Ptot

600
 W
Gate-Emitter-Spitzenspannung
Gate-emitterpeakvoltage
VGES

+/-20
 V
CharakteristischeWerte/CharacteristicValues
min.
typ.
max.
Kollektor-Emitter-Sättigungsspannung
Collector-emittersaturationvoltage
IC = 100 A, VGE = 15 V
IC = 100 A, VGE = 15 V
IC = 100 A, VGE = 15 V
VCE sat
1,55
1,70
1,75
1,75
V
V
V
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Gate-Schwellenspannung
Gatethresholdvoltage
IC = 7,60 mA, VCE = VGE, Tvj = 25°C
VGEth
5,05
5,80
6,45
V
Gateladung
Gatecharge
VGE = -15 V ... +15 V
QG
1,60
µC
InternerGatewiderstand
Internalgateresistor
Tvj = 25°C
RGint
3,8
Eingangskapazität
Inputcapacitance
f = 1 MHz, Tvj = 25°C, VCE = 25 V, VGE = 0 V
Cies
11,5
nF
Rückwirkungskapazität
Reversetransfercapacitance
f = 1 MHz, Tvj = 25°C, VCE = 25 V, VGE = 0 V
Cres
0,70
nF
Kollektor-Emitter-Reststrom
Collector-emittercut-offcurrent
VCE = 1200 V, VGE = 0 V, Tvj = 25°C
ICES
1,0
mA
Gate-Emitter-Reststrom
Gate-emitterleakagecurrent
VCE = 0 V, VGE = 20 V, Tvj = 25°C
IGES
100
nA
Einschaltverzögerungszeit,induktiveLast
Turn-ondelaytime,inductiveload
IC = 100 A, VCE = 400 V
VGE = ±15 V
RGon = 1,1
td on
0,14
0,155
0,16
µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Anstiegszeit,induktiveLast
Risetime,inductiveload
IC = 100 A, VCE = 400 V
VGE = ±15 V
RGon = 1,1
tr
0,025
0,03
0,03
µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Abschaltverzögerungszeit,induktiveLast
Turn-offdelaytime,inductiveload
IC = 100 A, VCE = 400 V
VGE = ±15 V
RGoff = 1,1
td off
0,32
0,40
0,42
µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Fallzeit,induktiveLast
Falltime,inductiveload
IC = 100 A, VCE = 400 V
VGE = ±15 V
RGoff = 1,1
tf
0,03
0,055
0,06
µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
EinschaltverlustenergieproPuls
Turn-onenergylossperpulse
IC = 100 A, VCE = 400 V, LS = 25 nH
VGE = ±15 V, di/dt = 3700 A/µs (Tvj = 150°C)
RGon = 1,1
Eon
1,20
2,00
2,25
mJ
mJ
mJ
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
AbschaltverlustenergieproPuls
Turn-offenergylossperpulse
IC = 100 A, VCE = 400 V, LS = 25 nH
VGE = ±15 V, du/dt = 2700 V/µs (Tvj = 150°C)
RGoff = 1,1
Eoff
3,50
5,30
5,90
mJ
mJ
mJ
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Kurzschlußverhalten
SCdata
VGE
≤ 15 V, VCC = 800 V
VCEmax = VCES -LsCE ·di/dt
ISC
800
A
Tvj = 150°C
tP
≤ 10 µs,
Wärmewiderstand,ChipbisGehäuse
Thermalresistance,junctiontocase
proIGBT/perIGBT
RthJC
0,200 0,250 K/W


Similar Part No. - F3L200R12W2H3_B11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
F3L200R12N2H3_B47 INFINEON-F3L200R12N2H3_B47 Datasheet
962Kb / 16P
   IGBT,Wechselrichter / IGBT,Inverter
V3.0 2018-06-29
More results

Similar Description - F3L200R12W2H3_B11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
F3L150R12W2H3_B11 INFINEON-F3L150R12W2H3_B11 Datasheet
1,002Kb / 14P
   EasyPACK Modul mit aktiver
2014-11-26 revision:3.0
F3L100R12W2H3_B11 INFINEON-F3L100R12W2H3_B11 Datasheet
991Kb / 14P
   EasyPACK Modul mit aktiver
2015-02-03 revision:2.3
F3L225R07W2H3P_B63 INFINEON-F3L225R07W2H3P_B63 Datasheet
902Kb / 14P
   EasyPACK Modul mit aktiver
V3.0 2017-06-15
FS20R06W1E3_B11 INFINEON-FS20R06W1E3_B11_13 Datasheet
677Kb / 9P
   EasyPACK Modul mit Trench
2013-11-05 revision:2.0
FS25R12W1T4_B11 INFINEON-FS25R12W1T4_B11_13 Datasheet
676Kb / 9P
   EasyPACK Modul mit Trench
2013-11-05 revision:2.0
FS35R12W1T4_B11 INFINEON-FS35R12W1T4_B11_13 Datasheet
675Kb / 9P
   EasyPACK Modul mit Trench
2013-11-05 revision:2.0
FS50R06W1E3_B11 INFINEON-FS50R06W1E3_B11_13 Datasheet
680Kb / 9P
   EasyPACK Modul mit Trench
2013-11-05 revision:2.0
FS25R12W1T4 INFINEON-FS25R12W1T4_13 Datasheet
788Kb / 9P
   EasyPACK Modul mit Trench
2013-10-16 revision:2.1
FS50R12W2T4 INFINEON-FS50R12W2T4_13 Datasheet
1,010Kb / 9P
   EasyPACK Modul mit Trench
2013-11-04 revision:2.4
FS50R12W2T4_B11 INFINEON-FS50R12W2T4_B11_13 Datasheet
717Kb / 9P
   EasyPACK Modul mit Trench
2013-11-04 revision:2.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com