Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL60002 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part No. ISL60002
Description  Precision Low Power FGA Voltage References
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL60002 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button ISL60002 Datasheet HTML 18Page - Renesas Technology Corp ISL60002 Datasheet HTML 19Page - Renesas Technology Corp ISL60002 Datasheet HTML 20Page - Renesas Technology Corp ISL60002 Datasheet HTML 21Page - Renesas Technology Corp ISL60002 Datasheet HTML 22Page - Renesas Technology Corp ISL60002 Datasheet HTML 23Page - Renesas Technology Corp ISL60002 Datasheet HTML 24Page - Renesas Technology Corp ISL60002 Datasheet HTML 25Page - Renesas Technology Corp ISL60002 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
ISL60002
FN8082 Rev 22.00
Page 22 of 40
Mar 9, 2018
Typical Performance Curves, VOUT = 2.048V VIN=3.0V,IOUT=0mA,TA=+25°Cunlessotherwise
specified.
FIGURE 56. IIN vs VIN (3 REPRESENTATIVE UNITS)
FIGURE 57. IIN vs VIN OVER-TEMPERATURE
FIGURE 58. LINE REGULATION (3 REPRESENTATIVE UNITS)
FIGURE 59. LINE REGULATION OVER-TEMPERATURE
FIGURE 60. VOUT vs TEMPERATURE NORMALIZED to +25°C
0
100
200
300
400
500
600
700
2.7 2.9 3.13.3 3.5 3.7 3.94.1 4.34.5 4.74.9 5.15.3 5.5
VIN (V)
UNIT 3
UNIT 2
UNIT 1
100
150
200
250
300
350
400
450
500
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
VIN (V)
+85°C
-40°C
+25°C
2.0476
2.0477
2.0478
2.0479
2.0480
2.0481
2.0482
2.0483
2.0484
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
VIN (V)
UNIT 2
UNIT 3
UNIT 1
-150
-125
-100
-75
-50
-25
0
25
50
75
100
125
150
175
200
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
VIN (V)
+85°C
-40°C
+25°C
2.0474
2.0475
2.0476
2.0477
2.0478
2.0479
2.0480
2.0481
2.0482
2.0483
2.0484
-40
-15
10
35
60
85
TEMPERATURE (°C)
UNIT 1
UNIT 2
UNIT 3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn