Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL60002 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part No. ISL60002
Description  Precision Low Power FGA Voltage References
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL60002 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL60002 Datasheet HTML 1Page - Renesas Technology Corp ISL60002 Datasheet HTML 2Page - Renesas Technology Corp ISL60002 Datasheet HTML 3Page - Renesas Technology Corp ISL60002 Datasheet HTML 4Page - Renesas Technology Corp ISL60002 Datasheet HTML 5Page - Renesas Technology Corp ISL60002 Datasheet HTML 6Page - Renesas Technology Corp ISL60002 Datasheet HTML 7Page - Renesas Technology Corp ISL60002 Datasheet HTML 8Page - Renesas Technology Corp ISL60002 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
FN8082 Rev 22.00
Page 1 of 40
Mar 9, 2018
FN8082
Rev 22.00
Mar 9, 2018
ISL60002
Precision Low Power FGA Voltage References
DATASHEET
The ISL60002 FGA voltage references are very high precision
analog voltage references fabricated using the Renesas
proprietary Floating Gate Analog (FGA) technology and feature
low supply voltage operation at ultra-low 350nA operating
current.
Additionally, the ISL60002 family features guaranteed initial
accuracy as low as ±1.0mV and 20ppm/°C temperature
coefficient. The initial accuracy and temperature stability
performance of the ISL60002 family, plus the low supply
voltage and 350nA power consumption, eliminates the need
to compromise thermal stability for reduced power
consumption, making it an ideal companion to high resolution,
low power data conversion systems.
Special Note: Post-assembly x-ray inspection may lead to
permanent changes in device output voltage and should be
minimized or avoided. For further information, please see
“Applications Information” on page 34 and AN1533, “X-Ray
Effects on FGA References”.
Applications
• High resolution A/Ds and D/As
• Digital meters
• Bar code scanners
• Mobile communications
• PDAs and notebooks
• Medical systems
Features
• Reference voltages . . . . . 1.024V, 1.2V, 1.25V, 1.8V, 2.048V,
2.5V, 2.6V, 3.0V, and 3.3V
• Absolute initial accuracy options . . . . . . . . .±1.0mV, ±2.5mV,
and ±5.0mV
• Supply voltage range
- ISL60002-10, -11, -12, -18, -20, -25 . . . . . . . . 2.7V to 5.5V
- ISL60002-26 . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.8V to 5.5V
- ISL60002-30 . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.2V to 5.5V
- ISL60002-33 . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.5V to 5.5V
• Ultra-low supply current. . . . . . . . . . . . . . . . . . . . . . . 350nA typ
• Low 20ppm/°C temperature coefficient
•ISOURCE and ISINK = 7mA
•ISOURCE and ISINK = 20mA for ISL60002-33 only
• ESD protection . . . . . . . . . . . . . . . . 5.5V (Human Body Model)
• Standard 3 Ld SOT-23 packaging
• Operating temperature range
- ISL60002-10, -11, -12, -18, -20, -25,
-26, -30 . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
- ISL60002-33 . . . . . . . . . . . . . . . . . . . . . . .-40°C to +105°C
• Pb-free (RoHS compliant)
Related Literature
For a full list of related documents, visit our website
• ISL60002 product page
VIN = +3.0V
0.1µF
0.001µF
SERIAL
BUS
VIN V
OUT
GND
ENABLE
SCK
SDAT
A/D CONVERTER
16 TO 24-BIT
REF IN
10µF
VOUT = 2.50V
ISL60002-25
NOTE:
1. *Also see Figure 118 on page 35 in Applications Information.
FIGURE 1. TYPICAL APPLICATION
(see Note 1)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn