Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL60002 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL60002
Description  Precision Low Power FGA Voltage References
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL60002 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL60002 Datasheet HTML 1Page - Renesas Technology Corp ISL60002 Datasheet HTML 2Page - Renesas Technology Corp ISL60002 Datasheet HTML 3Page - Renesas Technology Corp ISL60002 Datasheet HTML 4Page - Renesas Technology Corp ISL60002 Datasheet HTML 5Page - Renesas Technology Corp ISL60002 Datasheet HTML 6Page - Renesas Technology Corp ISL60002 Datasheet HTML 7Page - Renesas Technology Corp ISL60002 Datasheet HTML 8Page - Renesas Technology Corp ISL60002 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
ISL60002
FN8082 Rev 22.00
Page 3 of 40
Mar 9, 2018
Pin Configuration
ISL60002
(3 LD SOT-23)
TOP VIEW
1
2
3
VOUT
GND
VIN
Pin Descriptions
PIN #
PIN NAME
DESCRIPTION
1VIN
Power Supply Input
2VOUT
Voltage Reference Output
3GND
Ground
Ordering Information
PART NUMBER
(Notes 2, 3, 4)
PART
MARKING
(Note 5)
VOUT
(V)
GRADE
TEMP. RANGE
(°C)
TAPE AND
REEL
(UNITS)
PACKAGE
(RoHS COMPLIANT)
PKG.
DWG. #
ISL60002BIH310Z-T7A
DFB
1.024
±1.0mV, 20ppm/°C
-40 to +85
250
3 Ld SOT-23
P3.064A
ISL60002BIH310Z-TK
DFB
1.024
±1.0mV, 20ppm/°C
-40 to +85
1k
3 Ld SOT-23
P3.064A
ISL60002CIH310Z-TK
DFC
1.024
±2.5mV, 20ppm/°C
-40 to +85
1k
3 Ld SOT-23
P3.064A
ISL60002DIH310Z-T7A
DFD
1.024
±5.0mV, 20ppm/°C
-40 to +85
250
3 Ld SOT-23
P3.064A
ISL60002DIH310Z-TK
DFD
1.024
±5.0mV, 20ppm/°C
-40 to +85
1k
3 Ld SOT-23
P3.064A
ISL60002BIH311Z-TK
APM
1.200
±1.0mV, 20ppm/°C
-40 to +85
1k
3 Ld SOT-23
P3.064A
ISL60002CIH311Z-TK
AOR
1.200
±2.5mV, 20ppm/°C
-40 to +85
1k
3 Ld SOT-23
P3.064A
ISL60002DIH311Z-TK
AOY
1.200
±5.0mV, 20ppm/°C
-40 to +85
1k
3 Ld SOT-23
P3.064A
ISL60002BIH312Z-TK
AOM
1.250
±1.0mV, 20ppm/°C
-40 to +85
1k
3 Ld SOT-23
P3.064A
ISL60002CIH312Z-TK
AOS
1.250
±2.5mV, 20ppm/°C
-40 to +85
1k
3 Ld SOT-23
P3.064A
ISL60002DIH312Z-T7A
APA
1.250
±5.0mV, 20ppm/°C
-40 to +85
250
3 Ld SOT-23
P3.064A
ISL60002DIH312Z-TK
APA
1.250
±5.0mV, 20ppm/°C
-40 to +85
1k
3 Ld SOT-23
P3.064A
ISL60002BIH318Z-TK
DEO
1.800
±1.0mV, 20ppm/°C
-40 to +85
1k
3 Ld SOT-23
P3.064A
ISL60002CIH318Z-TK
DEP
1.800
±2.5mV, 20ppm/°C
-40 to +85
1k
3 Ld SOT-23
P3.064A
ISL60002DIH318Z-TK
DEQ
1.800
±5.0mV, 20ppm/°C
-40 to +85
1k
3 Ld SOT-23
P3.064A
ISL60002BIH320Z-T7A
DEY
2.048
±1.0mV, 20ppm/°C
-40 to +85
250
3 Ld SOT-23
P3.064A
ISL60002BIH320Z-TK
DEY
2.048
±1.0mV, 20ppm/°C
-40 to +85
1k
3 Ld SOT-23
P3.064A
ISL60002CIH320Z-TK
DEZ
2.048
±2.5mV, 20ppm/°C
-40 to +85
1k
3 Ld SOT-23
P3.064A
ISL60002DIH320Z-TK
DFA
2.048
±5.0mV, 20ppm/°C
-40 to +85
1k
3 Ld SOT-23
P3.064A
ISL60002BIH325Z-T7A
AON
2.500
±1.0mV, 20ppm/°C
-40 to +85
250
3 Ld SOT-23
P3.064A
ISL60002BIH325Z-TK
AON
2.500
±1.0mV, 20ppm/°C
-40 to +85
1k
3 Ld SOT-23
P3.064A
ISL60002CIH325Z-T7A
AOT
2.500
±2.5mV, 20ppm/°C
-40 to +85
250
3 Ld SOT-23
P3.064A
ISL60002CIH325Z-TK
AOT
2.500
±2.5mV, 20ppm/°C
-40 to +85
1k
3 Ld SOT-23
P3.064A
ISL60002DIH325Z-T7A
APB
2.500
±5.0mV, 20ppm/°C
-40 to +85
250
3 Ld SOT-23
P3.064A
ISL60002DIH325Z-TK
APB
2.500
±5.0mV, 20ppm/°C
-40 to +85
1k
3 Ld SOT-23
P3.064A
ISL60002BIH326Z-TK
DFK
2.600
±1.0mV, 20ppm/°C
-40 to +85
1k
3 Ld SOT-23
P3.064A
ISL60002CIH326Z-TK
DFL
2.600
±2.5mV, 20ppm/°C
-40 to +85
1k
3 Ld SOT-23
P3.064A
ISL60002DIH326Z-TK
DFM
2.600
±5.0mV, 20ppm/°C
-40 to +85
1k
3 Ld SOT-23
P3.064A


Similar Part No. - ISL60002

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 36P
   Precision Low Power FGA??Voltage References
ISL60002B INTERSIL-ISL60002B Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Similar Description - ISL60002

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002_06 Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002_10 Datasheet
2Mb / 36P
   Precision Low Power FGA??Voltage References
ISL60002_0712 INTERSIL-ISL60002_0712 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL21032 INTERSIL-ISL21032 Datasheet
230Kb / 7P
   Precision 0.600V Low Voltage FGA References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com