Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F3L75R12W1H3_B11 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # F3L75R12W1H3_B11
Description  Solar Anwendungen 3-Level-Applikationen
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

F3L75R12W1H3_B11 Datasheet(HTML) 1 Page - Infineon Technologies AG

  F3L75R12W1H3_B11 Datasheet HTML 1Page - Infineon Technologies AG F3L75R12W1H3_B11 Datasheet HTML 2Page - Infineon Technologies AG F3L75R12W1H3_B11 Datasheet HTML 3Page - Infineon Technologies AG F3L75R12W1H3_B11 Datasheet HTML 4Page - Infineon Technologies AG F3L75R12W1H3_B11 Datasheet HTML 5Page - Infineon Technologies AG F3L75R12W1H3_B11 Datasheet HTML 6Page - Infineon Technologies AG F3L75R12W1H3_B11 Datasheet HTML 7Page - Infineon Technologies AG F3L75R12W1H3_B11 Datasheet HTML 8Page - Infineon Technologies AG F3L75R12W1H3_B11 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
TechnischeInformation/TechnicalInformation
F3L75R12W1H3_B11
IGBT-Modul
IGBT-Module
preparedby:CM
approvedby:AKDA
dateofpublication:2015-08-26
revision:V2.0
ULapproved(E83335)
VorläufigeDaten/PreliminaryData
J
VCES = 1200V
IC nom = 75A / ICRM = 150A
TypischeAnwendungen
TypicalApplications
3-Level-Applikationen
3-Level-Applications
SolarAnwendungen
SolarApplications
ElektrischeEigenschaften
ElectricalFeatures
NiederinduktivesDesign
LowInductiveDesign
NiedrigeSchaltverluste
LowSwitchingLosses
NiedrigesVCEsat
LowVCEsat
MechanischeEigenschaften
MechanicalFeatures
Al2O3 Substrat mit kleinem thermischen
Widerstand
Al2O3SubstratewithLowThermalResistance
KompaktesDesign
Compactdesign
PressFITVerbindungstechnik
PressFITContactTechnology
Robuste Montage durch integrierte
Befestigungsklammern
Rugged mounting due to integrated mounting
clamps
ModuleLabelCode
BarcodeCode128
DMX-Code
ContentoftheCode
Digit
ModuleSerialNumber
1-5
ModuleMaterialNumber
6-11
ProductionOrderNumber
12-19
Datecode(ProductionYear)
20-21
Datecode(ProductionWeek)
22-23


Similar Part No. - F3L75R12W1H3_B11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
F3L75R12W1H3_B27 INFINEON-F3L75R12W1H3_B27 Datasheet
1Mb / 14P
   Solar Anwendungen 3-Level-Applikationen
2016-04-04 revision:V3.2
More results

Similar Description - F3L75R12W1H3_B11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
F3L15R12W2H3_B27 INFINEON-F3L15R12W2H3_B27 Datasheet
1Mb / 14P
   Solar Anwendungen 3-Level-Applikationen
2013-11-25 revision:2.0
F3L75R12W1H3_B27 INFINEON-F3L75R12W1H3_B27 Datasheet
1Mb / 14P
   Solar Anwendungen 3-Level-Applikationen
2016-04-04 revision:V3.2
F3L25R12W1T4_B27 INFINEON-F3L25R12W1T4_B27 Datasheet
1,002Kb / 14P
   Solar Anwendungen 3-Level-Applikationen
2013-11-25 revision:2.0
DF100R07W1H5FP-B54 INFINEON-DF100R07W1H5FP-B54 Datasheet
705Kb / 11P
   Solar Anwendungen
V3.0 2017-04-06
F3L300R12MT4P-B22 INFINEON-F3L300R12MT4P-B22 Datasheet
635Kb / 10P
   3-Level-Applikationen
V3.0 2017-08-23
DF200R12W1H3_B27 INFINEON-DF200R12W1H3_B27 Datasheet
753Kb / 11P
   Solar Anwendungen
2013-11-25 revision:2.0
DF120R12W2H3_B27 INFINEON-DF120R12W2H3_B27 Datasheet
915Kb / 11P
   Solar Anwendungen
2016-04-04 revision:V3.1
F3L11MR12W2M1B74 INFINEON-F3L11MR12W2M1B74 Datasheet
859Kb / 15P
   3-Level-Applikationen
V2.0 2020-09-04
DD1200S17H4-B2 INFINEON-DD1200S17H4-B2 Datasheet
597Kb / 7P
   3-Level-Applikationen
2016-01-21 revision:V3.1
F3L300R12MT4P-B23 INFINEON-F3L300R12MT4P-B23 Datasheet
632Kb / 10P
   3-Level-Applikationen
V3.0 2017-08-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com