Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28025FR12Z-T7A Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL28025FR12Z-T7A
Description  Precision Digital Power Monitor with Real Time Alerts
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28025FR12Z-T7A Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL28025FR12Z-T7A Datasheet HTML 1Page - Renesas Technology Corp ISL28025FR12Z-T7A Datasheet HTML 2Page - Renesas Technology Corp ISL28025FR12Z-T7A Datasheet HTML 3Page - Renesas Technology Corp ISL28025FR12Z-T7A Datasheet HTML 4Page - Renesas Technology Corp ISL28025FR12Z-T7A Datasheet HTML 5Page - Renesas Technology Corp ISL28025FR12Z-T7A Datasheet HTML 6Page - Renesas Technology Corp ISL28025FR12Z-T7A Datasheet HTML 7Page - Renesas Technology Corp ISL28025FR12Z-T7A Datasheet HTML 8Page - Renesas Technology Corp ISL28025FR12Z-T7A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
ISL28025
FN8388 Rev.6.00
Page 4 of 53
Feb 27, 2018
Pin Configuration
ISL28025
TOP VIEW
1.85SQmm
EPAD
A
B
C
D
4
GND
VREG _O UT
VCC
I2CVCC
3
VINM
SM BALERT2/
ECLK
A0
SM BDAT
2
VINP
A2
A1
SM BCLK
1
VBUS
VREG _IN
AUXV
SM BALERT1
ISL28025FI -- 16 Pin (BALL) 0.5mm PITCH WLCSP
ISL28025FR -- 20 lead QFN 4x4 (1.85SQmm EPAD)
 
VBUS
GND
AUXV
DAC_OUT
NC
I2CVCC
A2
A1
A0
GND
1
2
3
4
5
15
14
13
12
11
20
19
18
17
16
67
8
9
10
Pin Descriptions 16 Ball WLCSP
16 PIN
WLCSP
PIN NAME
TYPE/DIR
PIN DEFINITION
A1
VREG_OUT
Power
Voltage regulator output. Connect a proper decoupling capacitor to this pin
A2
VINM
Analog Input
Current sense minus input
A3
VINP
Analog Input
Current sense plus input
A4
VBUS
Power
VBus voltage sense
B1
I2CVCC
Power
I2C level shifter power supply. Connect this pin to the VCC pin if level shifters are not used
B2
VCC
Power
Chip power supply
B3
VREG_IN
Power
Voltage regulator input. Connect this pin to ground if a voltage regulator is not used
B4
AUXV
Analog Input
Auxiliary port single-ended input
C1
A0
Digital Input
I2C address input
C2
A1
Digital Input
I2C address input
C3
A2
Digital Input
I2C address input
C4
SMBCLK
Digital Input
SMBus/I2C clock input
D1
GND
Power
Ground
D2
SMBALERT2/ECLK Digital Input/Output
External ADC clock input or CPU interrupt signal. It is used as a CPU interrupt signal only when
this pin is not configured as external clock input
D3
SMBALERT1
Digital Output
SMBus Alert1, open collector output
D4
SMBDAT
Digital Input
SMBus/I2C data


Similar Part No. - ISL28025FR12Z-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28025FI12Z-T INTERSIL-ISL28025FI12Z-T Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
ISL28025FI12Z-T7A INTERSIL-ISL28025FI12Z-T7A Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
ISL28025FI60Z-T INTERSIL-ISL28025FI60Z-T Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
ISL28025FI60Z-T7A INTERSIL-ISL28025FI60Z-T7A Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
More results

Similar Description - ISL28025FR12Z-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Maxim Integrated Produc...
DS2762 MAXIM-DS2762 Datasheet
262Kb / 25P
   High-Precision Li Battery Monitor With Alerts
REV: 111703
logo
Intersil Corporation
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
logo
Renesas Technology Corp
ISL28023 RENESAS-ISL28023 Datasheet
3Mb / 55P
   Precision Digital Power Monitor with Margining
logo
Intersil Corporation
ISL28022 INTERSIL-ISL28022 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
logo
Renesas Technology Corp
ISL28022 RENESAS-ISL28022 Datasheet
1Mb / 32P
   Precision Digital Power Monitor
logo
Maxim Integrated Produc...
MAX49921EVKIT MAXIM-MAX49921EVKIT Datasheet
690Kb / 6P
   Precision Real-Time Current Monitoring
319-100591; Rev 2; 1/21
MAX44286EVKIT MAXIM-MAX44286EVKIT Datasheet
638Kb / 6P
   Precision Real-Time Current Monitoring
19-7371; Rev 0; 10/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com