Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL21400 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL21400
Description  Programmable Temperature Slope Voltage Reference
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL21400 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL21400 Datasheet HTML 2Page - Renesas Technology Corp ISL21400 Datasheet HTML 3Page - Renesas Technology Corp ISL21400 Datasheet HTML 4Page - Renesas Technology Corp ISL21400 Datasheet HTML 5Page - Renesas Technology Corp ISL21400 Datasheet HTML 6Page - Renesas Technology Corp ISL21400 Datasheet HTML 7Page - Renesas Technology Corp ISL21400 Datasheet HTML 8Page - Renesas Technology Corp ISL21400 Datasheet HTML 9Page - Renesas Technology Corp ISL21400 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ISL21400
FN8091 Rev 3.00
Page 6 of 17
March 31, 2011
tF
SDA and SCL Fall Time
From 70% to 30% of VCC
(Note 7)
20 + 0.1 x Cb
250
ns
Cb
Capacitive Loading of SDA or SCL
Total on-chip and off-chip
(Note 7)
10
400
pF
Rpu
SDA and SCL Bus Pull-up Resistor
Off-chip
Maximum is determined by
tR and tF
For Cb = 400pF, max is
about 2k
~2.5k
For Cb = 40pF, max is about
15k
~20k
1k
ILO
Output Leakage Current (SDA only) VOUT = GND to VCC
1µA
VIL
A1, A0, SHDN, SDA, and SCL Input
Buffer LOW Voltage
-0.3
VCC x 0.3
V
VIH
A1, A0, SHDN, SDA, and SCL Input
Buffer HIGH Voltage
VCC x 0.7
VCC
V
VOL
SDA Output Buffer LOW Voltage
IOL = 100µA (Note 7), at
3mA sink
00.4
V
CL
Capacitive Loading of SDA or SCL
Total on-chip and off-chip
(Note 7)
10
400
pF
EEPROM Endurance
1,000,000
Cycles
EEPROM Retention
Temperature T
 +55°C
50
Years
tWC
(Note 18)
Non-Volatile Write Cycle Time
12
20
ms
NOTES:
5. Equation 1 governs the output voltage and is stated as follows:
6. Typical values are for TA = +25°C and VCC = 5.5V.
7. This parameter is not 100% tested.
8. Cb = total capacitance of one bus line in pF.
9. tWC is the time from a valid stop condition at the end of a write sequence to the end of the self-timed internal nonvolatile write cycle. It is the
minimum cycle time to be allowed for any nonvolatile write by the user.
10. Over the specified temperature range. Temperature slope (TS) is measured by the box method whereby the change in VOUT is divided by the
temperature range; in this case, -40°C to +85°C = +125°C. TS1, TS2, TS3 =
11. Given by PSRR (dB) = 20 * log10 (Vout/VCC) at DC.
12. Test +25°C and +85°C only.
13. Total error of Equation 1 @ AV = 1, K = -2.1mV/°C, VREF = 1.20V, m = 255, n = 255 to 0, VCC = 3.0V.
14. Over the specified temperature range. Temperature slope (TS) is measured by the box method whereby the change in VOUT is divided by the
temperature range. Incremental TS is the temperature slope at m = 255 minus the temperature slope at m = 0 divided by 255 with AV = 1, n = 255
Serial Interface Specification for SCL, SDA, A0, A1, A2 Unless Otherwise Noted. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 2)
MAX
UNITS
VOUT
AV
VREF
n
255
----------
KT T0
 2m
 255
255
--------------------------------
+



n = 0 to 255, m = 0 to 255, K = -2.1mV/C(typ), T0 = +25
C
=
TS
VOUT Tmin
 V
OUT Tmax

Tmin Tmax
--------------------------------------------------------------------------------
=
VOUT TE

VOUT measured
 V
OUT Equation1

VOUT Equation1

-------------------------------------------------------------------------------------------------------------x100%
=
TS4
VOUT Tmin
 V
OUT Tmax

Tmin Tmax

--------------------------------------------------------------------------------
m
255
=



VOUT Tmin
 V
OUT Tmax

Tmin Tmax

--------------------------------------------------------------------------------
m0
=



255
=


Similar Part No. - ISL21400

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21400 INTERSIL-ISL21400 Datasheet
424Kb / 17P
   Programmable Temperature Slope Voltage Reference
ISL21400 INTERSIL-ISL21400 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL21400IU8Z INTERSIL-ISL21400IU8Z Datasheet
424Kb / 17P
   Programmable Temperature Slope Voltage Reference
ISL21400IU8Z-TK INTERSIL-ISL21400IU8Z-TK Datasheet
424Kb / 17P
   Programmable Temperature Slope Voltage Reference
More results

Similar Description - ISL21400

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21400 INTERSIL-ISL21400 Datasheet
424Kb / 17P
   Programmable Temperature Slope Voltage Reference
logo
AUK corp
A431X AUK-A431X Datasheet
375Kb / 6P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
   Programmable Voltage Reference
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
   Programmable Voltage Reference
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431_05 Datasheet
267Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431X AUK-SL431X Datasheet
355Kb / 6P
   Programmable Voltage Reference
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
   Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431CCT STMICROELECTRONICS-TL431CCT Datasheet
939Kb / 21P
   Programmable voltage reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com