Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CEF04N6 Datasheet(PDF) 1 Page - Chino-Excel Technology

Part No. CEF04N6
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CET [Chino-Excel Technology]
Homepage  http://www.cetsemi.com
Logo 

CEF04N6 Datasheet(HTML) 1 Page - Chino-Excel Technology

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
600
N-Channel Logic Level Enhancement Mode Field Effect Transistor
FEATURES
600V , 2.5A , RDS(ON)=2.5
@VGS=10V.
Super high dense cell design for extremely low RDS(ON).
High power and current handling capability.
TO-220F full-pak for through hole
ABSOLUTE MAXIMUM RATINGS (Tc=25 C unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
V
Gate-Source Voltage
VGS
30
V
-Pulsed
ID
2.5
A
IDM
A
Drain-Source Diode Forward Current
IS
2.5
A
Maximum Power Dissipation
PD
W
Operating and Storage Temperautre Range
TJ,TSTG
-55 to 150
C
THERMAL CHARACTERISTICS
Thermal Resistance, Junction-to-Case
Thermal Resistance, Junction-to-Ambient
R JC
R JA
3.6
65
/W
C
/W
C
@Tc=25 C
Derate above 25 C
35
0.28
W/ C
Drain Current-Continuous
S
G
D
6-122
Feb. 2003
10
CEF04N6
TO-220F
S
D
G
6


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn