Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS93B-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS93B-Q1
Description  10 MHz - 85 MHz Automotive 28-bit Flat Panel Display Link LVDS SerDes Transmitter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS93B-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LVDS93B-Q1 Datasheet HTML 3Page - Texas Instruments SN65LVDS93B-Q1 Datasheet HTML 4Page - Texas Instruments SN65LVDS93B-Q1 Datasheet HTML 5Page - Texas Instruments SN65LVDS93B-Q1 Datasheet HTML 6Page - Texas Instruments SN65LVDS93B-Q1 Datasheet HTML 7Page - Texas Instruments SN65LVDS93B-Q1 Datasheet HTML 8Page - Texas Instruments SN65LVDS93B-Q1 Datasheet HTML 9Page - Texas Instruments SN65LVDS93B-Q1 Datasheet HTML 10Page - Texas Instruments SN65LVDS93B-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
7V
Dor
IOVCC
LVDSVCC
SHTDN
50W
7V
5W
YnP or
YnM
10kW
300kW
D0-1
D8-1
D19-1
D27-1
D7
D18
D26
D23
D17
D25
D15
D6
D16
D24
D14
D4
D11
D22
D13
D3
D10
D21
D12
D2
D5
D20
D9
D1
D27
D19
D8
D0
D23+1
D26+1
D18+1
D7+1
Dn
CLKIN
CLKOUT
Y0
Y1
Y2
Y3
Previouscycle
Currentcycle
Next
CLKIN
or
7
SN65LVDS93B-Q1
www.ti.com
SLLSF42A – MARCH 2018 – REVISED MAY 2018
Product Folder Links: SN65LVDS93B-Q1
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Timing Requirements (continued)
PARAMETER
MIN
MAX
UNIT
Data set up time, D0 through D27 before CLKIN (See Figure 4)
2
ns
Data hold time, D0 through D27 after CLKIN
0.8
ns
Figure 1. Typical SN65LVDS93B-Q1 Load and Shift Sequences
Figure 2. Equivalent Input and Output Schematic Diagrams


Similar Part No. - SN65LVDS93B-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS93B-Q1 TI1-SN65LVDS93B-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   10 MHz - 85 MHz 28-bit Flat Panel Display Link LVDS Serdes Transmitter
SN65LVDS93B-Q1 TI1-SN65LVDS93B-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   10 MHz - 85 MHz Automotive 28-bit Flat Panel Display Link LVDS SerDes Transmitter
SN65LVDS93B-Q1 TI1-SN65LVDS93B-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   10 MHz - 85 MHz 28-bit Flat Panel Display Link LVDS Serdes Transmitter
More results

Similar Description - SN65LVDS93B-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS93B-Q1 TI1-SN65LVDS93B-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   10 MHz - 85 MHz Automotive 28-bit Flat Panel Display Link LVDS SerDes Transmitter
SN65LVDS93B TI1-SN65LVDS93B_18 Datasheet
1Mb / 33P
[Old version datasheet]   10 MHz - 85 MHz 28-bit Flat Panel Display Link LVDS Serdes Transmitter
SN65LVDS93B TI1-SN65LVDS93B Datasheet
1Mb / 33P
[Old version datasheet]   10 MHz - 85 MHz 28-bit Flat Panel Display Link LVDS Serdes Transmitter
SN65LVDS93C-Q1 TI1-SN65LVDS93C-Q1 Datasheet
850Kb / 32P
[Old version datasheet]   10-MHz to 135-MHz, automotive, 28-bit flat-panel-display-link LVDS SerDes transmitter
logo
National Semiconductor ...
DS90C365A NSC-DS90C365A Datasheet
622Kb / 12P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display Link-85 MHz
DS90CF386 NSC-DS90CF386 Datasheet
302Kb / 16P
   3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-85 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-85 MHz
DS90C363A NSC-DS90C363A Datasheet
219Kb / 10P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A_03 Datasheet
304Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A Datasheet
258Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C385 NSC-DS90C385 Datasheet
333Kb / 17P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-85 MHz, 3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) L
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com