Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SYDC-20-13HP+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # SYDC-20-13HP+
Description  Bi-Directional Coupler
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SYDC-20-13HP+ Datasheet(HTML) 1 Page - Mini-Circuits

  SYDC-20-13HP+ Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FREQ.
(MHz)
COUPLING
(dB)
MAINLINE LOSS1
(dB)
DIRECTIVITY
(dB)
VSWR
(:1)
POWER2
INPUT
(W)
f
L-fU
Nom.
Flatness
Typ.
Max.
Typ.
Min.
Typ.
Max.
40-1000
20±1.0
±0.9
0.4
1.1
28
14
1.55
10
1. Mainline loss includes theoretical power loss at coupled port.
2. The user must provide adequate means of heat removal to limit the temperature of ground connections 2,3,6,7 to 85°C, in order to ensure
proper performance. At 25°C ambient temperature this requires thermal resistance of the user's PC board heat sink to be 27°C/W or less when
the unit is driven at maximum specified RF input power, 10W. At higher ambient temperature, with the same heat sink, input power in watts
must not exceed 10W x (85°C -Tambient)
÷ 60°C.
Typical Performance Data
Maximum Ratings
Pin Connections
INPUT
8
OUTPUT
1
COUPLED (forward)
5
COUPLED (reverse)
4
GROUND
2,3,6,7
*Operating Temperature, Case -40°C to 85°C
Storage Temperature
-55°C to 100°C
SYDC-20-13HP+
MAINLINE LOSS
0.0
0.2
0.4
0.6
0.8
1.0
0
200
400
600
800
1000
FREQUENCY (MHz)
at RF level of -10 dBm
SYDC-20-13HP+
COUPLING & DIRECTIVITY
10
15
20
25
30
35
40
0
200
400
600
800
1000
FREQUENCY (MHz)
COUPLING IN-CPL FWD
DIRECTIVITY IN-CPL REV
at RF level of -10 dBm
SYDC-20-13HP+
SYDC-20-13HP+
RETURN LOSS
10
15
20
25
30
35
40
45
50
0
200
400
600
800
1000
FREQUENCY (MHz)
IN
OUT
CPL FWD
CPL REV
at RF level of -10 dBm
Electrical Schematic
50Ω
20 dB Coupling
40 to 1000 MHz
Bi-Directional Coupler
REV. E
M151107
ED-12804/1
SYDC-20-13HP+
DY/CP/AM
151005
Surface Mount
Features
• high power, 10W max.
• wideband multi-octave
• low mainline loss, 0.4 dB typ.
Applications
• VHF/UHF receivers/transmitters
• cellular
CASE STYLE: AH202-1
Frequency
(MHz)
Mainline Loss
(dB)
Coupling
(dB)
Directivity
(dB)
Return Loss
(dB)
In-Out
In-Cpl Fwd
Out-Cpl Rev Out-Cpl Fwd
In-Cpl Rev
In
Out
Cpl Fwd
Cpl Rev
Demo Board MCL P/N: TB-349
Suggested PCB Layout (PL-246)
Bi-Directional Coupler Electrical Specifications
40.00
0.10
19.36
19.51
19.01
18.84
20.45
20.20
18.37
18.14
100.00
0.12
19.30
19.34
25.29
22.07
34.36
34.34
32.77
32.57
200.00
0.21
19.35
19.50
28.64
22.40
35.48
37.54
32.79
34.08
300.00
0.24
19.44
19.64
30.84
22.72
29.08
28.84
26.69
26.39
400.00
0.28
19.54
19.79
33.82
23.56
25.58
25.01
23.56
22.77
500.00
0.32
19.64
19.95
37.70
24.76
23.31
22.56
21.29
20.34
600.00
0.37
19.75
20.12
38.46
25.88
21.69
20.56
19.54
18.67
700.00
0.42
19.88
20.29
33.39
27.81
20.49
19.21
18.26
17.32
800.00
0.49
20.05
20.48
28.31
28.38
19.53
18.13
17.35
16.22
1000.00
0.66
20.51
20.83
20.87
25.33
18.01
16.40
16.08
14.50
* Case temperature is defined as temperature on ground leads
.
Permanent damage may occur if any of these limits are exceeded.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Outline Drawing
Outline Dimensions (
)
inch
mm
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
A
B
C
D
E
FG
.38
.50
.25
.020
.115
.070
.035
9.65
12.70
6.35
0.51
2.92
1.78
0.89
H
J
K
L
M
N
wt
.050
.090
.040
.105
.140
.095 grams
1.27
2.29
1.02
2.67
3.56
2.41
0.80
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 1


Similar Part No. - SYDC-20-13HP+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SYDC-20-22HP MINI-SYDC-20-22HP Datasheet
355Kb / 2P
   Bi-Directional Coupler
SYDC-20-22HP++ MINI-SYDC-20-22HP+ Datasheet
355Kb / 2P
   Bi-Directional Coupler
SYDC-20-31HP MINI-SYDC-20-31HP Datasheet
378Kb / 2P
   Bi-Directional Coupler
SYDC-20-31HP++ MINI-SYDC-20-31HP+ Datasheet
378Kb / 2P
   Bi-Directional Coupler
SYDC-20-61HP MINI-SYDC-20-61HP Datasheet
352Kb / 1P
   Bi-Directional Coupler
More results

Similar Description - SYDC-20-13HP+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BDCA-15-25 MINI-BDCA-15-25 Datasheet
117Kb / 1P
   Bi-Directional Coupler
logo
SYNERGY MICROWAVE CORPO...
SCS100800-10 SYNERGY-SCS100800-10 Datasheet
496Kb / 4P
   BI-DIRECTIONAL COUPLER
SDCHP-140 SYNERGY-SDCHP-140 Datasheet
344Kb / 3P
   BI-DIRECTIONAL COUPLER
logo
Mini-Circuits
CPL-20-14 MINI-CPL-20-14 Datasheet
305Kb / 1P
   Bi-Directional Coupler
SCBD-25-122HP MINI-SCBD-25-122HP Datasheet
392Kb / 3P
   Bi-Directional Coupler
ZABDC20-232H MINI-ZABDC20-232H Datasheet
216Kb / 3P
   Bi-Directional Coupler
ZBDC40-1450W MINI-ZBDC40-1450W Datasheet
340Kb / 1P
   Bi-Directional Coupler
BDCN-14-22 MINI-BDCN-14-22 Datasheet
295Kb / 1P
   Bi-Directional Coupler
ZABDC20-252H MINI-ZABDC20-252H Datasheet
212Kb / 1P
   Bi-Directional Coupler
BDCH-20-63 MINI-BDCH-20-63 Datasheet
395Kb / 3P
   Bi-Directional Coupler
SYBD-26-13HP MINI-SYBD-26-13HP Datasheet
288Kb / 1P
   Bi-Directional Coupler
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com