Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SYBP-1420+ Datasheet(PDF) 2 Page - Mini-Circuits

Part # SYBP-1420+
Description  Bandpass Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SYBP-1420+ Datasheet(HTML) 2 Page - Mini-Circuits

  SYBP-1420+ Datasheet HTML 1Page - Mini-Circuits SYBP-1420+ Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bandpass Filter
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
SYBP-1420+
Outline Drawing
Demo Board MCL P/N: TB-517+
Suggested PCB Layout (PL-308)
RF IN
4
RF OUT
6
GROUND
1,2,3,5
Pin Connections
inch
mm
Outline Dimensions (
)
A
B
C
D
E
FG
H
.25 .31 .15 .090 .040 .065 .060 .065
6.35 7.87 3.81 2.29 1.02 1.65 1.52 1.65
J
K
L
N
Q
wt.
.300 .060 .060 .105 .070
grams
7.62 1.52 1.52 2.67 1.78
0.50
PC B L and Patter n
Suggested L ayout,
T olerance to be within ±.002


Similar Part No. - SYBP-1420+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SYBP-2250 MINI-SYBP-2250 Datasheet
296Kb / 2P
   Bandpass Filter
SYBP-2250++ MINI-SYBP-2250+ Datasheet
296Kb / 2P
   Bandpass Filter
SYBP-232 MINI-SYBP-232 Datasheet
290Kb / 2P
   Bandpass Filter
SYBP-232++ MINI-SYBP-232+ Datasheet
290Kb / 2P
   Bandpass Filter
SYBP-2640 MINI-SYBP-2640 Datasheet
294Kb / 2P
   Bandpass Filter
More results

Similar Description - SYBP-1420+

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com