Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SYBD-24-142HP+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # SYBD-24-142HP+
Description  Bi-Directional Coupler
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SYBD-24-142HP+ Datasheet(HTML) 1 Page - Mini-Circuits

  SYBD-24-142HP+ Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FREQ.
(MHz)
COUPLING
(dB)
MAINLINE LOSS1
(dB)
DIRECTIVITY
(dB)
VSWR
(:1)
POWER
INPUT
(W)
f
L-fU
Nom.
Flatness
Typ.
Max.
Typ.
Min.
Typ.
Max.
960-1400
0.04
0.30
25
17
1.15
960-1240
24.8±0.8
±1.2
0.04
0.25
26
18
1.15
50
1240-1400
23.2±0.8
±0.7
0.05
0.30
24
17
1.15
50
1. Mainline loss includes theoretical power loss at coupled port.
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Typical Performance Data
Maximum Ratings
Pin Connections
INPUT
1
OUTPUT
2
COUPLED (forward)
4
COUPLED (reverse)
3
GROUND
5
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
DC Current
2A
SYBD-24-142HP+
COUPLING & DIRECTIVITY
0
10
20
30
40
50
960
1070
1180
1290
1400
FREQUENCY (MHz)
COUPLING IN-CPL FWD
DIRECTIVITY IN-CPL-REV
SYBD-24-142HP+
SYBD-24-142HP+
RETURN LOSS
10
20
30
40
50
60
960
1070
1180
1290
1400
FREQUENCY (MHz)
IN
OUT
CPL-FWD
CPL-REV
50Ω
24dB Coupling
DC Pass
960 to 1400 MHz
Bi-Directional Coupler
REV. C
M151107
ED-12832/4
SYBD-24-142HP+
WZ/QL/AM
151005
High Power
Features
• high power handling, 50 watts
• low mainline loss, 0.04 dB typ.
• excellent VSWR, 1.15:1 typ.
• excellent directivity 25 dB typ.
• wideband frequency, 960 to 1400 MHz
Applications
• GPS
• defense communications
Frequency
(MHz)
Mainline Loss
(dB)
Coupling
(dB)
Directivity
(dB)
Return Loss
(dB)
In-Out
In-Cpl Fwd
Out-Cpl Rev Out-Cpl Fwd
In-Cpl Rev
In
Out
Cpl Fwd
Cpl Rev
Bi-Directional Coupler Electrical Specifications
SYBD-24-142HP+
MAINLINE LOSS
0.0
0.1
0.2
0.3
960
1070
1180
1290
1400
FREQUENCY (MHz)
960.00
0.02
25.98
26.00
29.78
31.19
37.45
33.59
39.26
36.79
1000.00
0.01
25.65
25.67
28.84
30.44
35.49
32.57
37.59
35.15
1040.00
0.02
25.32
25.34
28.31
29.15
33.39
31.25
36.91
34.33
1080.00
0.02
25.02
25.04
27.73
28.70
32.16
30.39
35.34
33.49
1180.00
0.03
24.31
24.34
26.37
27.22
29.13
28.08
32.71
31.38
1240.00
0.03
23.94
23.97
25.90
26.79
27.85
27.07
31.20
29.91
1280.00
0.04
23.69
23.71
25.45
26.12
27.03
26.37
30.45
29.60
1300.00
0.04
23.57
23.59
25.29
25.99
26.78
26.07
30.20
29.46
1340.00
0.04
23.34
23.36
24.95
25.64
26.17
25.68
29.59
28.67
1400.00
0.05
23.00
23.02
24.67
25.14
25.39
24.98
28.86
28.19
Electrical Schematic
Permanent damage may occur if any of these limits are exceeded.
Outline Drawing
Outline Dimensions (
)
inch
mm
A
B
C
D
E
F
G
.70
.32
.13
.060
.100
.500
.022
17.78
8.13
3.30
1.52
2.54 12.70
0.56
H
J
K
L
M
wt
.060
.040
.360
.670
.175
grams
1.52
1.02
9.14 17.02
4.45
0.68
Demo Board MCL P/N: TB-398
Suggested PCB Layout (PL-260)
Suggested Layout,
Tolerance to be within ±.002
PCB Land Pattern
CASE STYLE: JB1233
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - SYBD-24-142HP+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SYBD-20-13HP MINI-SYBD-20-13HP Datasheet
287Kb / 1P
   Bi-Directional Coupler
SYBD-20-13HP++ MINI-SYBD-20-13HP+ Datasheet
287Kb / 1P
   Bi-Directional Coupler
SYBD-20-142HP MINI-SYBD-20-142HP Datasheet
289Kb / 1P
   Bi-Directional Coupler
SYBD-20-142HP++ MINI-SYBD-20-142HP+ Datasheet
289Kb / 1P
   Bi-Directional Coupler
SYBD-20-272HP MINI-SYBD-20-272HP Datasheet
288Kb / 1P
   Bi-Directional Coupler
More results

Similar Description - SYBD-24-142HP+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BDCA-15-25 MINI-BDCA-15-25 Datasheet
117Kb / 1P
   Bi-Directional Coupler
logo
SYNERGY MICROWAVE CORPO...
SCS100800-10 SYNERGY-SCS100800-10 Datasheet
496Kb / 4P
   BI-DIRECTIONAL COUPLER
SDCHP-140 SYNERGY-SDCHP-140 Datasheet
344Kb / 3P
   BI-DIRECTIONAL COUPLER
logo
Mini-Circuits
CPL-20-14 MINI-CPL-20-14 Datasheet
305Kb / 1P
   Bi-Directional Coupler
SCBD-25-122HP MINI-SCBD-25-122HP Datasheet
392Kb / 3P
   Bi-Directional Coupler
ZABDC20-232H MINI-ZABDC20-232H Datasheet
216Kb / 3P
   Bi-Directional Coupler
ZBDC40-1450W MINI-ZBDC40-1450W Datasheet
340Kb / 1P
   Bi-Directional Coupler
BDCN-14-22 MINI-BDCN-14-22 Datasheet
295Kb / 1P
   Bi-Directional Coupler
ZABDC20-252H MINI-ZABDC20-252H Datasheet
212Kb / 1P
   Bi-Directional Coupler
BDCH-20-63 MINI-BDCH-20-63 Datasheet
395Kb / 3P
   Bi-Directional Coupler
SYBD-26-13HP MINI-SYBD-26-13HP Datasheet
288Kb / 1P
   Bi-Directional Coupler
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com