Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA837IDBVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA837IDBVT
Description  Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA837IDBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA837IDBVT Datasheet HTML 5Page - Texas Instruments OPA837IDBVT Datasheet HTML 6Page - Texas Instruments OPA837IDBVT Datasheet HTML 7Page - Texas Instruments OPA837IDBVT Datasheet HTML 8Page - Texas Instruments OPA837IDBVT Datasheet HTML 9Page - Texas Instruments OPA837IDBVT Datasheet HTML 10Page - Texas Instruments OPA837IDBVT Datasheet HTML 11Page - Texas Instruments OPA837IDBVT Datasheet HTML 12Page - Texas Instruments OPA837IDBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
9
OPA837, OPA2837
www.ti.com
SBOS673A – SEPTEMBER 2017 – REVISED APRIL 2018
Product Folder Links: OPA837 OPA2837
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Electrical Characteristics: VS = 3 V (continued)
at VS+ = 3 V, VS– = 0 V, RF = 0 Ω, RL = 2 kΩ, G = 1 V/V, input and output referenced to mid-supply, and TA ≈ 25°C (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL(1)
(5)
The typical spec is at 25oC Tj. The min, max limits are expanded for ATE to account for ambient range from 22
oC to 32oC with a +4-
uA/oC temperature coefficient on the supply current.
Input offset current drift(3)
TA = –40°C to +125°C
–250
±40
250
pA/°C
B
TA = –40°C to +125°C (OPA2837)
–250
±80
250
B
Input-referred offset voltage
mismatch
TA ≈ 25°C (OPA2837)
-220
50
220
µV
A
INPUT
Common-mode input range, low
TA ≈ 25°C, < 3-dB degradation in CMRR limit
–0.2
0
V
A
TA = –40°C to +125°C, < 3-dB degradation in
CMRR limit
–0.2
0
B
Common-mode input range, high
TA ≈ 25°C, < 3-dB degradation in CMRR limit
1.7
1.8
V
A
TA = –40°C to +125°C, < 3-dB degradation in
CMRR limit
1.7
1.8
B
CMRR
Common-mode rejection ratio
90
105
dB
A
Input impedance common-mode
250 || 1.5
kΩ || pF
C
Input impedance differential mode
180 || 0.5
kΩ || pF
C
OUTPUT
VOL
Output voltage, low
TA ≈ 25°C, G = 2
0.05
0.1
V
A
TA = –40°C to +125°C, G = 2
0.10
0.2
B
VOH
Output voltage, high
TA ≈ 25°C, G = 2
2.9
2.95
V
A
TA = –40°C to +125°C, G = 2
2.8
2.9
B
Maximum current into a resistive
load
TA ≈ 25°C, ±0.8 V into 17.5 Ω, VIO < 2 mV
±45
±55
mA
A
Linear current into a resistive load
TA ≈ 25°C, ±0.9 V into 21.5 Ω, AOL > 80 dB
±40
±45
mA
A
Linear current into a resistive load
overtemperature
TA = –40°C to 125°C, ±0.7 V into 21.5 Ω, AOL
> 80 dB
±32
±40
mA
C
POWER SUPPLY
Specified operating voltage
2.7
5.4
V
B
Quiescent operating current per
amplifier (OPA837, 3-V supply)
TA ≈ 25°C
(5)
547
570
607
µA
A
TA = –40°C to +125°C
404
570
817
B
Quiescent operating current per
amplifier (OPA2837, 3-V supply)
TA ≈ 25°C
(5)
540
570
607
µA
A
Supply current temperature
coefficient per amplifier
TA = –40°C to +125°C (see Figure 57)
0.8
1.7
2.2
µA/°C
B
+PSRR
Positive power-supply rejection
ratio
90
110
dB
A
–PSRR
Negative power-supply rejection
ratio
88
105
dB
A
POWER DOWN (Pin Must be Driven)
Enable voltage threshold
Specified on above VS– + 1.5 V
1.5
V
A
Disable voltage threshold
Specified off below VS– + 0.55 V
0.55
V
A
Power-down pin bias current
PD = 0 V to VS+
–50
50
nA
A
Power-down quiescent current
PD
≤ 0.55 V
1
3
8
µA
A
Power-down quiescent current
over temperature
PD
≤ 0.55 V, TA = –40°C to +125°C
8
µA
B
Turnon time delay
Time from PD = high to VOUT = 90% of final
value
300
ns
C
Turnoff time delay
Time from PD = low to VOUT = 10% of original
value
100
ns
C


Similar Part No. - OPA837IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA837IDBVT TI1-OPA837IDBVT Datasheet
2Mb / 51P
[Old version datasheet]   OPA837 Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
OPA837IDBVT TI1-OPA837IDBVT Datasheet
2Mb / 58P
[Old version datasheet]   Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
OPA837IDBVT TI-OPA837IDBVT Datasheet
2Mb / 63P
[Old version datasheet]   OPAx837 Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
REVISED DECEMBER 2018
More results

Similar Description - OPA837IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA837_1809 TI1-OPA837_1809 Datasheet
2Mb / 58P
[Old version datasheet]   Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
OPA837 TI1-OPA837 Datasheet
2Mb / 51P
[Old version datasheet]   OPA837 Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
OPA837 TI-OPA837_V01 Datasheet
2Mb / 63P
[Old version datasheet]   OPAx837 Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
REVISED DECEMBER 2018
logo
ON Semiconductor
NCS2551 ONSEMI-NCS2551 Datasheet
197Kb / 12P
   500 MHz Voltage Feedback Op Amp
September, 2006 ??Rev. 2
NCS2550 ONSEMI-NCS2550 Datasheet
289Kb / 12P
   750 MHz Voltage Feedback Op Amp
May, 2006 ??Rev. 2
logo
National Semiconductor ...
CLC436 NSC-CLC436 Datasheet
119Kb / 6P
   200MHz, 짹15V, Low-Power Voltage Feedback Op Amp
CLC440 NSC-CLC440 Datasheet
316Kb / 8P
   High-Speed, Low-Power, Voltage Feedback Op Amp
CLC426 NSC-CLC426 Datasheet
1,005Kb / 8P
   Wideband, Low-Noise, Voltage Feedback Op Amp
CLC5802 NSC-CLC5802 Datasheet
420Kb / 12P
   Dual Low-Noise, Voltage Feedback Op Amp
LMH6609 NSC-LMH6609 Datasheet
641Kb / 15P
   900MHz Voltage Feedback Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com