Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

POPA521IRGWT Datasheet(PDF) 9 Page - Texas Instruments

Part # POPA521IRGWT
Description  Narrowband Power Line Communications Line Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

POPA521IRGWT Datasheet(HTML) 9 Page - Texas Instruments

Back Button POPA521IRGWT Datasheet HTML 5Page - Texas Instruments POPA521IRGWT Datasheet HTML 6Page - Texas Instruments POPA521IRGWT Datasheet HTML 7Page - Texas Instruments POPA521IRGWT Datasheet HTML 8Page - Texas Instruments POPA521IRGWT Datasheet HTML 9Page - Texas Instruments POPA521IRGWT Datasheet HTML 10Page - Texas Instruments POPA521IRGWT Datasheet HTML 11Page - Texas Instruments POPA521IRGWT Datasheet HTML 12Page - Texas Instruments POPA521IRGWT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
+
±
LV
Capacitor
PA
Supply
Power
Amplifier
+
N1
+
N2
HV
Capacitor
L
Rload
Phase
Neutral
+ Vswing -
+ V1 -
+ V2 -
+
Vload
-
9
OPA521
www.ti.com
SBOS872 – MAY 2018
Product Folder Links: OPA521
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The OPA521 is an integrated, power line communication power amplifier that transmits PLC data onto power
lines through a line-coupling circuit.
8.2 Typical Application
A schematic for a typical application is provided in Figure 1.
Figure 1. Typical Line Coupling Circuit
8.2.1 Design Requirements
For typical power line applications, use the following parameters:
Table 1. Power-Supply Requirements
PARAMETER
FSK OR SFSK
PRIME OR G3 OFDM
UNITS
Frequency range
63 to 74
35 to 95
kHz
RLOAD
2
2
Ω
VLOAD
1
1
VRMS
VLOAD
1.414
3
VPEAK
VLOAD
2.828
6
VPP
OFDM multiplier
1.5
VSWING
2
2
V
Turns ration, N1/N2
1.5
1.5
PA supply
8.25
17.5
V
Example:
For PRIME or G3 using an OFDM signal with a 2-Ω load and 1-VRMSload voltage:
PASupply= VLOAD × OFDM Multiplier × Turns Ration + (2 × VSWING)
PASupply= 6 V × 1.5 × 1.5 + (2 × 2 V)
PASupply= 17.5 V


Similar Part No. - POPA521IRGWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
POPA1633DR TI1-POPA1633DR Datasheet
1Mb / 26P
[Old version datasheet]   OPA1633 High-Performance, Fully-Differential Audio Operational Amplifier
FEBRUARY 2023
POPA1656IDR TI1-POPA1656IDR Datasheet
611Kb / 23P
[Old version datasheet]   Ultra-low-noise, low-distortion, FET-input, Burr-Brown audio operational amplifier
POPA1692IDGK TI1-POPA1692IDGK Datasheet
488Kb / 23P
[Old version datasheet]   Low-Power, Low-Noise and Low-Distortion Audio Operational Amplifiers
POPA187IDBVR TI1-POPA187IDBVR Datasheet
2Mb / 41P
[Old version datasheet]   0.005-uV/C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
POPA187IDBVR TI1-POPA187IDBVR Datasheet
2Mb / 44P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
More results

Similar Description - POPA521IRGWT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE8167 AD-ADE8167 Datasheet
61Kb / 2P
   Power Line Communications
Rev. PrA
logo
ATMEL Corporation
ATPL00B ATMEL-ATPL00B Datasheet
1Mb / 152P
   FSK Power Line Communications SoC
ATPL100A ATMEL-ATPL100A Datasheet
219Kb / 10P
   FSK Power Line Communications SoC
logo
Texas Instruments
AFE032 TI1-AFE032 Datasheet
1Mb / 77P
[Old version datasheet]   Power-Line Communications Analog Front-End
TMS320F28PLC84 TI1-TMS320F28PLC84 Datasheet
1Mb / 132P
[Old version datasheet]   TMS320F28PLC8x Power Line Communications (PLC) Processors
logo
ATMEL Corporation
ATPL230A ATMEL-ATPL230A Datasheet
1Mb / 122P
   ATPL Series Power Line Communications Device
logo
Texas Instruments
AFE032 TI1-AFE032 Datasheet
1Mb / 77P
[Old version datasheet]   Power-Line Communications Analog Front-End
logo
ATMEL Corporation
ATPL250A ATMEL-ATPL250A Datasheet
1Mb / 28P
   ATPL Series Power Line Communications Device
logo
Bel Fuse Inc.
APC79101 BEL-APC79101 Datasheet
165Kb / 1P
   Power Packet Power Line Communications AFE Hybrid
logo
STMicroelectronics
STLD1 STMICROELECTRONICS-STLD1 Datasheet
681Kb / 13P
   Power-line communication dual line driver
June 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com