Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA145IDGKT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA145IDGKT
Description  High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA145IDGKT Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA145IDGKT Datasheet HTML 6Page - Texas Instruments OPA145IDGKT Datasheet HTML 7Page - Texas Instruments OPA145IDGKT Datasheet HTML 8Page - Texas Instruments OPA145IDGKT Datasheet HTML 9Page - Texas Instruments OPA145IDGKT Datasheet HTML 10Page - Texas Instruments OPA145IDGKT Datasheet HTML 11Page - Texas Instruments OPA145IDGKT Datasheet HTML 12Page - Texas Instruments OPA145IDGKT Datasheet HTML 13Page - Texas Instruments OPA145IDGKT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
-140
-120
-100
-80
-60
0.00001
0.0001
0.001
0.01
0.1
20
200
2k
20k
Frequency (Hz)
G = -1, 2k-
Load
G = -1, 600-
Load
G = -1, 10k-
Load
G = +1, 2k-
Load
G = +1, 600-
Load
G = +1, 10k-
Load
C004
1
10
100
0.1
1
10
100
1k
10k
100k
Frequency (Hz)
C002
0.001
0.01
0.1
1
10
100
120
140
160
180
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
Time (1 s/div)
C017
0
20
40
60
80
100
120
140
160
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
CMRR
+PSRR
±PSRR
C004
0.01
0.1
1
10
100
110
120
130
140
150
160
±75 ±50 ±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
10
OPA145
SBOS427B – JUNE 2017 – REVISED MAY 2018
www.ti.com
Product Folder Links: OPA145
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
at TA = 25°C, VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Figure 13. CMRR and PSRR vs Frequency
Figure 14. CMRR vs Temperature
Figure 15. PSRR vs Temperature
Figure 16. 0.1-Hz to 10-Hz Voltage Noise
Figure 17. Input Voltage Noise Spectral Density
vs Frequency
VOUT = 3.5 VRMS,
BW = 90 kHz
Figure 18. THD+N Ratio vs Frequency


Similar Part No. - OPA145IDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA145IDGKT TI1-OPA145IDGKT Datasheet
2Mb / 44P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
OPA145IDGKT TI1-OPA145IDGKT Datasheet
2Mb / 43P
[Old version datasheet]   OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPA145IDGKT TI-OPA145IDGKT Datasheet
2Mb / 42P
[Old version datasheet]   OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPA145IDGKT TI-OPA145IDGKT Datasheet
2Mb / 42P
[Old version datasheet]   OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
More results

Similar Description - OPA145IDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA145_1807 TI1-OPA145_1807 Datasheet
2Mb / 44P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
OPA145 TI1-OPA145 Datasheet
1Mb / 40P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPA145 TI-OPA145_V03 Datasheet
2Mb / 42P
[Old version datasheet]   OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPA145 TI-OPA145_V02 Datasheet
2Mb / 42P
[Old version datasheet]   OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPA145 TI1-OPA145_V01 Datasheet
2Mb / 43P
[Old version datasheet]   OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
logo
Analog Devices
ADA4610S AD-ADA4610S Datasheet
847Kb / 18P
   Low Noise, Precision, Rail to Rail Output, JFET Dual Operational Amplifier
REV. A
logo
New Japan Radio
NJU7078 NJRC-NJU7078 Datasheet
1Mb / 12P
   Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7076 NJRC-NJU7076 Datasheet
1Mb / 12P
   Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7077 NJRC-NJU7077 Datasheet
1Mb / 12P
   Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
logo
Texas Instruments
OPA207 TI1-OPA207 Datasheet
921Kb / 31P
[Old version datasheet]   Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com