Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA521IRGWT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA521IRGWT
Description  Narrowband Power Line Communications Line Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA521IRGWT Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA521IRGWT Datasheet HTML 4Page - Texas Instruments OPA521IRGWT Datasheet HTML 5Page - Texas Instruments OPA521IRGWT Datasheet HTML 6Page - Texas Instruments OPA521IRGWT Datasheet HTML 7Page - Texas Instruments OPA521IRGWT Datasheet HTML 8Page - Texas Instruments OPA521IRGWT Datasheet HTML 9Page - Texas Instruments OPA521IRGWT Datasheet HTML 10Page - Texas Instruments OPA521IRGWT Datasheet HTML 11Page - Texas Instruments OPA521IRGWT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
OPA521
SBOS872 – MAY 2018
www.ti.com
Product Folder Links: OPA521
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
ILIM Pin Current Limiting (continued)
RSET = the value of the external resistor connected between pin 26 and ground,
and
Ilim = the value of the desired current limit.
(1)
There is a 30% tolerance on the Ilim value given by Equation 1.
7.7 IFLAG and TFLAG Pins
The IFLAG and TFLAG pins are active-high, open-drain outputs that indicate if the OPA521 is in current or
thermal limit. Connect these pins to 3.3 V through pullup resistors (for example 10 kΩ).
The maximum output current from the power amplifier is programmed with the external ILIM resistor that is
connected between ILIM (pin 12) and ground. IFLAG is set if the amplifier goes to a current limit state if a fault
condition occurs. This causes the PA to source or sink more current than the programmed limit value. IFLAG
exhibits transient pulses under typical operation. An IFLAG true state for greater than 100 ms is a definite
indication of a fault current condition.
The device contains internal thermal shutdown protection circuitry that automatically disables the output stage if
the junction temperature exceeds 165°C. The device thermal shutdown protection circuitry lets the amplifier
typical normal operation only when the junction temperature falls below 150°C. The TFLAG is active when the
device is in thermal shut down mode.
7.8 Device Functional Modes
The OPA521 operates from a single power rail from 7 V to 24 V. The gain is set at –7 V/V and can increase with
an external resistor that is connected to the GAIN_SET and –IN pins.


Similar Part No. - OPA521IRGWT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA501 BURR-BROWN-OPA501 Datasheet
100Kb / 6P
   High Current, High Power OPERATIONAL AMPLIFIER
OPA501AM BURR-BROWN-OPA501AM Datasheet
100Kb / 6P
   High Current, High Power OPERATIONAL AMPLIFIER
OPA501BM BURR-BROWN-OPA501BM Datasheet
100Kb / 6P
   High Current, High Power OPERATIONAL AMPLIFIER
OPA501RM BURR-BROWN-OPA501RM Datasheet
100Kb / 6P
   High Current, High Power OPERATIONAL AMPLIFIER
OPA501SM BURR-BROWN-OPA501SM Datasheet
100Kb / 6P
   High Current, High Power OPERATIONAL AMPLIFIER
More results

Similar Description - OPA521IRGWT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE8167 AD-ADE8167 Datasheet
61Kb / 2P
   Power Line Communications
Rev. PrA
logo
ATMEL Corporation
ATPL00B ATMEL-ATPL00B Datasheet
1Mb / 152P
   FSK Power Line Communications SoC
ATPL100A ATMEL-ATPL100A Datasheet
219Kb / 10P
   FSK Power Line Communications SoC
logo
Texas Instruments
AFE032 TI1-AFE032 Datasheet
1Mb / 77P
[Old version datasheet]   Power-Line Communications Analog Front-End
TMS320F28PLC84 TI1-TMS320F28PLC84 Datasheet
1Mb / 132P
[Old version datasheet]   TMS320F28PLC8x Power Line Communications (PLC) Processors
logo
ATMEL Corporation
ATPL230A ATMEL-ATPL230A Datasheet
1Mb / 122P
   ATPL Series Power Line Communications Device
logo
Texas Instruments
AFE032 TI1-AFE032 Datasheet
1Mb / 77P
[Old version datasheet]   Power-Line Communications Analog Front-End
logo
ATMEL Corporation
ATPL250A ATMEL-ATPL250A Datasheet
1Mb / 28P
   ATPL Series Power Line Communications Device
logo
Bel Fuse Inc.
APC79101 BEL-APC79101 Datasheet
165Kb / 1P
   Power Packet Power Line Communications AFE Hybrid
logo
STMicroelectronics
STLD1 STMICROELECTRONICS-STLD1 Datasheet
681Kb / 13P
   Power-line communication dual line driver
June 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com