Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA837 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA837
Description  Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA837 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA837_18 Datasheet HTML 7Page - Texas Instruments OPA837_18 Datasheet HTML 8Page - Texas Instruments OPA837_18 Datasheet HTML 9Page - Texas Instruments OPA837_18 Datasheet HTML 10Page - Texas Instruments OPA837_18 Datasheet HTML 11Page - Texas Instruments OPA837_18 Datasheet HTML 12Page - Texas Instruments OPA837_18 Datasheet HTML 13Page - Texas Instruments OPA837_18 Datasheet HTML 14Page - Texas Instruments OPA837_18 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
Time (ns)
50
250
450
650
850
1050
1250
1450
-5
-4
-3
-2
-1
0
1
2
3
4
5
D011
VIN x 2 gain
VOUT (AV = 2)
Time (ns)
50
250
450
650
850
1050
1250
1450
-5
-4
-3
-2
-1
0
1
2
3
4
5
D012
VIN x 2 gain
VOUT (AV = 2)
Time (ns)
0
25
50
75
100
125
150
175
200
225
250
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
D009
AV = 1, 500-mV Step, TR = 10 ns
AV = 1, 2-V Step, TR = 40 ns
AV = 2, 500-mV Step, TR = 10 ns
AV = 2, 2-V Step, TR = 40 ns
Time (ns)
0
25
50
75
100
125
150
175
200
225
250
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
D010
AV = -1 , 500-mV Step, TR = 10 ns
AV = -1 , 2-V Step, TR = 40 ns
AV = -2 , 500-mV Step, TR = 10 ns
AV = -2, 2-V Step, TR = 40 ns
Time (ns)
0
100
200
300
400
500
600
700
800
900 1000
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
D007
VO = ±0.125 V
VO = ±0.25 V
VO = ±0.5 V
VO = ±1 V
Time (ns)
0
100
200
300
400
500
600
700
800
900 1000
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
D008
VO = ±0.125 V
VO = ±0.25 V
VO = ±0.5 V
VO = ±1 V
11
OPA837, OPA2837
www.ti.com
SBOS673A – SEPTEMBER 2017 – REVISED APRIL 2018
Product Folder Links: OPA837 OPA2837
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Typical Characteristics: VS = 5.0 V (continued)
at VS+ = 5.0 V, VS– = 0 V, VOUT = 2 VPP, RF = 0 Ω, RL = 2 kΩ, G = 1 V/V, input and output referenced to mid-supply, and TA
25°C (unless otherwise noted)
See Figure 74, gain = 2 V/V,
input edge rate set to stay below slew limiting
Figure 7. Noninverting Step Response vs Time and VOPP
See Figure 75, gain = –1 V/V,
input edge rate set to stay below slew limiting
Figure 8. Inverting Step Response vs Time and VOPP
See Figure 74 and Table 2
Figure 9. Simulated Noninverting Settling Time
See Figure 75 and Table 3
Figure 10. Simulated Inverting Settling Time
See Figure 74 and Table 2, gain = 2 V/V
Figure 11. Noninverting Overdrive Recovery
See Figure 75 and Table 3, gain –2 V/V
Figure 12. Inverting Overdrive Recovery


Similar Part No. - OPA837_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA837_1809 TI1-OPA837_1809 Datasheet
2Mb / 58P
[Old version datasheet]   Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
More results

Similar Description - OPA837_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA837_1809 TI1-OPA837_1809 Datasheet
2Mb / 58P
[Old version datasheet]   Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
OPA837 TI1-OPA837 Datasheet
2Mb / 51P
[Old version datasheet]   OPA837 Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
OPA837 TI-OPA837_V01 Datasheet
2Mb / 63P
[Old version datasheet]   OPAx837 Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
REVISED DECEMBER 2018
logo
ON Semiconductor
NCS2551 ONSEMI-NCS2551 Datasheet
197Kb / 12P
   500 MHz Voltage Feedback Op Amp
September, 2006 ??Rev. 2
NCS2550 ONSEMI-NCS2550 Datasheet
289Kb / 12P
   750 MHz Voltage Feedback Op Amp
May, 2006 ??Rev. 2
logo
National Semiconductor ...
CLC436 NSC-CLC436 Datasheet
119Kb / 6P
   200MHz, 짹15V, Low-Power Voltage Feedback Op Amp
CLC440 NSC-CLC440 Datasheet
316Kb / 8P
   High-Speed, Low-Power, Voltage Feedback Op Amp
CLC426 NSC-CLC426 Datasheet
1,005Kb / 8P
   Wideband, Low-Noise, Voltage Feedback Op Amp
CLC5802 NSC-CLC5802 Datasheet
420Kb / 12P
   Dual Low-Noise, Voltage Feedback Op Amp
LMH6609 NSC-LMH6609 Datasheet
641Kb / 15P
   900MHz Voltage Feedback Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com