Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN10145 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # AN10145
Description  Bi-directional low voltage translators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AN10145 Datasheet(HTML) 4 Page - NXP Semiconductors

  AN10145 Datasheet HTML 1Page - NXP Semiconductors AN10145 Datasheet HTML 2Page - NXP Semiconductors AN10145 Datasheet HTML 3Page - NXP Semiconductors AN10145 Datasheet HTML 4Page - NXP Semiconductors AN10145 Datasheet HTML 5Page - NXP Semiconductors AN10145 Datasheet HTML 6Page - NXP Semiconductors AN10145 Datasheet HTML 7Page - NXP Semiconductors AN10145 Datasheet HTML 8Page - NXP Semiconductors AN10145 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
When the GTL-TVC device is used as described in Figure 1, it is not necessary to have pull up resistors on the
lower voltage side because the GTL-TVC device will pass up to the reference Source voltage. With a 200 k
resistor connected to the reference Drain (DREF) and the reference Gate (GREF) and pulled up to a supply
voltage that is at least 1.5 V higher than the reference Source (SREF) level, about 2.5
µA will pass to the
lower voltage side at the reference Source voltage value. If the low voltage side is known to be leaky (more than
the 2.5
µA described above), it is necessary to include a pull up resistor on the low voltage side as well as the
high voltage side to provide the required current value.
2.
Down Translation
When doing down translation, since there is no driver on the lower voltage side, the higher voltage driver may
be either totem pole without any pull up resistor or open drain with a pull up resistor, and no resistor pull up is
needed on the low voltage side unless it has excessive leakage (more than the 2.5
µA described in the
paragraph above).
3.
Up Translation
A pull up resistor is always required on the higher voltage side to get the full high level, since the GTL-TVC
device will only pass the reference source voltage as a high when doing a up translation. A full CMOS driver or
an open drain driver with or without a pull up resistor on the low voltage side may be used. The resistor values
must be chosen so as not to overload the pull down driver nor the 15 mA limit of the GTL-TVC devices.
4.
Multiple Voltage Bi-Directional Translation
The channel pass transistors are constructed such that the gate of the reference transistor (GREF) pin is used to
limit the maximum high voltage that will be passed by the device. This allows the use of different bus voltages
on each source to drain channel so that for example, a 1.5 V device can communicate with 2.5 V, 3.3 V or 5 V
devices without any additional protection. Figure 2 shows how the GTL2010 can be used in a bi-directional I
2C
application where two ASIC’s I
2C ports (left side) operating at 1.5 V can interface to higher voltage devices
(right side) operating at 3.3V and 5.0 V.
-
One of the ASIC ports (MDDC on S1 & S2) only needs to interface with 5 V I
2C devices.
-
The other ASIC port (MI2C on S3 & S4 and S5 & S6) needs to interface with both 3.3 V SMBus and 5.0 V
I
2C devices.
Since the voltage difference between the low voltage (1.5V, left side) and the voltage on the resistor for the
GREF (Gate pull-up) is higher than 1.5V (5.0V in the figure), pull up resistors on the low voltage side (1.5V)
are optional.
Note:
Pull up resistors on the low voltage side are required if:
-
Te difference between the external voltage applied on the resistor for the Gate reference (GREF) and
the voltage on the low side is lower than 1.5V
-
The device in the low voltage side has a leakage current value higher than 2.5
µA
Figure 2. Bi-directional Multiple Voltage I
2C Application


Similar Part No. - AN10145

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1014 STMICROELECTRONICS-AN1014 Datasheet
258Kb / 25P
   HOW TO MINIMIZE THE ST7 POWER CONSUMPTION
More results

Similar Description - AN10145

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST1155A ETC1-ST1155A Datasheet
276Kb / 7P
   Low-saturation, Low-voltage bi-directional Motor Driver
logo
Silicon Touch Technolog...
11-MD123 SITI-11-MD123 Datasheet
245Kb / 8P
   Low-saturation, Low-voltage Bi-directional Motor Driver
ST1152A SITI-ST1152A Datasheet
233Kb / 7P
   Low-saturation, Low-voltage Bi-directional Motor Driver
ST1155B SITI-ST1155B Datasheet
257Kb / 7P
   Low-saturation, Low-voltage Bi-directional Motor Driver
ST1152B SITI-ST1152B Datasheet
204Kb / 10P
   Low-saturation, Low-voltage Bi-directional Motor Driver
11-MD124 SITI-11-MD124 Datasheet
244Kb / 7P
   Low-saturation, Low-voltage Bi-directional Motor Driver
ST1155A SITI-ST1155A Datasheet
282Kb / 7P
   Low-saturation, Low-voltage Bi-directional Motor Driver
logo
NXP Semiconductors
GTL2000 PHILIPS-GTL2000_03 Datasheet
108Kb / 13P
   22-bit bi-directional low voltage translator
2003 Apr 01
GTL2002 PHILIPS-GTL2002 Datasheet
114Kb / 14P
   2-bit bi-directional low voltage translator
2004 Sep 29
logo
Green Power Solutions s...
GOB95023 GPSEMI-GOB95023 Datasheet
118Kb / 3P
   BI-DIRECTIONAL BI-DIRECTIONAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com