Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-21161N Datasheet(PDF) 6 Page - Analog Devices

Part # ADSP-21161N
Description  DSP Microcomputer
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21161N Datasheet(HTML) 6 Page - Analog Devices

Back Button ADSP-21161N Datasheet HTML 2Page - Analog Devices ADSP-21161N Datasheet HTML 3Page - Analog Devices ADSP-21161N Datasheet HTML 4Page - Analog Devices ADSP-21161N Datasheet HTML 5Page - Analog Devices ADSP-21161N Datasheet HTML 6Page - Analog Devices ADSP-21161N Datasheet HTML 7Page - Analog Devices ADSP-21161N Datasheet HTML 8Page - Analog Devices ADSP-21161N Datasheet HTML 9Page - Analog Devices ADSP-21161N Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
ADSP-21161N
–6–
REV. A
PM bus, with one dedicated to each memory block, assures
single-cycle execution with two data transfers. In this case, the
instruction must be available in the cache.
Off-Chip Memory and Peripherals Interface
The ADSP-21161N’s external port provides the processor’s
interface to off-chip memory and peripherals. The 62.7-M word
off-chip address space (254.7-M word if all SDRAM) is included
in the ADSP-21161N’s unified address space. The separate on-
chip buses—for PM addresses, PM data, DM addresses, DM
data, I/O addresses, and I/O data—are multiplexed at the external
port to create an external system bus with a single 24-bit address
bus and a single 32-bit data bus. Every access to external memory
is based on an address that fetches a 32-bit word. When fetching
an instruction from external memory, two 32-bit data locations
are being accessed for packed instructions. Unused link port lines
can also be used as additional data lines DATA15
–DATA0,
allowing single-cycle execution of instructions from external
memory, at up to 100 MHz. Figure 3 on Page 7 shows the
alignment of various accesses to external memory.
The external port supports asynchronous, synchronous, and syn-
chronous burst accesses. Synchronous burst SRAM can be
interfaced gluelessly. The ADSP-21161N also can interface glue-
lessly to SDRAM. Addressing of external memory devices is
facilitated by on-chip decoding of high-order address lines to
generate memory bank select signals. The ADSP-21161N
provides programmable memory wait states and external
memory acknowledge controls to allow interfacing to memory
and peripherals with variable access, hold, and disable time
requirements.
SDRAM Interface
The SDRAM interface enables the ADSP-21161N to transfer
data to and from synchronous DRAM (SDRAM) at the core
clock frequency or at one-half the core clock frequency. The
Figure 2. Memory Map
0x000A 0000 - 0x000A 7FFF (BLK 1)
0x0002 8000 - 0x0002 9FFF (BLK 1)
0x0005 0000 - 0x0005 3FFF (BLK 1)
0x0010 0000 - 0x0011 FFFF
0x0004 0000 - 0x0004 3FFF (BLK 0)
0x0008 0000 - 0x0008 7FFF (BLK 0)
0x0012 0000 - 0x0013 FFFF
0x0014 0000 - 0x0015 FFFF
0x0016 0000 - 0x0017 FFFF
0x001A 0000 - 0x001B FFFF
0x0000 0000 - 0x0001 FFFF
0x0002 0000 - 0x0002 1FFF (BLK 0)
0x0020 0000
BANK 1
MS0
BANK 2
MS1
BANK 3
MS2
MS3
IOP REGISTERS
LONG WORD ADDRESSING
SHORT WORD ADDRESSING
NORMAL WORD ADDRESSING
ADDRESS
BANK 0
0x03FF FFFF (SDRAM)
0x00FF FFFF (NON-SDRAM)
0x0400 0000
0x07FF FFFF (SDRAM)
0x04FF FFFF (NON-SDRAM)
0x0800 0000
0x0BFF FFFF (SDRAM)
0x08FF FFFF (NON-SDRAM)
0x0C00 0000
0x0FFF FFFF (SDRAM)
0x0CFF FFFF (NON-SDRAM)
NOTE: BANK SIZES ARE FIXED
0x0018 0000 - 0x0019 FFFF
INTERNAL
MEMORY
SPACE
MULTIPROCESSOR
MEMORY
SPACE
ADDRESS
IOP REGISTERS OF ADSP-21161N
WITH ID = 001
IOP REGISTERS OF ADSP-21161N
WITH ID = 010
IOP REGISTERS OF ADSP-21161N
WITH ID = 011
IOP REGISTERS OF ADSP-21161N
WITH ID = 100
IOP REGISTERS OF ADSP-21161N
WITH ID = 101
IOP REGISTERS OF ADSP-21161N
WITH ID = 110
RESERVED
0x001C 0000
0x001F FFFF
EXTERNAL MEMORY SPACE


Similar Part No. - ADSP-21161N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21161NCCA-100 AD-ADSP-21161NCCA-100 Datasheet
789Kb / 60P
   SHARC Processor
REV. C
ADSP-21161NCCA-100 AD-ADSP-21161NCCA-100 Datasheet
789Kb / 60P
   SHARC Processor
REV. C
ADSP-21161NCCAZ100 AD-ADSP-21161NCCAZ100 Datasheet
789Kb / 60P
   SHARC Processor
REV. C
ADSP-21161NCCAZ100 AD-ADSP-21161NCCAZ100 Datasheet
789Kb / 60P
   SHARC Processor
REV. C
ADSP-21161NKCA-100 AD-ADSP-21161NKCA-100 Datasheet
789Kb / 60P
   SHARC Processor
REV. C
More results

Similar Description - ADSP-21161N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com