Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS5121 Datasheet(PDF) 15 Page - Texas Instruments

Part # ADS5121
Description  8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5121 Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS5121 Datasheet HTML 9Page - Texas Instruments ADS5121 Datasheet HTML 10Page - Texas Instruments ADS5121 Datasheet HTML 11Page - Texas Instruments ADS5121 Datasheet HTML 12Page - Texas Instruments ADS5121 Datasheet HTML 13Page - Texas Instruments ADS5121 Datasheet HTML 14Page - Texas Instruments ADS5121 Datasheet HTML 15Page - Texas Instruments ADS5121 Datasheet HTML 16Page - Texas Instruments ADS5121 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
ADS5121
15
SBAS281
www.ti.com
DATA OUTPUT FORMAT
The output data format of the ADS5121 is a positive Straight
Offset Binary (SOB) code. Tables I and II show output coding
of a single-ended and differential signal. For all data output
channels, the MSBs are located at the D9x pins.
channels. Note that the OE pin has no internal pull-up
resistor and therefore requires a defined potential to be
applied. The timing relations between OE and the output bus
enable/disable times are shown in the Timing Diagram.
POWER-DOWN (STANDBY)
The ADS5121 is equipped with a power-down function for
each of the eight channels. Labeled as STBY pins, the
channel is in normal operating mode when the STBY pin is
connected to logic high (H = 1). The selected ADC channel
will be in a power-down mode if the corresponding STBY pin
is connected to logic LOW (L = 0). The logic levels for the
STBY pins are dependent on the DRVDD supply. The power-
down function controls internal biasing nodes, and as a
consequence, any data present in the pipeline of the con-
verter will become invalid. This is independent of whether the
clock remains applied during power-down or not. Following a
power-up, new valid data will become available after a
minimum of seven clock cycles. As a note, the operation of
the STBY pins is not intended for the use of dynamically
multiplexing between the eight channels of the ADS5121.
DIGITAL OUTPUT DRIVER SUPPLY, DRVDD
The ADS5121 uses a dedicated supply connection for the
output logic drivers, DRVDD, along with its digital driver
ground connections, labeled DRGND.
Setting the voltage at DRVDD to either +3.3V or +1.8V also
sets the output logic levels accordingly, allowing the ADS5121
to directly interface to a selected logic family. The output
stages are designed to supply sufficient current to drive a
variety of logic families. However, it is recommended to use
the ADS5121 with a +1.8V driver supply. This will lower the
power dissipation in the output stages due to the lower output
swing and reduce current glitches on the supply lines, which
otherwise may affect the AC performance of the converter. In
some applications it might be advantageous to decouple the
DRVDD supply with additional capacitors or a pi-filter.
GROUNDING AND DECOUPLING
Proper grounding and bypassing, short lead length, and the
use of ground planes are particularly important for high-
frequency designs. Multilayer pc-boards are recommended
for best performance since they offer distinct advantages
such as minimizing ground impedance, separation of signal
layers by ground layers, etc. The ADS5121 should be treated
as an analog component. Whenever possible, the supply
pins should be powered by the analog supply. This will
ensure the most consistent results, since digital supply lines
often carry high levels of noise which otherwise would be
coupled into the converter and degrade the achievable per-
formance. The ground pins should directly connect to an
analog ground plane covering the pc-board area under the
converter. While designing the layout it is important to keep
the analog signal traces separated from any digital line to
prevent noise coupling onto the analog signal path. Due to its
high sampling rate, the ADS5121 generates high-frequency
current transients and noise (clock feedthrough) that are fed
SINGLE-ENDED INPUT
STRAIGHT OFFSET BINARY
(AIN– = CML)
(SOB)
+FS – 1LSB (AIN+ = CML + FSR/2)
11 1111 1111
+1/2 FS
11 0000 0000
Bipolar Zero (AIN+ = CML)
10 0000 0000
–1/2 FS
01 0000 0000
–FS (AIN+ = CML – FSR/2)
00 0000 0000
TABLE I. Coding Table for Single-Ended Input Configuration
with Input AIN– Tied to the Common-Mode Volt-
age (CML).
STRAIGHT OFFSET BINARY
DIFFERENTIAL INPUT
(SOB)
+FS – 1LSB (AIN+ = REFT, AIN– = REFB)
11 1111 1111
+1/2 FS
11 0000 0000
Bipolar Zero (AIN+ = AIN– = CML)
10 0000 0000
–1/2 FS
01 0000 0000
–FS (AIN+ = REFB, AIN– = REFT)
00 0000 0000
TABLE II. Coding Table for Differential Input Configuration
and 1VPP Full-Scale Range.
DIGITAL OUTPUT LOADING
Minimizing the capacitive loading on the digital outputs is
very important in achieving the best performance. The total
load capacitance is typically made up of two sources: the
next stage input capacitance, and the parasitic/pc-board
capacitance. It is recommended to keep the total capacitive
loading on the data lines as low as possible (
≤ 20pF). Higher
capacitive loading will cause larger dynamic currents as the
digital outputs are dynamic states. High current surges may
cause feedback into the analog portion of the ADS5121 and
affect the performance. If necessary, external buffers or
latches close to the converter’s output pins may be used to
minimize the capacitive loading. A suggested device is the
SN74AVC16827 (20-bit buffer/driver), a member of the ‘Ad-
vanced Very Low Voltage CMOS’ logic family (AVC). Using
such a logic device can also provide the added benefit of
isolating the ADS5121 from any digital noise activities on the
bus coupling back high-frequency noise. Some applications
may also benefit from the use of series resistors (
≤ 100Ω) in
the data lines. This will provide a current limit and reduce any
existing over- or undershoot.
OUTPUT ENABLE
The ADS5121 provides one output enable pin (OE) that
controls the digital outputs of all channels simultaneously. A
LOW (L = 0) level on the OE pin will have all channels active
and the converter in normal operation. Taking the OE pin
HIGH (H = 1) will disable or tri-state the outputs of all


Similar Part No. - ADS5121

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5121 TI-ADS5121 Datasheet
558Kb / 21P
[Old version datasheet]   Quad, Differential I/O, 2X1 Multiplexed High Gain Preamp
ADS5121 TI1-ADS5121 Datasheet
494Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5121 TI1-ADS5121 Datasheet
566Kb / 23P
[Old version datasheet]   Quad, Differential I/O, 2X1 Multiplexed High Gain Preamp
ADS5121IGHK TI1-ADS5121IGHK Datasheet
494Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5121IZHK TI1-ADS5121IZHK Datasheet
494Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS5121

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5120 TI-ADS5120 Datasheet
325Kb / 18P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5121 TI1-ADS5121_13 Datasheet
494Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120 TI1-ADS5120_10 Datasheet
458Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5122 TI-ADS5122 Datasheet
393Kb / 19P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5122 TI1-ADS5122_13 Datasheet
504Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5270 TI1-ADS5270_13 Datasheet
1Mb / 31P
[Old version datasheet]   8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
ADS5203 TI-ADS5203 Datasheet
476Kb / 15P
[Old version datasheet]   DUAL 10-BIT 40MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS5277 TI1-ADS5277_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com