Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS5121 Datasheet(PDF) 12 Page - Texas Instruments

Part # ADS5121
Description  8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5121 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS5121 Datasheet HTML 8Page - Texas Instruments ADS5121 Datasheet HTML 9Page - Texas Instruments ADS5121 Datasheet HTML 10Page - Texas Instruments ADS5121 Datasheet HTML 11Page - Texas Instruments ADS5121 Datasheet HTML 12Page - Texas Instruments ADS5121 Datasheet HTML 13Page - Texas Instruments ADS5121 Datasheet HTML 14Page - Texas Instruments ADS5121 Datasheet HTML 15Page - Texas Instruments ADS5121 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
ADS5121
12
SBAS281
www.ti.com
The differential input configuration may provide a noticeable
advantage of achieving good SFDR performance over a
wide range of input frequencies. In this mode, both inputs
(AIN+ and AIN–) of the ADS5121 see matched impedances.
Figure 1 shows the schematic for the suggested transformer-
coupled interface circuit. The component values of the R-C
low-pass may be optimized depending on the desired roll-off
frequency.
Single-Ended, AC-Coupled Driver
The circuit of Figure 2 shows an example for driving the
inputs of the ADS5121 in a single-ended configuration. The
signal is AC-coupled between the driver amplifier and the
converter input (AIN+). This allows for setting the required
common-mode voltages for the ADC and op amp separately.
The single-supply op amp is biased at mid-supply by two
resistors connected at its noninverting input. Connecting
each input to the CML pin provides the required common-
mode voltage for the inputs of the ADS5121. Here, two
resistors of equal value ensure that the inputs see closely
matched source impedances. If the op amp features a
disable function, it could be easily tied together with the
power-down pin of the ADS5121 channel (STBY). In the
circuit example depicted in Figure 2, the OPA355’s EN pin is
directly connected to the STBY pin to allow for a power-down
mode of the entire circuit. Other suitable op amps for single-
supply driver applications include the OPA634, OPA635, or
OPA690, for example.
DC-Coupled Interface with Differential Amplifier
Differential input/output amplifiers can simplify the driver
circuit for applications requiring input DC-coupling. Flexible in
their configurations, such amplifiers can be used for single-
ended to differential conversion, allow for signal amplifica-
tion, and also for filtering prior to the ADC. See Figure 3 for
one possible circuit implementation using the THS4130 am-
plifier. Here, the amplifier operates with a gain of +1. The
common- mode voltage available at the CML pin can be
conveniently connected to the amplifier’s VOCM pin to set
the required input bias for the ADS5121.
FIGURE 1. Converting a Single-Ended Input Signal into a Differential Signal Using an RF-Transformer.
FIGURE 2. Single-Ended, AC-Coupled Driver Configuration for a Single Supply.
R
IN
R
IN
C
IN
0.1
µF
R
T
0.1
µF
1:n
R
S
OPA690
R
1
R
2
V
IN
ADS5121
AIN+
AIN–
CML
–5V
+5V
OPA355
V
IN
R
F
604
R
G
604
1.82k
1.82k
ADS5121
R
S
24
EN
33pF
0.1
µF
0.1
µF
R
1
AIN+
STBY
CML
AIN–
0.1
µF
0.1
µF
R
2
+3V/+5V


Similar Part No. - ADS5121

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5121 TI-ADS5121 Datasheet
558Kb / 21P
[Old version datasheet]   Quad, Differential I/O, 2X1 Multiplexed High Gain Preamp
ADS5121 TI1-ADS5121 Datasheet
494Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5121 TI1-ADS5121 Datasheet
566Kb / 23P
[Old version datasheet]   Quad, Differential I/O, 2X1 Multiplexed High Gain Preamp
ADS5121IGHK TI1-ADS5121IGHK Datasheet
494Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5121IZHK TI1-ADS5121IZHK Datasheet
494Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS5121

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5120 TI-ADS5120 Datasheet
325Kb / 18P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5121 TI1-ADS5121_13 Datasheet
494Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120 TI1-ADS5120_10 Datasheet
458Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5122 TI-ADS5122 Datasheet
393Kb / 19P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5122 TI1-ADS5122_13 Datasheet
504Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5270 TI1-ADS5270_13 Datasheet
1Mb / 31P
[Old version datasheet]   8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
ADS5203 TI-ADS5203 Datasheet
476Kb / 15P
[Old version datasheet]   DUAL 10-BIT 40MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS5277 TI1-ADS5277_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com