Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT79RV5000250BS272 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT79RV5000250BS272
Description  MULTI-ISSUE 64-BIT MICROPROCESSOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT79RV5000250BS272 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT79RV5000250BS272 Datasheet HTML 4Page - Integrated Device Technology IDT79RV5000250BS272 Datasheet HTML 5Page - Integrated Device Technology IDT79RV5000250BS272 Datasheet HTML 6Page - Integrated Device Technology IDT79RV5000250BS272 Datasheet HTML 7Page - Integrated Device Technology IDT79RV5000250BS272 Datasheet HTML 8Page - Integrated Device Technology IDT79RV5000250BS272 Datasheet HTML 9Page - Integrated Device Technology IDT79RV5000250BS272 Datasheet HTML 10Page - Integrated Device Technology IDT79RV5000250BS272 Datasheet HTML 11Page - Integrated Device Technology IDT79RV5000250BS272 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8 of 15
April 10, 2001
79RC5000
$EVROXWH 0D
$EVROXWH 0D
$EVROXWH 0D
$EVROXWH 0D[
[[
[LPXP 5
LPXP 5
LPXP 5
LPXP 5D
DD
DWLQJV
WLQJV
WLQJV
WLQJV
Note: Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
5
5
5
5H
HH
HFRPPHQGHG
FRPPHQGHG
FRPPHQGHG
FRPPHQGHG 2
2
2
2SH
SH
SH
SHUUUUD
DD
DWLRQ
WLRQ
WLRQ
WLRQ 7
7
7
7HPSH
HPSH
HPSH
HPSHUUUUD
DD
DWX
WX
WX
WXUUUUH
HH
HD
DD
DQG 6XSS
QG 6XSS
QG 6XSS
QG 6XSSOOOO\\\\9
9
9
9R
RR
ROW
OW
OW
OWD
DD
DJH
JH
JH
JH
$
$
$
$& (OHFWULFD
& (OHFWULFD
& (OHFWULFD
& (OHFWULFDOOOO &KD
&KD
&KD
&KDUUUUDFWHULVWLFV
DFWHULVWLFV
DFWHULVWLFV
DFWHULVWLFV
(VCC= 3.3V± 5%; Tcase = 0°C to +85°C for commercial or Tcase = -40°C to +85°C for industrial)
Cl
Cl
Cl
CloooocccckkkkPPPPara
ara
ara
arammmmet
et
et
eteeeerrrrssss————RC
RC
RC
RC50
50
50
5000000000
Note: Boot Mode Bits 20, 33 and 37 must be set to “1” for all frequencies
6\PERO
5DWLQJ
&RPPHUFLDO
9“
,QGXVWULDO
9“
8QLW
VTERM
Terminal Voltage with respect to GND
–0.51 to +4.6
1. IN minimum = –2.0V for pulse width less than 15ns. VIN should not exceed VCC +0.5 Volts.
–0.51 to +4.6
V
TC
Operating Temperature (case)
0 to +85
-40 to +85
°C
TBIAS
Case Temperature Under Bias
–55 to +125
–55 to +125
°C
TSTG
Storage Temperature
–55 to +125
–55 to +125
°C
IIN
DC Input Current
202
2. .When VIN < 0V or VIN > VCC.
203
3. .When VIN < 0V or VIN > VCC.
mA
IOUT
DC Output Current
504
4. Not more than one output should be shorted at a time. Duration of the short should not exceed 30 seconds.
505
5. Not more than one output should be shorted at a time. Duration of the short should not exceed 30 seconds.
mA
*UDGH
7HPSHUDWXUH
*1'
59
9
Commercial
0
°C to +85°C (Case)
0V
3.3V±5%
Industrial
-40
°C to +85°C (Case)
0V
3.3V±5%
3DUDPHWHU
6\PERO
0+]
0+]
0+]
8QLWV
Min
Max
Min
Max
Min
Max
Pipeline Clock Frequency
PCLk
100
180
100
200
100
250
SysClock HIGH
tSCHIGH
3
3
3
ns
SysClock LOW
tSCLOW
3
3
3
ns
SysClock Frequency
33
90
33
100
33
125
MHz
SysClock Period
tSCP
11.1
30
10
30
8
30
ns
SysClock Rise Time1
1. Rise and Fall times are measured between 10% and 90%
tSCRise
2.5
2
2ns
SysClock Fall Time1
tSCFall
2.5
2
2ns
ModeClock Period
tModeCKP
256
tSCP
256
tSCP
256
tSCP
ns


Similar Part No. - IDT79RV5000250BS272

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79RV3041 IDT-IDT79RV3041 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79RV3041 IDT-IDT79RV3041 Datasheet
271Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79RV3041-16 IDT-IDT79RV3041-16 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79RV3041-20 IDT-IDT79RV3041-20 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79RV3041-25 IDT-IDT79RV3041-25 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
More results

Similar Description - IDT79RV5000250BS272

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTRC5000 IDT-IDTRC5000 Datasheet
440Kb / 16P
   MULTI-ISSUE 64-BIT MICROPROCESSOR
logo
NEC
UPD30181A NEC-UPD30181A Datasheet
573Kb / 72P
   64-/32-BIT MICROPROCESSOR
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700_08 Datasheet
785Kb / 25P
   64-Bit RISC Microprocessor
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
   64-/32-Bit Microprocessor
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700 Datasheet
328Kb / 25P
   64-Bit RISC Microprocessor
logo
NEC
UPD30102 NEC-UPD30102 Datasheet
2Mb / 701P
   64/32-bit Microprocessor
logo
Renesas Technology Corp
IDT79R4700 RENESAS-IDT79R4700 Datasheet
984Kb / 26P
   64-Bit RISC Microprocessor
December 5, 2008
logo
Toshiba Semiconductor
TMPR4925XB TOSHIBA-TMPR4925XB Datasheet
151Kb / 32P
   64-bit RISC MICROPROCESSOR
logo
NEC
UPD30121 NEC-UPD30121 Datasheet
436Kb / 76P
   VR4121TM 64-/32-BIT MICROPROCESSOR
logo
Aeroflex Circuit Techno...
ACT5260111111 AEROFLEX-ACT5260111111 Datasheet
119Kb / 8P
   ACT5260 64-Bit Superscaler Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com