Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT79RV5000200G Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT79RV5000200G
Description  MULTI-ISSUE 64-BIT MICROPROCESSOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT79RV5000200G Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT79RV5000200G Datasheet HTML 3Page - Integrated Device Technology IDT79RV5000200G Datasheet HTML 4Page - Integrated Device Technology IDT79RV5000200G Datasheet HTML 5Page - Integrated Device Technology IDT79RV5000200G Datasheet HTML 6Page - Integrated Device Technology IDT79RV5000200G Datasheet HTML 7Page - Integrated Device Technology IDT79RV5000200G Datasheet HTML 8Page - Integrated Device Technology IDT79RV5000200G Datasheet HTML 9Page - Integrated Device Technology IDT79RV5000200G Datasheet HTML 10Page - Integrated Device Technology IDT79RV5000200G Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7 of 15
April 10, 2001
79RC5000
JTDO
Output
JTAG Data Out.
Connected directly to JTDI. If no external scan used, this is a no connect.
JTMS
Input
JTAG Command.
Unused input. Should be pulled High.
Initialization interface:
VCCOk
Input
VCC is OK.
When asserted, this signal indicates to the RC5000 that the power supply has been above Vcc minimum for more than 100 milliseconds
and will remain stable. The assertion of VCCOk initiates the reading of the boot-time mode control serial stream.
ColdReset*
Input
Cold Reset.
This signal must be asserted for a power on reset or a cold reset. ColdReset must be de-asserted synchronously with SysClock.
Reset*
Input
Reset.
This signal must be asserted for any reset sequence. It may be asserted synchronously or asynchronously for a cold reset, or syn chro-
nously to initiate a warm reset. Reset must be synchronously de-asserted with SysClock.
ModeClock
Output
Boot Mode Clock.
Serial boot-mode data clock output at the system clock frequency divided by two hundred and fifty six.
ModeIn
Input
Boot Mode Data In.
Serial boot-mode data input.
BigEndian
Input
Endian mode select.
Allows the system to change the processor addressing mode without rewriting the mode ROM. If endianness is to be specified by using
the BigEndian pin, program mode ROM bit 8 to 0; if endianness is to be specified by the mode ROM, ground the BigEndian pin.
Secondary cache interface:
ScCLR*
Output
Secondary Cache Block Clear.
Clears all valid bits in those Tag RAM’s which support this function.
ScCWE*(1:0)
Output
Secondary Cache Write Enable.
Asserted during writes to the secondary cache
ScDCE*(1:0)
Output
Data RAM Chip Enable.
Chip Enable for Secondary Cache Data RAM
ScDOE*
Input
Data RAM Output Enable.
Asserted by the external agent to enable data onto the SysAD bus
ScLine (15:0)
Output
Data RAM Output Enable.
Cache line index for secondary cache
ScMATCH
Input
Secondary cache Tag Match.
Asserted by Tag RAM on Secondary cache tag match
ScTCE*
Output
Secondary cache Tag RAM Chip Enable.
Chip enable for secondary cache tag RAM.
ScTDE*
Output
Secondary cache Tag RAM Data Enable.
Data Enable for Secondary Cache Tag RAM.
ScTOE*
Output
Secondary cache Tag RAM Output Enable.
Tag RAM Output enable for Secondary Cache Tag RAM’s
ScWord (1:0)
Input/
Output
Secondary cache Word Index.
Determines correct double-word of Secondary cache Index
ScValid
Input/
Output
Secondary cache Valid.
Always driven by the CPU except during a cache probe operation, when it is driven by the tag RAM.
3LQ 1DPH 7\SH
'HVFULSWLRQ
Table 3: RC5000 Signal Names and Descriptions (Page 2 of 2)


Similar Part No. - IDT79RV5000200G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79RV3041 IDT-IDT79RV3041 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79RV3041 IDT-IDT79RV3041 Datasheet
271Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79RV3041-16 IDT-IDT79RV3041-16 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79RV3041-20 IDT-IDT79RV3041-20 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79RV3041-25 IDT-IDT79RV3041-25 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
More results

Similar Description - IDT79RV5000200G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTRC5000 IDT-IDTRC5000 Datasheet
440Kb / 16P
   MULTI-ISSUE 64-BIT MICROPROCESSOR
logo
NEC
UPD30181A NEC-UPD30181A Datasheet
573Kb / 72P
   64-/32-BIT MICROPROCESSOR
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700_08 Datasheet
785Kb / 25P
   64-Bit RISC Microprocessor
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
   64-/32-Bit Microprocessor
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700 Datasheet
328Kb / 25P
   64-Bit RISC Microprocessor
logo
NEC
UPD30102 NEC-UPD30102 Datasheet
2Mb / 701P
   64/32-bit Microprocessor
logo
Renesas Technology Corp
IDT79R4700 RENESAS-IDT79R4700 Datasheet
984Kb / 26P
   64-Bit RISC Microprocessor
December 5, 2008
logo
Toshiba Semiconductor
TMPR4925XB TOSHIBA-TMPR4925XB Datasheet
151Kb / 32P
   64-bit RISC MICROPROCESSOR
logo
NEC
UPD30121 NEC-UPD30121 Datasheet
436Kb / 76P
   VR4121TM 64-/32-BIT MICROPROCESSOR
logo
Aeroflex Circuit Techno...
ACT5260111111 AEROFLEX-ACT5260111111 Datasheet
119Kb / 8P
   ACT5260 64-Bit Superscaler Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com