Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VCX245WM Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74VCX245WM
Description  Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX245WM Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74VCX245WM Datasheet HTML 1Page - Fairchild Semiconductor 74VCX245WM Datasheet HTML 2Page - Fairchild Semiconductor 74VCX245WM Datasheet HTML 3Page - Fairchild Semiconductor 74VCX245WM Datasheet HTML 4Page - Fairchild Semiconductor 74VCX245WM Datasheet HTML 5Page - Fairchild Semiconductor 74VCX245WM Datasheet HTML 6Page - Fairchild Semiconductor 74VCX245WM Datasheet HTML 7Page - Fairchild Semiconductor 74VCX245WM Datasheet HTML 8Page - Fairchild Semiconductor 74VCX245WM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
Note 8: Outputs disabled or 3-STATE only.
AC Electrical Characteristics (Note 9)
Note 9: For CL
50PF, add approximately 300 ps to the AC maximum specification.
Note 10: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Symbol
Parameter
Conditions
VCC
Min
Max
Units
(V)
VOL
LOW Level Output Voltage
IOL 100 PA
2.7 to 3.6
0.2
V
IOL 12 mA
2.7
0.4
IOL 18 mA
3.0
0.4
IOL 24 mA
3.0
0.55
IOL 100 PA
2.3 to 2.7
0.2
IOL 12 mA
2.3
0.4
IOL 18 mA
2.3
0.6
IOL 100 PA
1.65 to 2.3
0.2
IOL 6 mA
1.65
0.3
IOL 100 PA
1.4 to 1.6
0.2
IOL 2 mA
1.4
0.35
II
Input Leakage Current
0
d VI d 3.6V
1.4 to 3.6
r5.0
PA
IOZ
3-STATE Output Leakage
0
d VO d 3.6V
1.4 to 3.6
r10
PA
VI VIH or VIL
IOFFI
Power-OFF Leakage Current
0
d (VI, VO) d 3.6V
0
10
PA
ICC
Quiescent Supply Current
VI VCC or GND
1.4 to 3.6
20
PA
VCC d (VI, VO) d 3.6V (Note 8)
1.4 to 3.6
r20
'ICC
Increase in ICC per Input
VIH VCC 0.6V
2.7 to 3.6
750
PA
Symbol
Parameter
Conditions
VCC
TA 40qC to 85qC
Units
Figure
(V)
Min
Max
Number
tPHL, tPLH
Propagation Delay
CL 30 pF, RL 500:
3.3
r 0.3
0.6
3.5
ns
Figures
1, 2
An to Bn or Bn to An
2.5
r 0.2
0.8
4.2
1.8
r 0.15
1.5
8.4
CL 15 pF, RL 2k:
1.5
r 0.1
1.0
16.8
Figures
5, 6
tPZL, tPZH
Output Enable Time
CL 30 pF, RL 500:
3.3
r 0.3
0.6
4.5
ns
Figures
1, 3, 4
2.5
r 0.2
0.8
5.6
1.8
r 0.15
1.5
9.8
CL 15 pF, RL 2k:
1.5
r 0.1
1.0
19.6
Figures
5, 7, 8
tPLZ, tPHZ
Output Disable Time
CL 30 pF, RL 500:
3.3
r 0.3
0.6
3.6
ns
Figures
1, 3, 4
2.5
r 0.2
0.8
4.0
1.8
r 0.15
1.5
7.2
CL 15 pF, RL 2k:
1.5
r 0.1
1.0
14.4
Figures
5, 7, 8
tOSHL
Output to Output Skew
CL 30 pF, RL 500:
3.3
r 0.3
0.5
ns
tOSLH
(Note 10)
2.5
r 0.2
0.5
1.8
r 0.15
0.75
CL 15 pF, RL 2k:
1.5
r 0.1
1.5


Similar Part No. - 74VCX245WM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX245WM FAIRCHILD-74VCX245WM Datasheet
80Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
logo
ON Semiconductor
74VCX245WM ONSEMI-74VCX245WM Datasheet
654Kb / 13P
   Low Voltage Bidirectional Transceiver
Revised December 2013
More results

Similar Description - 74VCX245WM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVC245 FAIRCHILD-74ALVC245_08 Datasheet
310Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC245 FAIRCHILD-74ALVC245 Datasheet
100Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74VCX245 FAIRCHILD-74VCX245 Datasheet
80Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC16245 FAIRCHILD-74ALVC16245_05 Datasheet
112Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC16245 FAIRCHILD-74ALVC16245 Datasheet
106Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74VCX16245 FAIRCHILD-74VCX16245 Datasheet
138Kb / 9P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
F74ALVC16245 FAIRCHILD-F74ALVC16245 Datasheet
112Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74VCX32245 FAIRCHILD-74VCX32245 Datasheet
70Kb / 7P
   Low Voltage 32-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs (Preliminary)
logo
National Semiconductor ...
74LCX2245 NSC-74LCX2245 Datasheet
76Kb / 2P
   Low-Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCXZ245 FAIRCHILD-74LCXZ245_05 Datasheet
119Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com