Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FF200R06KE3 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # FF200R06KE3
Description  62mm C-Serien Modul mit Trench/Feldstop IGBT3 und Emitter Controlled3 Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FF200R06KE3 Datasheet(HTML) 4 Page - Infineon Technologies AG

  FF200R06KE3 Datasheet HTML 1Page - Infineon Technologies AG FF200R06KE3 Datasheet HTML 2Page - Infineon Technologies AG FF200R06KE3 Datasheet HTML 3Page - Infineon Technologies AG FF200R06KE3 Datasheet HTML 4Page - Infineon Technologies AG FF200R06KE3 Datasheet HTML 5Page - Infineon Technologies AG FF200R06KE3 Datasheet HTML 6Page - Infineon Technologies AG FF200R06KE3 Datasheet HTML 7Page - Infineon Technologies AG FF200R06KE3 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
TechnischeInformation/TechnicalInformation
FF200R06KE3
IGBT-Module
IGBT-modules
preparedby:MK
approvedby:WR
dateofpublication:2013-10-03
revision:3.0
AusgangskennlinieIGBT,Wechselrichter(typisch)
outputcharacteristicIGBT,Inverter(typical)
IC=f(VCE)
VGE=15V
VCE [V]
0,0 0,2 0,4 0,6 0,8 1,0 1,2 1,4 1,6 1,8 2,0 2,2 2,4 2,6
0
40
80
120
160
200
240
280
320
360
400
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
AusgangskennlinienfeldIGBT,Wechselrichter(typisch)
outputcharacteristicIGBT,Inverter(typical)
IC=f(VCE)
Tvj=150°C
VCE [V]
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
4,0
4,5
5,0
0
40
80
120
160
200
240
280
320
360
400
VGE = 19V
VGE = 17V
VGE = 15V
VGE = 13V
VGE = 11V
VGE = 9V
ÜbertragungscharakteristikIGBT,Wechselrichter(typisch)
transfercharacteristicIGBT,Inverter(typical)
IC=f(VGE)
VCE=20V
VGE [V]
5
6
7
8
9
10
11
12
0
40
80
120
160
200
240
280
320
360
400
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
SchaltverlusteIGBT,Wechselrichter(typisch)
switchinglossesIGBT,Inverter(typical)
Eon=f(IC),Eoff=f(IC)
VGE=±15V,RGon=3.9
Ω,RGoff=3.9Ω,VCE=300V
IC [A]
0
50
100
150
200
250
300
350
400
0
2
4
6
8
10
12
14
16
18
20
Eon, Tvj = 125°C
Eoff, Tvj = 125°C
Eon, Tvj = 150°C
Eoff, Tvj = 150°C


Similar Part No. - FF200R06KE3

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FF200R06KE3 EUPEC-FF200R06KE3 Datasheet
291Kb / 8P
   62mm C-Serien module with trench/fieldstop IGBT3 and EmCon3 diode
More results

Similar Description - FF200R06KE3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF300R17KE3 INFINEON-FF300R17KE3 Datasheet
431Kb / 8P
   62mm C-Serien Modul mit Trench/Feldstop IGBT3 und Emitter Controlled3 Diode
2013-10-03 revision:2.1
FF150R12KE3G INFINEON-FF150R12KE3G Datasheet
425Kb / 8P
   62mm C-Serien Modul mit Trench/Feldstop IGBT3 und Emitter Controlled High Efficiency Diode
2013-10-02 revision:3.2
FD400R12KE3 INFINEON-FD400R12KE3 Datasheet
497Kb / 9P
   62mm C-Serien Modul mit Trench/Feldstop IGBT3 und Emitter Controlled High Efficiency Diode
2013-10-03 revision:3.0
FF150R12KT3G INFINEON-FF150R12KT3G Datasheet
427Kb / 8P
   62mm C-Serien Modul mit schnellem Trench/Feldstop IGBT3 und Emitter Controlled High Efficiency Diode
2013-10-03 revision:3.0
FF200R17KE3 INFINEON-FF200R17KE3 Datasheet
435Kb / 8P
   62mm C-Serien Modul mit Trench/Feldstop IGBT und Emitter ControlledDiode
2013-10-03 revision:2.1
FD400R12KE3_B5 INFINEON-FD400R12KE3_B5 Datasheet
434Kb / 8P
   62mm C-Serien Modul mit Trench/Feldstop IGBT3 und Emitter Controlled High Efficiency Reihendiode
2013-10-03 revision:2.0
FZ600R12KE3_B1 INFINEON-FZ600R12KE3_B1 Datasheet
1Mb / 9P
   62mm C-Serien Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode
2009-08-12 revision:3.3
FZ600R17KE3_S4 INFINEON-FZ600R17KE3_S4 Datasheet
633Kb / 9P
   62mm C-Serien Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode
revision: 3.0 2013-10-03
FZ600R12KE3 INFINEON-FZ600R12KE3 Datasheet
1Mb / 9P
   62mm C-Serien Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode
2009-08-12 revision:3.4
FZ800R12KE3 INFINEON-FZ800R12KE3 Datasheet
1Mb / 9P
   62mm C-Serien Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode
2009-08-11 revision:3.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com