Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FF150R17ME3G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # FF150R17ME3G
Description  EconoDUA3 Modul mit Trench/Feldstop IGBT und Emitter Controlled3 Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FF150R17ME3G Datasheet(HTML) 6 Page - Infineon Technologies AG

  FF150R17ME3G Datasheet HTML 1Page - Infineon Technologies AG FF150R17ME3G Datasheet HTML 2Page - Infineon Technologies AG FF150R17ME3G Datasheet HTML 3Page - Infineon Technologies AG FF150R17ME3G Datasheet HTML 4Page - Infineon Technologies AG FF150R17ME3G Datasheet HTML 5Page - Infineon Technologies AG FF150R17ME3G Datasheet HTML 6Page - Infineon Technologies AG FF150R17ME3G Datasheet HTML 7Page - Infineon Technologies AG FF150R17ME3G Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
TechnischeInformation/TechnicalInformation
FF150R17ME3G
IGBT-Module
IGBT-modules
preparedby:CU
approvedby:MK
dateofpublication:2013-10-03
revision:2.1
VorläufigeDaten
PreliminaryData
SchaltverlusteDiode,Wechselrichter(typisch)
switchinglossesDiode,Inverter(typical)
Erec=f(IF)
RGon=9.1
Ω,VCE=900V
IF [A]
0
50
100
150
200
250
300
0
5
10
15
20
25
30
35
40
45
50
Erec, Tvj = 125°C
SchaltverlusteDiode,Wechselrichter(typisch)
switchinglossesDiode,Inverter(typical)
Erec=f(RG)
IF=150A,VCE=900V
RG [
Ω]
0
10
20
30
40
50
60
70
80
90
0
5
10
15
20
25
30
35
40
45
50
Erec, Tvj = 125°C
TransienterWärmewiderstandDiode,Wechselrichter
transientthermalimpedanceDiode,Inverter
ZthJC=f(t)
t [s]
0,001
0,01
0,1
1
0,001
0,01
0,1
1
ZthJC : Diode
i:
ri[K/W]:
τi[s]:
1
0,021
0,01
2
0,063
0,04
3
0,084
0,06
4
0,042
0,2
NTC-Widerstand-Temperaturkennlinie(typisch)
NTC-Thermistor-temperaturecharacteristic(typical)
R=f(T)
TC [°C]
0
20
40
60
80
100
120
140
160
100
1000
10000
100000
Rtyp


Similar Part No. - FF150R17ME3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF150R17ME3G INFINEON-FF150R17ME3G Datasheet
295Kb / 8P
   EconoDUAL3 module with trench/fieldstop IGBT3 and EmCon3 diode
2011-03-01 revision:2.1
FF150R17ME3G INFINEON-FF150R17ME3G Datasheet
1Mb / 25P
   Module Adapter Board for EconoDUAL™3 IGBT Modules
V1.0, Feb. 2010
More results

Similar Description - FF150R17ME3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF225R17ME3 INFINEON-FF225R17ME3_13 Datasheet
492Kb / 8P
   EconoDUAL3 Modul mit Trench/Feldstop IGBT und Emitter Controlled3 Diode
2013-10-03 revision:2.1
FF300R17KE3 INFINEON-FF300R17KE3 Datasheet
431Kb / 8P
   62mm C-Serien Modul mit Trench/Feldstop IGBT3 und Emitter Controlled3 Diode
2013-10-03 revision:2.1
FF200R06KE3 INFINEON-FF200R06KE3 Datasheet
469Kb / 8P
   62mm C-Serien Modul mit Trench/Feldstop IGBT3 und Emitter Controlled3 Diode
2013-10-03 revision:3.0
FS225R17KE4 INFINEON-FS225R17KE4 Datasheet
408Kb / 8P
   EconoPACK?? Modul mit Trench/Feldstop IGBT4 und Emitter Controlled쨀 Diode
2009-02-25 rev 2.0
FF200R17KE3 INFINEON-FF200R17KE3 Datasheet
435Kb / 8P
   62mm C-Serien Modul mit Trench/Feldstop IGBT und Emitter ControlledDiode
2013-10-03 revision:2.1
FF150R12ME3G INFINEON-FF150R12ME3G_13 Datasheet
499Kb / 8P
   EconoDUAL Modul mit Trench/Feldstop IGBT3 und High Efficiency Diode
2013-10-03 revision:2.2
FF150R12KE3G INFINEON-FF150R12KE3G Datasheet
425Kb / 8P
   62mm C-Serien Modul mit Trench/Feldstop IGBT3 und Emitter Controlled High Efficiency Diode
2013-10-02 revision:3.2
FD400R12KE3 INFINEON-FD400R12KE3 Datasheet
497Kb / 9P
   62mm C-Serien Modul mit Trench/Feldstop IGBT3 und Emitter Controlled High Efficiency Diode
2013-10-03 revision:3.0
FF150R12KT3G INFINEON-FF150R12KT3G Datasheet
427Kb / 8P
   62mm C-Serien Modul mit schnellem Trench/Feldstop IGBT3 und Emitter Controlled High Efficiency Diode
2013-10-03 revision:3.0
F3L400R07ME4_B22 INFINEON-F3L400R07ME4_B22 Datasheet
773Kb / 11P
   EconoDUAL3 Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode und NTC
2013-11-11 revision:3.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com