Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3283 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SK3283
Description  N-Channel Silicon MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK3283 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SK3283 Datasheet HTML 1Page - Sanyo Semicon Device 2SK3283 Datasheet HTML 2Page - Sanyo Semicon Device 2SK3283 Datasheet HTML 3Page - Sanyo Semicon Device 2SK3283 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2SK3283
No.7763-4/4
PS
Specifications of any and all SANYO products described or contained herein stipulate the performance,
characteristics, and functions of the described products in the independent state, and are not guarantees
of the performance, characteristics, and functions of the described products as mounted in the customer’s
products or equipment. To verify symptoms and states that cannot be evaluated in an independent device,
the customer should always evaluate and test devices mounted in the customer’s products or equipment.
SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all
semiconductor products fail with some probability. It is possible that these probabilistic failures could
give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire,
or that could cause damage to other property. When designing equipment, adopt safety measures so
that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective
circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO products(including technical data,services) described or
contained herein are controlled under any of applicable local export control laws and regulations,
such products must not be exported without obtaining the export license from the authorities
concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system,
or otherwise, without the prior written permission of SANYO Electric Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification"
for the SANYO product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not
guaranteed for volume production. SANYO believes information herein is accurate and reliable, but
no guarantees are made or implied regarding its use or any infringements of intellectual property rights
or other rights of third parties.
This catalog provides information as of June, 2004. Specifications and information herein are subject
to change without notice.
0
0
20
40
0.4
0.2
60
0.6
80
100
120
0.8
1.2
1.0
140
160
PD -- Ta
IT07215
0
0
20
40
15
60
20
5
10
80
100
120
25
140
160
PD -- Tc
IT07216
A S O
Operation in this
area is limited by RDS(on).
IDP=45A
ID=15A
100
µs
1ms
10ms
IT07214
2
3
5
7
0.01
0.1
2
3
5
7
1.0
2
3
5
7
10
2
3
5
7
100
23
5 7
0.01
23
5 7
0.1
23
5 7
1.0
23
5
10
DC
operation
VGS -- Qg
3
2
1
0
4
5
525
30
35
40
20
15
10
0
IT07213
8
7
6
9
10
VDS=10V
ID=15A
Amibient Tamperature, Ta --
°C
Case Tamperature, Tc --
°C
<
10
µs
Tc=25
°C
Single pulse
Total Gate Charge, Qg -- nC
Drain-to-Source Voltage, VDS -- V


Similar Part No. - 2SK3283

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3280 SANYO-2SK3280 Datasheet
45Kb / 4P
   DC/DC Converter Applications
2SK3284 SANYO-2SK3284 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SK3285 SANYO-2SK3285 Datasheet
48Kb / 5P
   DC/DC Converter Applications
logo
Inchange Semiconductor ...
2SK3285B ISC-2SK3285B Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
2SK3285K ISC-2SK3285K Datasheet
327Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3283

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SK3019LT1G LRC-L2SK3019LT1G_15 Datasheet
671Kb / 4P
   Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WGP15G65 WINSEMI-WGP15G65 Datasheet
529Kb / 6P
   Silicon N-Channel MOSFET
WFU5N60B WINSEMI-WFU5N60B_14 Datasheet
201Kb / 8P
   Silicon N-Channel MOSFET
WFF8N65L WINSEMI-WFF8N65L Datasheet
244Kb / 8P
   Silicon N-Channel MOSFET
WFD20N06 WINSEMI-WFD20N06 Datasheet
615Kb / 6P
   Silicon N-Channel MOSFET
WFP8N60B WINSEMI-WFP8N60B Datasheet
271Kb / 8P
   Silicon N-Channel MOSFET
WFU2N60B WINSEMI-WFU2N60B_13 Datasheet
252Kb / 8P
   Silicon N-Channel MOSFET
K2611B WINSEMI-K2611B_14 Datasheet
288Kb / 8P
   Silicon N-Channel MOSFET
WFP12N65 WINSEMI-WFP12N65 Datasheet
389Kb / 7P
   Silicon N-Channel MOSFET
WFP540 WINSEMI-WFP540 Datasheet
348Kb / 5P
   Silicon N-Channel MOSFET
WFW24N50N WINSEMI-WFW24N50N Datasheet
437Kb / 7P
   Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com