Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL6726 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part No. ISL6726
Description  Active Clamp Forward PWM Controller
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

ISL6726 Datasheet(HTML) 21 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
ISL6726
FN7654 Rev 0.00
Page 21 of 21
January 31, 2011
Package Outline Drawing
M20.15
20 LEAD QUARTER SIZE OUTLINE PLASTIC PACKAGE (QSOP)
Rev 2, 1/11
DETAIL "X"
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
0.010 (0.25)
0.007 (0.18)
0.050 (1.27)
0.016 (0.41)
20
12
3
INDEX
AREA
(0.635 BSC)
0.025
1
2
0.025 (0.64) x 18
0.220(5.59)
SEATING PLANE
0.015 (0.38) x 20
0.060 (1.52) x 20
3
20
3
4
5
0.244 (6.19)
0.228 (5.80)
0.157 (3.98)
0.150 (3.81)
0.344 (8.74)
0.337 (8.56)
0.069 (1.75)
0.053 (1.35)
0.010 (0.25)
0.004 (0.10)
0.012 (0.30)
0.008 (0.20)
0.0196 (0.49)
0.0099 (0.26)
0.061 MAX (1.54 MIL)
NOTES:
1. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of
Publication Number 95.
2. Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
3. Dimension does not include mold flash, protrusions or gate burrs.
Mold flash, protrusion and gate burrs shall not exceed 0.15mm
(0.006 inch) per side.
4. Dimension does not include interlead flash or protrusions. Interlead
flash and protrusions shall not exceed 0.25mm (0.010 inch) per
side.
5. The chamfer on the body is optional. If it is not present, a visual index
feature must be located within the crosshatched area.
6. Length of terminal for soldering to a substrate.
7. Terminal numbers are shown for reference only.
8. Dimension does not include dambar protrusion. Allowable
dambar protrusion shall be 0.10mm (0.004 inch) total in excess of
dimension at maximum material condition.
9. Controlling dimension: INCHES. Converted millimeter dimensions
are not necessarily exact.
6
0.25
0.010
GAUGE
PLANE
8


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn