Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6726 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ISL6726
Description  Active Clamp Forward PWM Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6726 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ISL6726 Datasheet HTML 12Page - Renesas Technology Corp ISL6726 Datasheet HTML 13Page - Renesas Technology Corp ISL6726 Datasheet HTML 14Page - Renesas Technology Corp ISL6726 Datasheet HTML 15Page - Renesas Technology Corp ISL6726 Datasheet HTML 16Page - Renesas Technology Corp ISL6726 Datasheet HTML 17Page - Renesas Technology Corp ISL6726 Datasheet HTML 18Page - Renesas Technology Corp ISL6726 Datasheet HTML 19Page - Renesas Technology Corp ISL6726 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
ISL6726
FN7654 Rev 0.00
Page 16 of 21
January 31, 2011
The average current loop bandwidth is normally set much lower
than the switching frequency, typically less than 5kHz and
maybe as slow as a few hundred hertz, depending on the
application requirements. This is especially useful if the
application experiences large surges. The average current loop
can be set to the steady state overcurrent threshold and have a
time response that is longer than the required transient.
Under some conditions it will be necessary to clamp the FB pin
with a Schottky diode to signal ground. If the voltage loop causes
a fast decreasing transient on VERR, the feedback capacitor
between VERR and FB can cause a negative voltage on FB and
violate the absolute maximum rating.
Duty Cycle Clamp
It is very important to control the maximum duty cycle of an
active clamp reset forward converter. The clamp capacitor and
drain-source voltage of the main switch is related to the duty
cycle D by Equation 7. If the duty cycle is not clamped, the FET
drain-source voltage can become quite high and overstress the
FET.
Without the input voltage dependent maximum duty cycle clamp
it is possible to have both high input voltage and high duty cycle
during input voltage or load transients. The duty cycle clamp
reduces the maximum duty cycle as the input voltage increases.
Whereas the maximum duty cycle at minimum input voltage is
large, it is not necessary, nor is it advantageous, to have the
same maximum duty cycle at maximum input voltage. The duty
cycle clamp allows the designer to provide a constant margin of
duty cycle headroom above the steady state operating point to
allow for adequate dynamic response without allowing so much
headroom that it can result in excessive voltage stress on the
FET.
During transients the situation is particularly bad, not only
because of the voltage stress on the power FETs, but also
because the clamp capacitor voltage is not at the steady state
voltage required to properly reset the transformer. The active
clamp forward topology is also know as the optimum reset
topology because the steady state clamp capacitor voltage is
exactly the value required to reset the core during the off time.
However, it can take many switching cycles before the clamp
capacitor voltage reaches a new steady state value after a
change in operating point. If the clamp capacitor voltage is lower
than required, the transformer core is not reset completely and
can lead to transformer saturation after a few switching cycles.
This condition occurs when the input voltage is rapidly
decreased, or when the output load is rapidly increased. Both of
these conditions result in a rapidly increasing duty cycle. If the
duty cycle can increase more quickly than the clamp capacitor
voltage can respond, the core will not be properly reset. One or
the other of these transients can be mitigated by the sizing of
the clamp capacitor value. Smaller values favor input voltage
transient behavior whereas larger values favor load transient
behavior. Most designs favor load transient behavior. In either
case, the maximum duty cycle clamp prevents large duty cycle
increases and limits transformer flux density and FET voltage
stress.
The main output PWM is controlled by the current and voltage
feedback signals. When the feedback loop demands maximum
duty cycle, the duty cycle is limited by the lesser of the input
voltage-dependent duty cycle limiter or the maximum duty cycle
limit of the controller, which is 80% by design.
The input voltage dependent duty cycle limit is inversely
proportional to the input voltage, as shown in Figure 15. The
voltage applied to UV determines the amplitude of the CT
sawtooth waveform, where CTPEAK = 0.8 + 0.8 * UV. Since the
UV turn-on threshold is 1.00V, the minimum amplitude of CT is
1.60V. At UV = 4.00V, the amplitude of CT is 4.00V. The
maximum duty cycle clamp is determined by the voltage applied
to DCLIM and the amplitude of CT. If DCLIM is set to 1.60V or
greater, the maximum duty cycle is 80%. The maximum duty
cycle as a function of UV and DCLIM is:
For most applications the maximum duty cycle will be set for the
minimum operating input voltage, and for which UV is set to
1.00V.
Consequently, the actual duty cycle of the main output, OUTM, is
the minimum of the current mode PWM comparator, the
maximum 80% duty cycle clamp of the controller, or the input
voltage dependent duty cycle clamp.
1V
UV = k*Vin
1.2V
DUTY CYCLE CLAMPED BY UV
5V
MAXIMUM DUTY CYCLE CLAMP
FIGURE 14. DUTY CYCLE CLAMP
Vds
Vin
1D

------------------
=
(EQ. 7)
DMAX
DCLIM 0.8
UV
--------------------------------- DCLIM 0.8 UV 0.8
+
=
0.8 DCLIM 0.8 UV 0.8
+
=
(EQ. 8)


Similar Part No. - ISL6726

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6726 INTERSIL-ISL6726 Datasheet
900Kb / 20P
   Active Clamp Forward PWM Controller
ISL6726 INTERSIL-ISL6726 Datasheet
897Kb / 20P
   Active Clamp Forward PWM Controller
January 31, 2011
ISL6726AAZ INTERSIL-ISL6726AAZ Datasheet
900Kb / 20P
   Active Clamp Forward PWM Controller
ISL6726AAZ INTERSIL-ISL6726AAZ Datasheet
897Kb / 20P
   Active Clamp Forward PWM Controller
January 31, 2011
More results

Similar Description - ISL6726

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6726 INTERSIL-ISL6726 Datasheet
900Kb / 20P
   Active Clamp Forward PWM Controller
ISL6726AAZ INTERSIL-ISL6726AAZ Datasheet
897Kb / 20P
   Active Clamp Forward PWM Controller
January 31, 2011
logo
Linear Technology
LT3753 LINER-LT3753_15 Datasheet
437Kb / 36P
   Active Clamp Synchronous Forward Controller
logo
Texas Instruments
UCC2891 TI-UCC2891 Datasheet
577Kb / 34P
[Old version datasheet]   CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
LM5025 TI1-LM5025_16 Datasheet
1Mb / 32P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
LM5025A TI-LM5025A_15 Datasheet
1Mb / 23P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
logo
National Semiconductor ...
LM5026 NSC-LM5026 Datasheet
936Kb / 23P
   Active Clamp Current Mode PWM Controller
logo
Texas Instruments
LM5025D TI-LM5025D_15 Datasheet
709Kb / 31P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
LM5025B TI1-LM5025B Datasheet
1Mb / 24P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
logo
Supertex, Inc
HV9608 SUTEX-HV9608 Datasheet
181Kb / 6P
   Active Clamp Current-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com