Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6726 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # ISL6726
Description  Active Clamp Forward PWM Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6726 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button ISL6726 Datasheet HTML 11Page - Renesas Technology Corp ISL6726 Datasheet HTML 12Page - Renesas Technology Corp ISL6726 Datasheet HTML 13Page - Renesas Technology Corp ISL6726 Datasheet HTML 14Page - Renesas Technology Corp ISL6726 Datasheet HTML 15Page - Renesas Technology Corp ISL6726 Datasheet HTML 16Page - Renesas Technology Corp ISL6726 Datasheet HTML 17Page - Renesas Technology Corp ISL6726 Datasheet HTML 18Page - Renesas Technology Corp ISL6726 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
ISL6726
FN7654 Rev 0.00
Page 15 of 21
January 31, 2011
(VERR) used by the pulse width modulator. Whichever error
signal, voltage or current, that commands the lower duty cycle is
in control. If the average current is lower than the average
current limit threshold, the current error amplifier has no impact
on VERR and the voltage loop is in control. If the average current
limit threshold is exceeded, however, the current error amplifier
will lower VERR to regulate the output current. The voltage loop
loses control as it must increase the duty cycle to maintain the
output voltage in regulation.
After a 100ns leading edge blanking (LEB) delay, the current
sense signal is sampled for the duration of the on time, the
average current is determined, and the result is amplified by 4x
and output to the IOUT pin at the termination of the OUTM pulse.
Due to the sampling algorithm used, if an RC filter is placed on
the CS input, its time constant should not exceed ~30ns or error
may be introduced on IOUT.
The average current signal on IOUT produces an accurate
representation of the output current provided the converter
operates in continuous conduction mode (CCM). Once the
inductor current becomes discontinuous (DCM operation), IOUT
represents one half of the peak inductor current rather than the
average current. This occurs because the sample and hold
circuitry is active only during the on time of the switching cycle
and cannot determine when the inductor current becomes
discontinuous. It is unable to detect when the inductor current
reaches zero during the off time. This behavior does not affect
the average current limit function, but does have an impact if
IOUT is used for current monitoring functions.
IOUT may be used with the available error amplifier (EA) of the
ISL6726 as shown in Figure 13. The error amplifier is typically
configured as an integrator. As shown in Figure 13, IOUT is
attenuated by resistors R1 and R2 so that the average current
limit threshold can be set independently of the peak current
limit threshold. The integrator bandwidth is determined by R and
C. The current error amplifier is similar to the voltage EA found in
most PWM controllers, except it cannot source current. VERR
requires an external pull-up resistor.
The IEA is configured as an integrating (Type I) amplifier using
ISET as the reference. The voltage applied at FB is integrated
against the ISET reference. The resulting signal, VERR, is applied
to the PWM comparator where it is compared to the current
signal CS. If FB is less than ISET, the IEA will be open loop (can’t
source current), VERR will be at a level determined by the
voltage loop, and the duty cycle is unaffected. As the output load
increases, IOUT will increase, and the voltage applied to FB will
increase until it reaches ISET. At this point the IEA will control
VERR as required to maintain the output current at the level that
corresponds to the ISET reference. When the output current
again drops below the average current limit threshold, the IEA
returns to an open loop condition, and the duty cycle is again
controlled by the voltage loop. The average current control loop
behaves much the same as the voltage control loop found in
typical power supplies except it regulates current rather than
voltage.
FIGURE 11. CS INPUT vs IOUT
Channel 1: OUTM 
             Channel 2: IOUT 
              Channel 4: CS
FIGURE 12. DYNAMIC BEHAVIOR OF CS AND IOUT
Channel 1: OUTM 
             Channel 2: IOUT 
              Channel 4: CS
FIGURE 13. AVERAGE CURRENT CONFIGURATION
+
-
R
R1
R2
C
VERR
ISET
CS
1
2
4
3
5
6
7
8
19
20
11
12
13
14
15
16
IOUT
FB
ISL6726
9
10
17
18
VREF
S&H 4x
RPULL-UP


Similar Part No. - ISL6726

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6726 INTERSIL-ISL6726 Datasheet
900Kb / 20P
   Active Clamp Forward PWM Controller
ISL6726 INTERSIL-ISL6726 Datasheet
897Kb / 20P
   Active Clamp Forward PWM Controller
January 31, 2011
ISL6726AAZ INTERSIL-ISL6726AAZ Datasheet
900Kb / 20P
   Active Clamp Forward PWM Controller
ISL6726AAZ INTERSIL-ISL6726AAZ Datasheet
897Kb / 20P
   Active Clamp Forward PWM Controller
January 31, 2011
More results

Similar Description - ISL6726

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6726 INTERSIL-ISL6726 Datasheet
900Kb / 20P
   Active Clamp Forward PWM Controller
ISL6726AAZ INTERSIL-ISL6726AAZ Datasheet
897Kb / 20P
   Active Clamp Forward PWM Controller
January 31, 2011
logo
Linear Technology
LT3753 LINER-LT3753_15 Datasheet
437Kb / 36P
   Active Clamp Synchronous Forward Controller
logo
Texas Instruments
UCC2891 TI-UCC2891 Datasheet
577Kb / 34P
[Old version datasheet]   CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
LM5025 TI1-LM5025_16 Datasheet
1Mb / 32P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
LM5025A TI-LM5025A_15 Datasheet
1Mb / 23P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
logo
National Semiconductor ...
LM5026 NSC-LM5026 Datasheet
936Kb / 23P
   Active Clamp Current Mode PWM Controller
logo
Texas Instruments
LM5025D TI-LM5025D_15 Datasheet
709Kb / 31P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
LM5025B TI1-LM5025B Datasheet
1Mb / 24P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
logo
Supertex, Inc
HV9608 SUTEX-HV9608 Datasheet
181Kb / 6P
   Active Clamp Current-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com