Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL6726 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part No. ISL6726
Description  Active Clamp Forward PWM Controller
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

ISL6726 Datasheet(HTML) 11 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
ISL6726
FN7654 Rev 0.00
Page 11 of 21
January 31, 2011
Typical Performance Curves
FIGURE 1. OSCILLATOR FREQUENCY vs CT and RTC
FIGURE 2. OSCILLATOR FREQUENCY vs TEMPERATURE
FIGURE 3. DELAY TIME vs RESISTANCE
FIGURE 4. DELAY TIME vs TEMPERATURE (OVERLAP)
FIGURE 5. DELAY TIME vs TEMPERATURE (NON-OVERLAP)
FIGURE 6. VREF vs TEMPERATURE
0.1
1
10
10
100
1000
RTC = 10kΩ
CT (nF)
RTC = 25kΩ
RTC = 50kΩ
-40
-25
-10
5
20
35
50
65
80
95
110
0.990
0.995
1.000
1.005
1.010
TEMPERATURE (°C)
0
20 40 60 80 100 120 140 160 180 200 220 240 260 280 300
0
100
200
300
400
500
600
DELAY RESISTANCE (kΩ)
NON-OVERLAP
OVERLAP
-40
-25
-10
5
20
35
50
65
80
95
110
0.95
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
1.04
1.05
TEMPERATURE (°C)
RDELAY = 20k
RDELAY = 200k
RDELAY = 120k
-40
-25
-10
5
20
35
50
65
80
95
110
0.95
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
1.04
1.05
TEMPERATURE (°C)
RDELAY = 20k
RDELAY = 200k
RDELAY = 120k
-40
-25
-10
5
20
35
50
65
80
95
110
0.990
0.995
1.000
1.005
1.010
TEMPERATURE (°C)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn