Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL6726 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part No. ISL6726
Description  Active Clamp Forward PWM Controller
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

ISL6726 Datasheet(HTML) 10 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
ISL6726
FN7654 Rev 0.00
Page 10 of 21
January 31, 2011
ENABLE
High Level Input Voltage (VIH)
2
V
Low Level Input Voltage (VIL)
0.8
V
Pull-up Resistance, Internal
275
ERROR AMPLIFIER
Operating Input Range
VERR = FB, ISET = 0V, 4V
04.00
V
Unity Gain Band-Width Product
8MHz
FB Bias Current
-1
1
µA
VERR VOL
ILOAD = 5mA, FB = VREF, ISET = 1V
0.40
V
VERR Pull-up Current Source
VERR = FB = 0V, ISET = 1V
100
µA
SYNCHRONIZATION
VIL
0.8
V
VIH
2.0
V
VOL
ILOAD = 10A
100
mV
VOH
ILOAD = -1.0mA
4.0
4.5
V
Source Current
VOH > 2.0V
-10
mA
Sink Current
VOL < 2.5V
10
mA
Output Duration
200
575
ns
Input Duration, Minimum
100
ns
Maximum Frequency, Input
2
MHz
THERMAL PROTECTION
Thermal Shutdown
145
°C
Thermal Shutdown Clear
130
°C
Hysteresis, Internal Protection
15
°C
NOTE:
7. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Electrical Specifications Recommended operating conditions unless otherwise noted. Refer to the Block Diagram on page 4 and the
Typical Application schematics on pages 5 and 6. 8V < VD < 20V, RTC = 10.0kΩ, CT = 470pF, TA = -40°C to +105°C, Typical values are at TA = +25°C.
Boldface limits apply over the operating temperature range, -40°C to +105°C.
(Continued)
PARAMETER
TEST CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNITS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn