Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL6726 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part No. ISL6726
Description  Active Clamp Forward PWM Controller
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

ISL6726 Datasheet(HTML) 9 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
ISL6726
FN7654 Rev 0.00
Page 9 of 21
January 31, 2011
RTC Voltage
RLOAD = Open
UV = 2.00V
1.55
1.60
1.65
V
UV = 4.00V
3.10
3.20
3.30
V
SOFT-START
ISS Charge Current
SS = 2V
-45
-55
-65
µA
ISS Discharge Current, Absolute Value
MODE = 0V, SS = 2V
-45
-55
-65
µA
SS Clamp Voltage
4.5
4.6
4.7
V
Reset Threshold Voltage
SS decreasing
0.15
0.20
0.25
V
SS Discharge Current
MODE = 5V, SS = 2V
10.0
mA
UV UNDERVOLTAGE
Input Voltage Low/Inhibit Threshold
0.97
1.00
1.03
V
Hysteresis, Switched Current Amplitude
6.2
10
14
µA
Input High Clamp Voltage
4.8
V
Input Impedance
1
Maximum Control Voltage
4.20
VREF
V
OUTPUT OUTM, OUTAC
High Level Output Voltage (VOH)
OUTM
VDD - VOUTM or VOUTAC
0.5
V
OUTAC
IOUT = -100mA
1.0
V
Low Level Output Voltage (VOL)
OUTM
IOUT = 100mA
0.5
V
OUTAC
1.0
V
Rise Time
OUTM
CGATE = 1nF, VDD = 8V
15
30
ns
OUTAC
30
60
ns
Fall Time
OUTM
CGATE = 1nF, VDD = 8V
10
20
ns
OUTAC
20
40
ns
UVLO Output Voltage Clamp
VDD = 5V
OUTM, OUTAC ILOAD = 1mA
1.5
V
DCLIM
Input Bias Current
-1
1
µA
Maximum Control Voltage
4.00
VREF
V
MODE
High Level Input Voltage (VIH)
2
V
Low Level Input Voltage (VIL)
0.8
V
Pull-up Resistance, Internal
100
Electrical Specifications Recommended operating conditions unless otherwise noted. Refer to the Block Diagram on page 4 and the
Typical Application schematics on pages 5 and 6. 8V < VD < 20V, RTC = 10.0kΩ, CT = 470pF, TA = -40°C to +105°C, Typical values are at TA = +25°C.
Boldface limits apply over the operating temperature range, -40°C to +105°C.
(Continued)
PARAMETER
TEST CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNITS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn