Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL6726 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part No. ISL6726
Description  Active Clamp Forward PWM Controller
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

ISL6726 Datasheet(HTML) 3 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
ISL6726
FN7654 Rev 0.00
Page 3 of 21
January 31, 2011
12
SLOPE
A slope compensation capacitor is connected between SLOPE and GND. A current source of 100µA charges the capacitor during
the On time and discharges it during the Off time. The amplitude of the signal is multiplied by a gain of 0.2 and summed with the
CS input.
13
OUTAC
The Active Clamp output for driving an external power switch. OUTAC is capable of driving either a p- or n- channel clamp device and
is configured by DELAY.
14
VDD
VDD is the power connection for the IC. To optimize noise immunity, bypass VDD to GND with a ceramic capacitor as close to the
VDD and GND pins as possible. VDD is monitored for undervoltage (UVLO). When VDD is below the UVLO threshold, the IC is disabled
and the reference voltage, VREF, is turned off.
15
OUTM
The main PWM output for driving an external power switch.
16
GND
Logic and power ground for this device. Due to high peak currents and high frequency operation, a low impedance layout is
necessary. Ground planes and short traces are highly recommended.
17
VREF
The 5.00V reference voltage output having a -2/+1.5% tolerance over line, load and operating temperature. Bypass to GND
with a 0.1µF to 2.2µF low ESR capacitor. VREF can source up to 10mA.
18
DELAY
The DELAY pin configures OUTAC for either n-channel or p-channel drive compatibility by setting the phase and the duration when
both the main and active clamp outputs are off. A resistor from DELAY to VREF sets an out-of-phase (non-overlap) relationship for
an n-channel clamp device with adjustable deadtime. A resistor from DELAY to GND sets an in-phase (overlap) relationship for a
p-channel clamp device with an adjustable symmetric non-overlap duration between OUTM and OUTAC.
19
MODE
The MODE pin configures the IC for standard or synchronous rectification operation. If MODE is connected to VREF, standard
rectification operation is selected. Soft-stop and the minimum duty cycle clamp are disabled. If MODE is connected to GND,
synchronous rectification operation is enabled allowing soft-stop and the minimum duty cycle clamp to function.
20
SS
Connect the soft-start timing capacitor between this pin and GND to control the duration of soft-start and soft-stop. The value of the
SS capacitor determines the rate of increase and decrease of the duty cycle during start-up and soft-stop. Soft-stop is
enabled/disabled by MODE.
Pin Descriptions (Continued)
PIN #
SYMBOL
DESCRIPTION
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART MARKING
TEMP.
RANGE (°C)
PACKAGE
(Pb-free)
PKG. DWG.
#
ISL6726AAZ
ISL6726 AAZ
-40 to +105
20 Ld QSOP
M20.15
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL6726. For more information on MSL, please see Technical Brief TB363.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn