Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRD98L56AIV Datasheet(PDF) 3 Page - Exar Corporation

Part # XRD98L56AIV
Description  CCD Image Digitizers with CDS, PGA and 10-Bit A/D
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD98L56AIV Datasheet(HTML) 3 Page - Exar Corporation

  XRD98L56AIV Datasheet HTML 1Page - Exar Corporation XRD98L56AIV Datasheet HTML 2Page - Exar Corporation XRD98L56AIV Datasheet HTML 3Page - Exar Corporation XRD98L56AIV Datasheet HTML 4Page - Exar Corporation XRD98L56AIV Datasheet HTML 5Page - Exar Corporation XRD98L56AIV Datasheet HTML 6Page - Exar Corporation XRD98L56AIV Datasheet HTML 7Page - Exar Corporation XRD98L56AIV Datasheet HTML 8Page - Exar Corporation XRD98L56AIV Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
XRD9855/9856
XRD98L55/98L56
3
Rev. 1.01
PIN CONFIGURATION
48 Lead TQFP (7 x 7 x 1.0 mm)
PIN DESCRIPTION – 48 pin TQFP
Pin #
Symbol
Description
1
NC
No Connect.
2
NC
No Connect.
3
DB2
ADC Output. DB0 is the LSB, DB9 is the MSB.
4
DB3
ADC Output.
5
DB4
ADC Output.
6
DGND
Digital Output Ground.
7
DVDD
Digital Output Power Supply. Must be less than or equal to VDD.
8
DB5
ADC Output.
9
DB6
ADC Output.
10
DB7
ADC Output.
11
NC
No Connect.
12
NC
No Connect.
13
DB8
ADC Output.
14
DB9
ADC Output. MSB
15
OVER
Over Range Output Bit. OVER goes high to indicate the ADC input voltage is
greater than VRT.
36
25
24
13
1
12
37
48
CLAMP
SHD
SHP
RSTCCD
GND
CLK_POL
VDD
SYNC
UNDER
DB0
DB1
NC
DB8
DB9
OVER
OE
VDD
EnableCal
GND
Test
STBY1
STBY2
RESET
SCLK


Similar Part No. - XRD98L56AIV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD98L53 EXAR-XRD98L53 Datasheet
1Mb / 28P
   CCD Image Digitizers with CDS,PGA,and 10-bit A/D
XRD98L53AIV EXAR-XRD98L53AIV Datasheet
1Mb / 28P
   CCD Image Digitizers with CDS,PGA,and 10-bit A/D
XRD98L59 EXAR-XRD98L59 Datasheet
349Kb / 37P
   CCD Image Digitizers with CDS, PGA and 10-Bit A/D
XRD98L59AIG EXAR-XRD98L59AIG Datasheet
349Kb / 37P
   CCD Image Digitizers with CDS, PGA and 10-Bit A/D
More results

Similar Description - XRD98L56AIV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD4460 EXAR-XRD4460 Datasheet
1Mb / 23P
   CCD IMAGE DIGITIZERS WITH CDS, PGA, AND 10-BIT A/D
XRD98L59 EXAR-XRD98L59 Datasheet
349Kb / 37P
   CCD Image Digitizers with CDS, PGA and 10-Bit A/D
XRD4460A EXAR-XRD4460A Datasheet
1Mb / 22P
   CCD IMAGE DIGITIZERS WITH CDS, PGA, AND 10-BIT A/D
XRD9853 EXAR-XRD9853 Datasheet
1Mb / 28P
   CCD Image Digitizers with CDS,PGA,and 10-bit A/D
XRD98L61 EXAR-XRD98L61 Datasheet
406Kb / 37P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L61 EXAR-XRD98L61_01 Datasheet
396Kb / 38P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L62 EXAR-XRD98L62 Datasheet
276Kb / 37P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L63 EXAR-XRD98L63 Datasheet
616Kb / 41P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
logo
Renesas Technology Corp
HD49340F RENESAS-HD49340F Datasheet
240Kb / 23P
   CDS/PGA & 10-bit A/D Converter
HD49340F RENESAS-HD49340F_15 Datasheet
271Kb / 25P
   CDS/PGA & 10-bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com