Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCHM9P8N5-36.0BN-HT2 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # DCHM9P8N5-36.0BN-HT2
Description  High Temprature ?쏡CHM??Dura-Con Micro-D Plug Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

DCHM9P8N5-36.0BN-HT2 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  DCHM9P8N5-36.0BN-HT2 Datasheet HTML 1Page - Bel Fuse Inc. DCHM9P8N5-36.0BN-HT2 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
+1 630.705.6000
inquiry@cinch.com
cinch.com
Dura-Con™
Contact Arrangements
(Face View)
Shell Dimensions
(Plug)
Performance Characteristics
Operating Temperature
-40°C to 175°C (-40°F to 347°F) or -40°C to 200°C (-40°F to 392°F)
Shock
50 G’s per MIL-STD-1344, Method 2004, Condition E (EIA-364-27, Condition E)
Vibration
20 G’s per MIL-STD-1344, Method 2005, Condition IV (EIA-364-28, Condition IV)
Sizes
9, 15, 21, 25, 31 and 37. Please consult factory for larger sizes.
.0254 Typ.
.130
.043
(1.09)
.05 (1.27)
Typ.
D
A
B
C
Two. Mtg. Holes
.096/ .088 Dia.
(2.44/2.24)
.308 Max.
(7.82)
.186
(4.72)
Max.
.416 Max.
(10.57)
.098 Max.
(2.50)
.270
(6.86)
Max.
.100
(2.54)
Max.
No. of
Contacts
A Max.
B Max.
C Max.
D Nominal
In.
mm.
in.
mm.
in.
mm.
in.
mm.
9 Plug
0.785
19.94
0.334
8.48
0.400
10.16
0.565
14.35
15 Plug
0.935
23.74
0.484
12.29
0.550
13.97
0.715
18.16
21 Plug
1.085
27.56
0.634
16.10
0.700
17.78
0.865
21.97
25 plug
1.185
30.10
0.734
18.64
0.800
20.32
0.965
24.51
31 Plug
1.335
33.97
0.884
22.45
0.950
24.13
1.115
28.32
37 Plug
1.485
37.72
1.034
26.26
1.100
27.94
1.265
32.13
Cinch Dura-Con “D”
Insulator Type
H=High Temperature LCP
M=Metal Shell
Contact Positions
xx = 9,15, 21, 25, 31, 37
Contact Type
P = Plug (PIN)
Wire Size (in AWG)
6=26, 8=28
S=Solder Cup
(Skip to Mounting Hardware)
Insulated Wire Type
N = Mil-W-22759/33
DC H M XX P 6 N 6 - 36.0 B N - HT1
Operating Temperature
HT1 = 175°C
HT2 = 200°C
Shell Plating
N = Nickel
Mounting hardware
B = No Hardware
M = Jackscrew Hex Head
Low Profile Per
M83513/05-02
Lead Length
(in Inches)
XX.X
Insulation Color
1 = White
5 = Color Coded Per Mil-Std 681 System 1
6 = Coded Per Mil-Std 681 System 1 First
10 Colors then repeat
How to Order


Similar Part No. - DCHM9P8N5-36.0BN-HT2

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
DCHM9SCBRPN-HT1 BEL-DCHM9SCBRPN-HT1 Datasheet
632Kb / 2P
   High Temperature ?쏡CHM??Dura- ConTM Micro-D Socket PCB Connectors
DCHM9SCBRPN-HT2 BEL-DCHM9SCBRPN-HT2 Datasheet
632Kb / 2P
   High Temperature ?쏡CHM??Dura- ConTM Micro-D Socket PCB Connectors
More results

Similar Description - DCHM9P8N5-36.0BN-HT2

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
DCHMXXSCBRPN-HT1 BEL-DCHMXXSCBRPN-HT1 Datasheet
632Kb / 2P
   High Temperature ?쏡CHM??Dura- ConTM Micro-D Socket PCB Connectors
DCDAXXXX BEL-DCDAXXXX Datasheet
81Kb / 2P
   DURA-CON ALL PLASTIC MICRO-D, SOLDER CUP AND WIRE TERMINATED
3/14/22
logo
List of Unclassifed Man...
DCDM9SSB ETC2-DCDM9SSB Datasheet
839Kb / 37P
   Dura-Con High Reliability All-Plastic
logo
Glenair, Inc.
M83513-06-A GLENAIR-M83513-06-A Datasheet
113Kb / 1P
   Micro-D Connectors
M83513-16-A01CN GLENAIR-M83513-16-A01CN Datasheet
240Kb / 4P
   Micro-D Connectors
M83513-28-A01CN GLENAIR-M83513-28-A01CN Datasheet
515Kb / 4P
   Micro-D Connectors
M83513-10-A01CN GLENAIR-M83513-10-A01CN Datasheet
370Kb / 4P
   Micro-D Connectors
M83513-22-A01CN GLENAIR-M83513-22-A01CN Datasheet
202Kb / 4P
   Micro-D Connectors
M83513-08-A01 GLENAIR-M83513-08-A01 Datasheet
92Kb / 2P
   Micro-D Connectors
logo
Bel Fuse Inc.
DCDH-15PSBN BEL-DCDH-15PSBN Datasheet
576Kb / 6P
   Dura-ConTM Hermetic Connectors Standard Connectors With High Performance Hermetic Seals Catalog
rev03 05012019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com