Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUW-E6SG Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LUW-E6SG
Description  white P-LCC-4 package, colored diffused silicone resin
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUW-E6SG Datasheet(HTML) 5 Page - OSRAM GmbH

  LUW-E6SG Datasheet HTML 1Page - OSRAM GmbH LUW-E6SG Datasheet HTML 2Page - OSRAM GmbH LUW-E6SG Datasheet HTML 3Page - OSRAM GmbH LUW-E6SG Datasheet HTML 4Page - OSRAM GmbH LUW-E6SG Datasheet HTML 5Page - OSRAM GmbH LUW-E6SG Datasheet HTML 6Page - OSRAM GmbH LUW-E6SG Datasheet HTML 7Page - OSRAM GmbH LUW-E6SG Datasheet HTML 8Page - OSRAM GmbH LUW-E6SG Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
LUW E6SG
2012-08-21
5
Farbortgruppen
5) Seite 17
Chromaticity Coordinate Groups
5) page 17
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
4N
0,287
0,243
4P
0,283
0,248
4Q
0,279
0,254
0,283
0,248
0,279
0,254
0,273
0,261
0,296
0,276
0,293
0,282
0,289
0,291
0,299
0,269
0,296
0,276
0,293
0,282
5N
0.299
0.269
5P
0.296
0.276
5Q
0.293
0.282
0.296
0.276
0.293
0.282
0.289
0.291
0.309
0.302
0.307
0.311
0.305
0.322
0.311
0.293
0.309
0.302
0.307
0.311
6N
0.311
0.293
6P
0.309
0.302
6Q
0.307
0.311
0.309
0.302
0.307
0.311
0.305
0.322
0.322
0.328
0.317
0.331
0.317
0.346
0.323
0.317
0.317
0.318
0.317
0.331
7N
0.323
0.317
7P
0.317
0.318
7Q
0.317
0.331
0.322
0.328
0.317
0.331
0.317
0.346
0.338
0.360
0.334
0.365
0.324
0.360
0.337
0.346
0.338
0.360
0.334
0.365
0.1
0
0
0.2
480
0.1
460
450
0.2
470
0.3 0.4 0.5 0.6
Cx
0.7 0.8 0.9
0.8
0.5
0.3
0.4
Cy
0.6
0.7
490
500
510
0.9
520
530
600
540
550
560
580
590
570
630
610
620
OHA03767
Cx
Cy
0.20
4N
5N
5Q
5P
6P
6Q
7P
7Q
0.21
0.22
0.23
0.24
0.25
0.26
0.27
0.28
0.29
0.30
0.31
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
4Q
4P
6N
7N
+
E


Similar Part No. - LUW-E6SG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUW-C9EN OSRAM-LUW-C9EN Datasheet
380Kb / 18P
   SMD ceramic package with diffused silicone resin
LUW-C9EP OSRAM-LUW-C9EP Datasheet
616Kb / 18P
   SMD ceramic package with diffused silicone resin
LUW-C9SN OSRAM-LUW-C9SN Datasheet
369Kb / 18P
   SMD ceramic package with silicon resin
LUW-C9SP OSRAM-LUW-C9SP Datasheet
590Kb / 18P
   SMD ceramic package with silicon resin
LUW-CEUN.CE OSRAM-LUW-CEUN.CE Datasheet
764Kb / 23P
   Ceramic package
More results

Similar Description - LUW-E6SG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUWE6SG OSRAM-LUWE6SG Datasheet
379Kb / 17P
   white P-LCC-4 package, colored diffused silicone resin
LCWE6SG OSRAM-LCWE6SG Datasheet
708Kb / 18P
   white P-LCC-4 package, colored diffused silicone resin
LCW-E6SG OSRAM-LCW-E6SG Datasheet
708Kb / 18P
   white P-LCC-4 package, colored diffused silicone resin
LWWWG6SG OSRAM-LWWWG6SG Datasheet
612Kb / 19P
   white P-LCC-6 package, colored diffused silicone resin
LCW-G6SP OSRAM-LCW-G6SP Datasheet
699Kb / 21P
   white P-LCC-6 package, colored diffused silicone resin
LW-T676 OSRAM-LW-T676 Datasheet
219Kb / 15P
   white P-LCC-2 package, colored diffused resin
LWT676 OSRAM-LWT676 Datasheet
219Kb / 15P
   white P-LCC-2 package, colored diffused resin
LRTBG6SG OSRAM-LRTBG6SG Datasheet
854Kb / 23P
   white P-LCC-6 package, diffused silicone resin
LRTB-G6SG OSRAM-LRTB-G6SG Datasheet
354Kb / 23P
   white P-LCC-6 package, diffused silicone resin
LW-ETSG OSRAM-LW-ETSG Datasheet
642Kb / 23P
   white PLCC-4 package, colored diffused silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com