Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUW-CVBP.CE Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LUW-CVBP.CE
Description  SMD ceramic package with silicone resin with lens
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUW-CVBP.CE Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LUW-CVBP.CE Datasheet HTML 6Page - OSRAM GmbH LUW-CVBP.CE Datasheet HTML 7Page - OSRAM GmbH LUW-CVBP.CE Datasheet HTML 8Page - OSRAM GmbH LUW-CVBP.CE Datasheet HTML 9Page - OSRAM GmbH LUW-CVBP.CE Datasheet HTML 10Page - OSRAM GmbH LUW-CVBP.CE Datasheet HTML 11Page - OSRAM GmbH LUW-CVBP.CE Datasheet HTML 12Page - OSRAM GmbH LUW-CVBP.CE Datasheet HTML 13Page - OSRAM GmbH LUW-CVBP.CE Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
2015-11-26
10
Version 1.7
LUW CVBP.CE
Relative Forward Voltage 5) page 21
Relative Vorwärtsspannung 5) Seite 21
ΔVF = VF - VF(25 °C) = f(Tj); IF = 350 mA
Relative Luminous Flux 5) page 21
Relativer Lichtstrom 5) Seite 21
ΦVV(25 °C) = f(Tj); IF = 350 mA
Chromaticity Coordinate Shift 5) page 21
Farbortverschiebung 5) Seite 21
ΔCx, ΔCy = f(Tj); IF = 350 mA
LUW CVBP.CE
-40 -20
0
20
40
60
80 100 120 140
Tj [°C]
-0,3
-0,2
-0,1
0,0
0,1
0,2
0,3
∆VF [V]
: white
LUW CVBP.CE
-40 -20
0
20
40
60
80 100 120 140
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Φv
Φ
v(25°C)
: white
LUW CVBP.CE
-40 -20
0
20
40
60
80 100 120 140
Tj [°C]
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
∆Cx
∆Cy
: Cx
: Cy


Similar Part No. - LUW-CVBP.CE

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUW-C9EN OSRAM-LUW-C9EN Datasheet
380Kb / 18P
   SMD ceramic package with diffused silicone resin
LUW-C9EP OSRAM-LUW-C9EP Datasheet
616Kb / 18P
   SMD ceramic package with diffused silicone resin
LUW-C9SN OSRAM-LUW-C9SN Datasheet
369Kb / 18P
   SMD ceramic package with silicon resin
LUW-C9SP OSRAM-LUW-C9SP Datasheet
590Kb / 18P
   SMD ceramic package with silicon resin
LUW-CEUN.CE OSRAM-LUW-CEUN.CE Datasheet
764Kb / 23P
   Ceramic package
More results

Similar Description - LUW-CVBP.CE

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LT-CN5M OSRAM-LT-CN5M Datasheet
1Mb / 21P
   SMD ceramic package with silicone resin with lens
LB-CL7P OSRAM-LB-CL7P Datasheet
578Kb / 21P
   SMD ceramic package with silicone resin with lens
LD-CN5M OSRAM-LD-CN5M Datasheet
973Kb / 21P
   SMD ceramic package with silicone resin with lens
LY-CN5M OSRAM-LY-CN5M Datasheet
3Mb / 21P
   SMD ceramic package with silicone resin with lens
LUW-CN5M OSRAM-LUW-CN5M Datasheet
919Kb / 21P
   SMD ceramic package with silicone resin with lens
LMWCNAP-6J7K-37-DF-LH OSRAM-LMWCNAP-6J7K-37-DF-LH Datasheet
419Kb / 22P
   SMD ceramic package with silicone resin with lens
LJCKBP-JZKZ-25-1 OSRAM-LJCKBP-JZKZ-25-1 Datasheet
977Kb / 22P
   SMD ceramic package with silicone resin with lens
LUWCVBP.CE OSRAM-LUWCVBP.CE Datasheet
758Kb / 22P
   SMD ceramic package with silicone resin with lens
LY-CKBP OSRAM-LY-CKBP Datasheet
618Kb / 22P
   SMD ceramic package with silicone resin with lens
LTCN5M OSRAM-LTCN5M Datasheet
1Mb / 21P
   SMD ceramic package with silicone resin with lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com