Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W523AXXX Datasheet(PDF) 6 Page - Winbond

Part # W523AXXX
Description  HIGH FIDELITY POWER SPEECH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W523AXXX Datasheet(HTML) 6 Page - Winbond

Back Button W523AXXX Datasheet HTML 2Page - Winbond W523AXXX Datasheet HTML 3Page - Winbond W523AXXX Datasheet HTML 4Page - Winbond W523AXXX Datasheet HTML 5Page - Winbond W523AXXX Datasheet HTML 6Page - Winbond W523AXXX Datasheet HTML 7Page - Winbond W523AXXX Datasheet HTML 8Page - Winbond W523AXXX Datasheet HTML 9Page - Winbond W523AXXX Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
W523AXXX
- 6 -
5.1.1 MODE0 Register
BIT
DESCRIPTION
DEFINITION
1: Flash
7
LED mode
0: DC
1: LED2 output
6
LED2/STPC
pin selection
0: STPC output
1: Long
4
Debounce time
0: Short
1: STPA output
2
STPA/BUSY
pin selection
0: BUSY output
5,3,1,0
X
Don’t care
The MODE0.7 bit defines the output type of LED1 and LED2 pins as Flash output (3 Hz) or DC output.
The MODE0.6 bit defines the configuration of LED2/STPC pin’s status as LED2 output or STPC
output. The MODE0.4 bit defines the trigger pin’s debounce time as long debounce (50 mS) or short
debounce (400 uS). The MODE0.2 bit defines the behavior of the STPA/BUSY pin as STPA output in
normal mode or BUSY signal output in CPU mode. The bits 5, 3, 1 and 0 are don’t care bits.
5.1.2 MODE1 Register
BIT
DESCRIPTION
DEFINITION
7, 6, 1, 0
X
Don’t care
1: Alternate
5
LED Flash type
0: Synchronous
1: YES
4
LED1 section
control
0: NO
1: SECTION control
3
LED2 control
0: STPC control
1: OFF
2
LED1 volume
control
0: ON
MODE1.5 is for LED flash type control. MODE1.4 is for LED1 section control ON/OFF. MODE1.3 is for
LED2 Section/STPC control. MODE1.2 is for LED1 volume control.


Similar Part No. - W523AXXX

ManufacturerPart #DatasheetDescription
logo
Winbond
W5231 WINBOND-W5231 Datasheet
83Kb / 6P
   Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
W5232 WINBOND-W5232 Datasheet
83Kb / 6P
   Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
W5233 WINBOND-W5233 Datasheet
83Kb / 6P
   Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
W5234 WINBOND-W5234 Datasheet
83Kb / 6P
   Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
W523M02 WINBOND-W523M02 Datasheet
92Kb / 14P
   HIGH FIDELITY PowerSpeech-TM
More results

Similar Description - W523AXXX

ManufacturerPart #DatasheetDescription
logo
Winbond
W5830 WINBOND-W5830 Datasheet
123Kb / 14P
   HIGH FIDELITY Power Speech
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
logo
Winbond
W523SXX WINBOND-W523SXX Datasheet
92Kb / 14P
   HIGH FIDELITY PowerSpeech-TM
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_08 Datasheet
731Kb / 26P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_07 Datasheet
607Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI1-TPA6120A2 Datasheet
2Mb / 31P
[Old version datasheet]   High Fidelity Headphone Amplifier
logo
Analog Devices
SSM6322 AD-SSM6322 Datasheet
518Kb / 20P
   High Fidelity, Low Power, Integrated Stereo Audio Amplifier
logo
Texas Instruments
TLV320DAC3202 TI1-TLV320DAC3202 Datasheet
605Kb / 19P
[Old version datasheet]   LOW POWER HIGH FIDELITY I2S INPUT HEADSET IC
logo
Synaptics Incorporated.
CX20708 CONEXANT-CX20708 Datasheet
110Kb / 2P
   High Fidelity 16-bit ADC
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_15 Datasheet
2Mb / 31P
[Old version datasheet]   TPA6120A2 High Fidelity Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com