Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC566 Datasheet(PDF) 2 Page - Analog Devices

Part # HMC566
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC566 Datasheet(HTML) 2 Page - Analog Devices

  HMC566 Datasheet HTML 1Page - Analog Devices HMC566 Datasheet HTML 2Page - Analog Devices HMC566 Datasheet HTML 3Page - Analog Devices HMC566 Datasheet HTML 4Page - Analog Devices HMC566 Datasheet HTML 5Page - Analog Devices HMC566 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1
1 - 91
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input Return Loss vs. Temperature
Output Return Loss vs. Temperature
Broadband Gain & Return Loss
Gain vs. Temperature
Noise Figure vs. Temperature
-25
-20
-15
-10
-5
0
5
10
15
20
25
24
26
28
30
32
34
36
38
40
S21
S11
S22
FREQUENCY (GHz)
HMC566
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 29 - 36 GHz
v00.0306
Reverse Isolation vs. Temperature
-12
-10
-8
-6
-4
-2
0
27
28
29
30
31
32
33
34
35
36
37
38
+25C
+85C
-55C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
27
28
29
30
31
32
33
34
35
36
37
38
+25C
+85C
-55C
FREQUENCY (GHz)
-50
-40
-30
-20
-10
0
27
28
29
30
31
32
33
34
35
36
37
38
+25C
+85C
-55C
FREQUENCY (GHz)
0
2
4
6
8
10
27
28
29
30
31
32
33
34
35
36
37
38
+25C
+85C
-55C
FREQUENCY (GHz)
5
10
15
20
25
30
27
28
29
30
31
32
33
34
35
36
37
38
+25C
+85C
-55C
FREQUENCY (GHz)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC566

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC566 HITTITE-HMC566 Datasheet
317Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 29 - 36 GHz
HMC566 HITTITE-HMC566 Datasheet
247Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 29 - 36 GHz
logo
Micross Components
HMC566 MICROSS-HMC566 Datasheet
892Kb / 9P
   Point-to-Point Radios
logo
Hittite Microwave Corpo...
HMC566LP4E HITTITE-HMC566LP4E Datasheet
961Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 28 - 36 GHz
HMC566LP4E HITTITE-HMC566LP4E Datasheet
263Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 28 - 36 GHz
More results

Similar Description - HMC566

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC462LP5 AD-HMC462LP5 Datasheet
375Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC1049 AD-HMC1049 Datasheet
272Kb / 14P
   GaAs pHEMT MMIC Low Noise Amplifier
HMC342LC4 AD-HMC342LC4 Datasheet
340Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC460 AD-HMC460 Datasheet
506Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC462 AD-HMC462 Datasheet
443Kb / 8P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC518 AD-HMC518 Datasheet
625Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC566LP4E AD-HMC566LP4E Datasheet
412Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC376LP3 AD-HMC376LP3 Datasheet
316Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC460LC5 AD-HMC460LC5 Datasheet
1Mb / 7P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER,
HMC372LP3 AD-HMC372LP3 Datasheet
393Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com