Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC564LC4TR Datasheet(PDF) 2 Page - Analog Devices

Part # HMC564LC4TR
Description  GaAs SMT pHEMT LOW NOISE AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC564LC4TR Datasheet(HTML) 2 Page - Analog Devices

  HMC564LC4TR Datasheet HTML 1Page - Analog Devices HMC564LC4TR Datasheet HTML 2Page - Analog Devices HMC564LC4TR Datasheet HTML 3Page - Analog Devices HMC564LC4TR Datasheet HTML 4Page - Analog Devices HMC564LC4TR Datasheet HTML 5Page - Analog Devices HMC564LC4TR Datasheet HTML 6Page - Analog Devices HMC564LC4TR Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HMC564LC4
v08.0618
GaAs SMT pHEMT LOW NOISE
AMPLIFIER, 7 - 14 GHz
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
2
Input Return Loss vs. Temperature
Output Return Loss vs. Temperature
Broadband Gain & Return Loss
Gain vs. Temperature
-25
-20
-15
-10
-5
0
5
10
15
20
25
0
4
8
12
16
20
S21
S11
S22
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
6
7
8
9
10
11
12
13
14
15
+25C
+85C
-40C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
6
7
8
9
10
11
12
13
14
15
+25C
+85C
-40C
FREQUENCY (GHz)
0
5
10
15
20
25
6
7
8
9
10
11
12
13
14
15
+25C
+85C
-40C
FREQUENCY (GHz)
Output IP3 vs. Temperature
Noise Figure vs. Temperature
0
1
2
3
4
5
6
6
7
8
9
10
11
12
13
14
15
+25C
+85C
-40C
FREQUENCY (GHz)
5
10
15
20
25
30
35
6
7
8
9
10
11
12
13
14
15
+25C
+85C
-40C
FREQUENCY (GHz)


Similar Part No. - HMC564LC4TR

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC564LC4 HITTITE-HMC564LC4 Datasheet
233Kb / 6P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER, 7 - 14 GHz
HMC564LC4 HITTITE-HMC564LC4 Datasheet
267Kb / 6P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER, 7 - 14 GHz
HMC564LC4 HITTITE-HMC564LC4_09 Datasheet
233Kb / 6P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER, 7 - 14 GHz
More results

Similar Description - HMC564LC4TR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC565LC5 AD-HMC565LC5 Datasheet
1Mb / 6P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER
HMC618ALP3E AD-HMC618ALP3E Datasheet
865Kb / 14P
   GaAs SMT pHEMT LOW NOISE AMPLIFIER
HMC341LC3B AD-HMC341LC3B Datasheet
333Kb / 6P
   SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC374SC70E AD-HMC374SC70E Datasheet
530Kb / 6P
   GaAs pHEMT LOW NOISE AMPLIFIER
HMC751LC4 AD-HMC751LC4 Datasheet
352Kb / 6P
   SMT pHEMT LOW NOISE AMPLIFIER,
logo
Hittite Microwave Corpo...
HMC565LC5 HITTITE-HMC565LC5_09 Datasheet
226Kb / 6P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER, 6 - 20 GHz
HMC616LP3 HITTITE-HMC616LP3_10 Datasheet
1Mb / 10P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER, 175 - 660 MHz
logo
Analog Devices
HMC517LC4 AD-HMC517LC4 Datasheet
1Mb / 6P
   SMT PHEMT LOW NOISE AMPLIFIER
logo
Hittite Microwave Corpo...
HMC758LP3 HITTITE-HMC758LP3 Datasheet
403Kb / 8P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER, 700 - 2200 MHz
HMC618LP3 HITTITE-HMC618LP3_11 Datasheet
1Mb / 14P
   GaAs SMT pHEMT LOW NOISE AMPLIFIER, 1.2 - 2.2 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com