Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP131A1520SR Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XP131A1520SR
Description  Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XP131A1520SR Datasheet(HTML) 2 Page - Torex Semiconductor

  XP131A1520SR Datasheet HTML 1Page - Torex Semiconductor XP131A1520SR Datasheet HTML 2Page - Torex Semiconductor XP131A1520SR Datasheet HTML 3Page - Torex Semiconductor XP131A1520SR Datasheet HTML 4Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
XP131A1520SR
Power MOSFET
362
u
■ Electrical Characteristics
DC characteristics
Ta=25
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Drain Cut-off Current
Idss
Vds = 30 , Vgs = 0V
10
µA
Gate-Source Leakage Current
Igss
Vgs =
± 20 , Vds = 0V
± 1
µA
Gate-Source Cut-off Voltage
Vgs (off )
Id = 1mA , Vds = 10V
1.0
2.5
V
Drain-Source On-state Resistance
Id = 5A , Vgs = 10V
0.0120.015
( note )
Id = 5A , Vgs = 4.5V
0.016
0.02
Forward Transfer Admittance
( note )
Body Drain Diode
Forward Voltage
( note ) : Effective during pulse test.
Dynamic characteristics
Ta=25
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Capacitance
Ciss
1370
pF
Output Capacitance
Coss
Vds = 10V , Vgs = 0V
740
pF
Feedback Capacitance
Crss
f = 1 MHz
280
pF
Switching characteristics
Ta=25
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Turn-on Delay Time
td ( on )
20
ns
Rise Time
tr
Vgs = 5V , Id = 5A
25
ns
Turn-off Delay Time
td ( off )
Vdd = 10V
40
ns
Fall Time
tf
20
ns
Thermal characteristics
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Thermal Resistance
Implement on a glass epoxy
( channel - surroundings )
resin PCB
Id = 5A , Vds = 10V
| Yfs |
Rds ( on )
S
20
°C / W
50
Rth ( ch - a )
Vf
If = 10A , Vgs = 0V
V
0.8
1.1


Similar Part No. - XP131A1520SR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XP131A1520SR TOREX-XP131A1520SR Datasheet
442Kb / 5P
   Power MOSFET
XP131A1520SR TOREX-XP131A1520SR_1 Datasheet
442Kb / 5P
   Power MOSFET
More results

Similar Description - XP131A1520SR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com