Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W536120A Datasheet(PDF) 11 Page - Winbond

Part # W536120A
Description  VOICE/ MELODY / LCD CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W536120A Datasheet(HTML) 11 Page - Winbond

Back Button W536120A Datasheet HTML 4Page - Winbond W536120A Datasheet HTML 5Page - Winbond W536120A Datasheet HTML 6Page - Winbond W536120A Datasheet HTML 7Page - Winbond W536120A Datasheet HTML 8Page - Winbond W536120A Datasheet HTML 9Page - Winbond W536120A Datasheet HTML 10Page - Winbond W536120A Datasheet HTML 11Page - Winbond W536120A Datasheet HTML 12Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image








 



Publication Release Date:April 2000
- 11 -
Revision A6
APPLICATION CIRCUIT--1: Sub clock with RC mode
VLCD> (VDD-0.5v)
Panel
W536xxxA
RC0~3
RD0~3
RA0~3
RB0~3
RE0~3
X32IN
X32O
Battery
R4
C10
VDDP
R1
R3
ROSC
XIN
RES
C9
VDDP
PWMN
PWMP/DAC
RF0~3
(
*
2)
R5
C4
V4
C6
V6
C5
V5
C2
V2
C3
V3
C1
DH2
DH1
470
(*3)
(*1)
VDD
C11
R2
VDD
+-
Component
C1~C6
C7,C8
C9,C10
C11
R1
R2
R3
R4
Value
0.1uF
-
0.1uF
1uF
680K
680K
680Kohm/1Mhz
330Kohm/2Mhz
200Kohm/3Mhz
130Kohm/4Mhz
100
Note:
(1) C1~C6 depends on LCD panel dot size.
(2) Option R5 equals to 100
Ω if high noise immunity is needed.
(3) For DAC option application.
(4) To sure chip operation properly, please bond all VDDP, VDD, VSSP and VSS .


Similar Part No. - W536120A

ManufacturerPart #DatasheetDescription
logo
Winbond
W536120K WINBOND-W536120K Datasheet
669Kb / 16P
   VOICE/MELODY/LCD CONTROLLER (ViewTalk TM Series)
W536120P WINBOND-W536120P Datasheet
596Kb / 14P
   VOICE & MELODY CONTROLLER
W536120T WINBOND-W536120T Datasheet
702Kb / 16P
   VOICE/MELODY/LCD CONTROLLER
More results

Similar Description - W536120A

ManufacturerPart #DatasheetDescription
logo
Winbond
W536030T WINBOND-W536030T Datasheet
702Kb / 16P
   VOICE/MELODY/LCD CONTROLLER
W536A031 WINBOND-W536A031 Datasheet
643Kb / 16P
   VOICE/MELODY/LCD CONTROLLER
logo
SONiX Technology Compan...
SN6A513 SONIX-SN6A513 Datasheet
191Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
logo
Winbond
W536030P WINBOND-W536030P Datasheet
596Kb / 14P
   VOICE & MELODY CONTROLLER
logo
SONiX Technology Compan...
SN6A297 SONIX-SN6A297 Datasheet
135Kb / 6P
   LCD Controller with Voice/Dual Tone Melody
SN69040 SONIX-SN69040 Datasheet
229Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
SN6A509 SONIX-SN6A509 Datasheet
232Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
SN6A512 SONIX-SN6A512 Datasheet
233Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
SN6A264 SONIX-SN6A264 Datasheet
233Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
SN6A510B SONIX-SN6A510B Datasheet
359Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com