Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSC128-9iRG Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # PSC128-9iRG
Description  Positive Switching Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

PSC128-9iRG Datasheet(HTML) 6 Page - Bel Fuse Inc.

Back Button PSC128-9iRG Datasheet HTML 2Page - Bel Fuse Inc. PSC128-9iRG Datasheet HTML 3Page - Bel Fuse Inc. PSC128-9iRG Datasheet HTML 4Page - Bel Fuse Inc. PSC128-9iRG Datasheet HTML 5Page - Bel Fuse Inc. PSC128-9iRG Datasheet HTML 6Page - Bel Fuse Inc. PSC128-9iRG Datasheet HTML 7Page - Bel Fuse Inc. PSC128-9iRG Datasheet HTML 8Page - Bel Fuse Inc. PSC128-9iRG Datasheet HTML 9Page - Bel Fuse Inc. PSC128-9iRG Datasheet HTML 10Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
PSC, PSL Series Data Sheet
Positive Switching Regulators
MELCHER
The Power Partners.
BCD20027-G Rev
AC1, 12-Apr-2018
Page 6 of 19
Electrical Input Data
General Conditions: TA = 25 °C, unless TC is specified
Table 3a: Input data
Input
PSC5A11-2
PSC129-2
Unit
Characteristics
Conditions
min
typ
max
min
typ
max
Vi
Operating input voltage
Io = 0 – Io nom
840
15
40
V
∆V
io min
Min. diff. voltage Vi – Vo
TC min – TC max
2.9
3
Vi UVL
Undervoltage lockout
7.3
7.3
Ii 0
No load input current
Io = 0, Vi min – Vi max
50
50
mA
Iinr p
Peak value of inrush current
Vi nom
150
150
A
tinr r
Rise time of inrush current
Vi nom
55
µs
Vi RFI
EN 55011, 0.15 – 30 MHz
Vi nom, Io nom,
A
A
Class
Table 3b: Input data
Input
PSC159-2
PSC249-2
Unit
Characteristics
Conditions
min
typ
max
min
typ
max
Vi
Operating input voltage
Io = 0 – Io nom
19
40
29
60
V
∆V
io min
Min. diff. voltage Vi – Vo
TC min – TC max
45
Vi UVL
Undervoltage lockout
7.3
12
Ii 0
No load input current
Io = 0, Vi min – Vi max
50
50
mA
Iinr p
Peak value of inrush current
Vi nom
250
250
A
tinr r
Rise time of inrush current
Vi nom
55
µs
Vi RFI
EN 55011, 0.15 – 30 MHz
Vi nom, Io nom
A
A
Class
Table 3c: Input data
Input
PSC5A12
PSC5A10
PSC128
Unit
PSL5A12
PSL5A10
PSL128
Characteristics
Conditions
min
typ
max
min
typ
max
min
typ
max
Vi
Operating input voltage
Io = 0 – Io nom
7
40
8
80
15
80
V
∆V
io min
Min. diff. voltage Vi – Vo
TC min – TC max
1.9
2.9
3
Vi UVL
Undervoltage lockout
6.3
7.3
7.3
Ii 0
No load input current
Io = 0, Vi min – Vi max
45
40
35
mA
Iinr p
Peak value of inrush current
Vi nom
without L
150
250
250
A
with opt. L
250
350
350
tinr r
Rise time of inrush current
without L
5
5
5
µs
with opt. L
25
25
25
Vi RFI
EN 55011, 0.15 – 30 MHz
Vi nom, Io nom
B 1
B 1
B 1
Class
1
With option L and an additional external input cap C ext = 120 µF/100 V, e.g., Nichicon or similar


Similar Part No. - PSC128-9iRG

ManufacturerPart #DatasheetDescription
logo
Power-One
PSC128-7IR POWER-ONE-PSC128-7IR Datasheet
54Kb / 4P
   6...12 A Switching Regulators
PSC128-7IR POWER-ONE-PSC128-7IR Datasheet
213Kb / 3P
   6 to 12 A Switching Regulators
More results

Similar Description - PSC128-9iRG

ManufacturerPart #DatasheetDescription
logo
Power-One
PSA POWER-ONE-PSA_1 Datasheet
207Kb / 11P
   Positive Switching Regulators
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com